Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT158N Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części 74HCT158N
Szczegółowy opis  Quad 2-input multiplexer; inverting
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT158N Arkusz danych(HTML) 6 Page - NXP Semiconductors

  74HCT158N Datasheet HTML 1Page - NXP Semiconductors 74HCT158N Datasheet HTML 2Page - NXP Semiconductors 74HCT158N Datasheet HTML 3Page - NXP Semiconductors 74HCT158N Datasheet HTML 4Page - NXP Semiconductors 74HCT158N Datasheet HTML 5Page - NXP Semiconductors 74HCT158N Datasheet HTML 6Page - NXP Semiconductors 74HCT158N Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
December 1990
6
Philips Semiconductors
Product specification
Quad 2-input multiplexer; inverting
74HC/HCT158
DC CHARACTERISTICS FOR 74HCT
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: MSI
Note to HCT types
The value of additional quiescent supply current (
∆ICC) for a unit load of 1 is given in the family specifications. To
determine
∆ICC per input, multiply this value by the unit load coefficient shown in the table below.
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr = tf = 6 ns; CL = 50 pF
INPUT
UNIT LOAD COEFFICIENT
nI0
0.40
nI1
0.40
S
2.80
E
0.60
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to +125
min.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
nI0, nI1 to nY
16
30
38
45
ns
4.5
Fig.7
tPHL/ tPLH
propagation delay
E to nY
19
35
44
53
ns
4.5
Fig.6
tPHL/ tPLH
propagation delay
S to nY
19
35
44
53
ns
4.5
Fig.7
tTHL/ tTLH
output transition
time
7
15
19
22
ns
4.5
Figs 6 and 7


Podobny numer części - 74HCT158N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT151 PHILIPS-74HCT151 Datasheet
48Kb / 7P
   8-input multiplexer
December 1990
logo
Nexperia B.V. All right...
74HCT151 NEXPERIA-74HCT151 Datasheet
280Kb / 16P
   8-input multiplexer
Rev. 10 - 19 October 2022
logo
NXP Semiconductors
74HCT151D PHILIPS-74HCT151D Datasheet
48Kb / 7P
   8-input multiplexer
December 1990
logo
Nexperia B.V. All right...
74HCT151D NEXPERIA-74HCT151D Datasheet
280Kb / 16P
   8-input multiplexer
Rev. 10 - 19 October 2022
74HCT151D-Q100 NEXPERIA-74HCT151D-Q100 Datasheet
764Kb / 17P
   8-input multiplexer
More results

Podobny opis - 74HCT158N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10159 ONSEMI-MC10159_02 Datasheet
89Kb / 4P
   Quad 2-Input Multiplexer (Inverting)
January, 2002 ??Rev. 7
MC10159 ONSEMI-MC10159 Datasheet
109Kb / 4P
   Quad 2-Input Multiplexer(Inverting)
1996 REV 5
logo
NXP Semiconductors
74HC158 PHILIPS-74HC158_15 Datasheet
90Kb / 16P
   Quad 2-input multiplexer; inverting
Rev. 03-12 November 2004
logo
ON Semiconductor
MC10H159 ONSEMI-MC10H159 Datasheet
104Kb / 4P
   Quad 2-Input Multiplexer(Inverting)
1996 REV 5
logo
Nexperia B.V. All right...
74HC158 NEXPERIA-74HC158 Datasheet
693Kb / 16P
   Quad 2-input multiplexer; inverting
Rev. 4 - 23 December 2015
logo
ON Semiconductor
MC10158 ONSEMI-MC10158_02 Datasheet
88Kb / 4P
   Quad 2-Input Multiplexer (Non-Inverting)
January, 2002 ??Rev. 7
MC10158 ONSEMI-MC10158 Datasheet
107Kb / 4P
   Quad 2-Input Multiplexer(Non-Inverting)
1996 REV 5
logo
Intersil Corporation
CD54AC157 INTERSIL-CD54AC157 Datasheet
8Kb / 1P
   Quad 2-Input Multiplexer Non-Inverting
June 1997
logo
ON Semiconductor
MC10H158 ONSEMI-MC10H158 Datasheet
103Kb / 4P
   Quad 2-Input Multiplexer(Non-Inverting)
REV 5
logo
NXP Semiconductors
74HC258 NXP-74HC258 Datasheet
100Kb / 14P
   Quad 2-input multiplexer; 3-state; inverting
Rev. 04-14 April 2008
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com