Zakładka z wyszukiwarką danych komponentów |
|
74HCT165 Arkusz danych(PDF) 4 Page - NXP Semiconductors |
|
74HCT165 Arkusz danych(HTML) 4 Page - NXP Semiconductors |
4 / 10 page December 1990 4 Philips Semiconductors Product specification 8-bit parallel-in/serial-out shift register 74HC/HCT165 FUNCTION TABLE Note 1. H = HIGH voltage level h = HIGH voltage level one set-up time prior to the LOW-to-HIGH clock transition L = LOW voltage level I = LOW voltage level one set-up time prior to the LOW-to-HIGH clock transition q = lower case letters indicate the state of the referenced output one set-up time prior to the LOW-to-HIGH clock transition X = don’t care ↑ = LOW-to-HIGH clock transition OPERATING MODES INPUTS Qn REGISTERS OUTPUTS PL CE CP DS D0-D7 Q0 Q1-Q6 Q7 Q7 parallel load L L X X X X X X L H L H L - L H - H L H H L serial shift H H L L ↑ ↑ l h X X L H q0-q5 q0-q5 q6 q6 q6 q6 hold “do nothing” H H X X X q0 q1-q6 q7 q7 Fig.4 Functional diagram. Fig.5 Logic diagram. |
Podobny numer części - 74HCT165 |
|
Podobny opis - 74HCT165 |