Zakładka z wyszukiwarką danych komponentów |
|
74HCT165 Arkusz danych(PDF) 5 Page - NXP Semiconductors |
|
74HCT165 Arkusz danych(HTML) 5 Page - NXP Semiconductors |
5 / 10 page December 1990 5 Philips Semiconductors Product specification 8-bit parallel-in/serial-out shift register 74HC/HCT165 DC CHARACTERISTICS FOR 74HC For the DC characteristics see “74HC/HCT/HCU/HCMOS Logic Family Specifications”. Output capability: standard ICC category: MSI AC CHARACTERISTICS FOR HC GND = 0 V; tr = tf = 6 ns; CL = 50 pF SYMBOL PARAMETER Tamb (°C) UNIT TEST CONDITIONS 74HC VCC (V) WAVEFORMS +25 −40 to +85 −40 to +125 min. typ. max. min. max. min. max. tPHL/ tPLH propagation delay CE, CP to Q7, Q7 52 19 15 165 33 28 205 41 35 250 50 43 ns 2.0 4.5 6.0 Fig.6 tPHL/ tPLH propagation delay PL to Q7, Q7 50 18 14 165 33 28 205 41 35 250 50 43 ns 2.0 4.5 6.0 Fig.6 tPHL/ tPLH propagation delay D7 to Q7, Q7 36 13 10 120 24 20 150 30 26 180 36 31 ns 2.0 4.5 6.0 Fig.6 tTHL/ tTLH output transition time 19 7 6 75 15 13 95 19 16 110 22 19 ns 2.0 4.5 6.0 Fig.6 tW clock pulse width HIGH or LOW 80 16 14 17 6 5 100 20 17 120 24 20 ns 2.0 4.5 6.0 Fig.6 tW parallel load pulse width; LOW 80 16 14 14 5 4 100 20 17 120 24 20 ns 2.0 4.5 6.0 Fig.6 trem removal time PL to CP, CE 100 20 17 22 8 6 125 25 21 150 30 26 ns 2.0 4.5 6.0 Fig.6 tsu set-up time Ds to CP, CE 80 16 14 11 4 3 100 20 17 120 24 20 ns 2.0 4.5 6.0 Fig.6 tsu set-up time CE to CP; CP to CE 80 16 14 17 6 5 100 20 17 120 24 20 ns 2.0 4.5 6.0 Fig.6 tsu set-up time Dn to PL 80 16 14 22 8 6 100 20 17 120 24 20 ns 2.0 4.5 6.0 Fig.6 |
Podobny numer części - 74HCT165 |
|
Podobny opis - 74HCT165 |