Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT181 Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części 74HCT181
Szczegółowy opis  4-bit arithmetic logic unit
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT181 Arkusz danych(HTML) 7 Page - NXP Semiconductors

Back Button 74HCT181 Datasheet HTML 3Page - NXP Semiconductors 74HCT181 Datasheet HTML 4Page - NXP Semiconductors 74HCT181 Datasheet HTML 5Page - NXP Semiconductors 74HCT181 Datasheet HTML 6Page - NXP Semiconductors 74HCT181 Datasheet HTML 7Page - NXP Semiconductors 74HCT181 Datasheet HTML 8Page - NXP Semiconductors 74HCT181 Datasheet HTML 9Page - NXP Semiconductors 74HCT181 Datasheet HTML 10Page - NXP Semiconductors 74HCT181 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
1998 Jun 10
7
Philips Semiconductors
Product specification
4-bit arithmetic logic unit
74HC/HCT181
Table 1 SUM MODE TEST
Function inputs S0 =S3 = 4.5 V, M = S1 =S2 =0V
Table 2 DIFFERENTIAL MODE TEST
Function inputs S1 =S2 = 4.5 V, M = S0 =S3 =0V
Table 3 LOGIC MODE TEST
Function inputs M = S1 =S2 = 4.5 V, S0 =S3 =0V
PARAMETER
INPUT
UNDER
TEST
OTHER INPUT, SAME BIT
OTHER DATA INPUTS
OUTPUT
UNDER
TEST
Apply 4.5 V
Apply GND
Apply 4.5 V
Apply GND
tPLH/ tPHL
Ai
Bi
none
remaining A and BCn
Fi
tPLH/ tPHL
Bi
Ai
none
remaining A and BCn
Fi
tPLH/ tPHL
Ai
Bi
none
none
remaining A and B, Cn
P
tPLH/ tPHL
Bi
Ai
none
none
remaining A and B, Cn
P
tPLH/ tPHL
Ai
none
Bi
remaining B
remaining A, Cn
G
tPLH/ tPHL
Bi
none
Ai
remaining B
remaining A, Cn
G
tPLH/ tPHL
Ai
none
Bi
remaining B
remaining A, Cn
Cn+4
tPLH/ tPHL
Bi
none
Ai
remaining B
remaining A, Cn
Cn+4
tPLH/ tPHL
Cn
none
none
all A
all B
any F or Cn+4
PARAMETER
INPUT
UNDER
TEST
OTHER INPUT, SAME BIT
OTHER DATA INPUTS
OUTPUT
UNDER
TEST
Apply 4.5 V
Apply GND
Apply 4.5 V
Apply GND
tPLH/ tPHL
Ai
none
Bi
remaining A
remaining B, Cn
Fi
tPLH/ tPHL
Bi
Ai
none
remaining A
remaining B, Cn
Fi
tPLH/ tPHL
Ai
none
Bi
none
remaining A and B, Cn
P
tPLH/ tPHL
Bi
Ai
none
none
remaining A and B, Cn
P
tPLH/ tPHL
Ai
Bi
none
none
remaining A and B, Cn
G
tPLH/ tPHL
Bi
none
Ai
none
remaining A and B, Cn
G
tPLZ/ tPZL
Ai
none
Bi
remaining A
remaining B, Cn
A=B
tPLZ/ tPZL
Bi
Ai
none
remaining A
remaining B, Cn
A=B
tPLH/ tPHL
Ai
Bi
none
none
remaining A and B, Cn
Cn+4
tPLH/ tPHL
Bi
none
Ai
none
remaining A and B, Cn
Cn+4
tPLH/ tPHL
Cn
none
none
all A and B
none
any F or Cn+4
PARAMETER
INPUT
UNDER
TEST
OTHER INPUT, SAME BIT
OTHER DATA INPUTS
OUTPUT
UNDER
TEST
Apply 4.5 V
Apply GND
Apply 4.5 V
Apply GND
tPLH/ tPHL
Ai
Bi
none
none
remaining A and B, Cn
Fi
tPLH/ tPHL
Bi
Ai
none
none
remaining A and B, Cn
Fi


Podobny numer części - 74HCT181

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT182 PHILIPS-74HCT182 Datasheet
68Kb / 9P
   Look-ahead carry generator
December 1990
More results

Podobny opis - 74HCT181

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
DM74LS181 FAIRCHILD-DM74LS181 Datasheet
74Kb / 7P
   4-Bit Arithmetic Logic Unit
74F381 FAIRCHILD-74F381 Datasheet
77Kb / 8P
   4-Bit Arithmetic Logic Unit
logo
Motorola, Inc
SN54LS181 MOTOROLA-SN54LS181 Datasheet
277Kb / 9P
   4-BIT ARITHMETIC LOGIC UNIT
MC5474F181 MOTOROLA-MC5474F181 Datasheet
125Kb / 5P
   4-BIT ARITHMETIC LOGIC UNIT
logo
Fairchild Semiconductor
DM93S41 FAIRCHILD-DM93S41 Datasheet
61Kb / 7P
   4-Bit Arithmetic Logic Unit
logo
NXP Semiconductors
74AC11181 PHILIPS-74AC11181 Datasheet
500Kb / 19P
   4 BIT ARITHMETIC LOGIC UNIT
October 1990
logo
STMicroelectronics
HCC40181B STMICROELECTRONICS-HCC40181B Datasheet
272Kb / 12P
   4-BIT ARITHMETIC LOGIC UNIT
logo
National Semiconductor ...
54F181DM NSC-54F181DM Datasheet
218Kb / 10P
   4-Bit Arithmetic Logic Unit
54LS181 NSC-54LS181 Datasheet
193Kb / 7P
   4-BIT ARITHMETIC LOGIC UNIT
DM54LS181 NSC-DM54LS181 Datasheet
154Kb / 10P
   4-Bit Arithmetic Logic Unit
logo
Motorola, Inc
MC14581B MOTOROLA-MC14581B Datasheet
233Kb / 7P
   4-Bit Arithmetic Logic Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com