Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT182 Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części 74HCT182
Szczegółowy opis  Look-ahead carry generator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT182 Arkusz danych(HTML) 7 Page - NXP Semiconductors

  74HCT182 Datasheet HTML 1Page - NXP Semiconductors 74HCT182 Datasheet HTML 2Page - NXP Semiconductors 74HCT182 Datasheet HTML 3Page - NXP Semiconductors 74HCT182 Datasheet HTML 4Page - NXP Semiconductors 74HCT182 Datasheet HTML 5Page - NXP Semiconductors 74HCT182 Datasheet HTML 6Page - NXP Semiconductors 74HCT182 Datasheet HTML 7Page - NXP Semiconductors 74HCT182 Datasheet HTML 8Page - NXP Semiconductors 74HCT182 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
December 1990
7
Philips Semiconductors
Product specification
Look-ahead carry generator
74HC/HCT182
DC CHARACTERISTICS FOR 74HCT
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: MSI
Note to HCT types
The value of additional quiescent supply current (
∆ICC) for a unit load of 1 is given in the family specifications.
To determine
∆ICC per input, multiply this value by the unit load coefficient shown in the table below.
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
INPUT
UNIT LOAD COEFFICIENT
G0, G1, P0, P1, P2
G3
G2, P3, Cn
1.50
0.30
1.25
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to +125
min.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
Pn to P
17
28
35
42
ns
4.5
Fig.6
tPHL/ tPLH
propagation delay
Cn to any output
26
43
54
65
ns
4.5
Fig.6
tPHL/ tPLH
propagation delay
Pn to G
20
33
41
50
ns
4.5
Fig.6
tPHL/ tPLH
propagation delay
Pn to Cn+n
20
33
41
50
ns
4.5
Fig.6
tPHL/ tPLH
propagation delay
Gn to Cn+n, Gn to G
18
32
40
48
ns
4.5
Fig.6
tTHL/ tTLH
output transition time
7
15
19
22
ns
4.5
Fig.6


Podobny numer części - 74HCT182

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT181 PHILIPS-74HCT181 Datasheet
165Kb / 20P
   4-bit arithmetic logic unit
1998 Jun 10
74HCT181D PHILIPS-74HCT181D Datasheet
165Kb / 20P
   4-bit arithmetic logic unit
1998 Jun 10
74HCT181N PHILIPS-74HCT181N Datasheet
165Kb / 20P
   4-bit arithmetic logic unit
1998 Jun 10
74HCT181N3 PHILIPS-74HCT181N3 Datasheet
165Kb / 20P
   4-bit arithmetic logic unit
1998 Jun 10
More results

Podobny opis - 74HCT182

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
HD74HC182 HITACHI-HD74HC182 Datasheet
56Kb / 9P
   Look-Ahead Carry Generator
logo
NXP Semiconductors
74F182 PHILIPS-74F182 Datasheet
56Kb / 6P
   Look-ahead carry generator
1991 Apr 15 2 853
logo
Renesas Technology Corp
HD74HC182 RENESAS-HD74HC182 Datasheet
166Kb / 10P
   Look-Ahead Carry Generator
logo
Fairchild Semiconductor
DM74S182 FAIRCHILD-DM74S182 Datasheet
53Kb / 5P
   Look-Ahead Carry Generator
logo
STMicroelectronics
HCC40182B STMICROELECTRONICS-HCC40182B Datasheet
282Kb / 12P
   LOOK-AHEAD CARRY GENERATOR
logo
NXP Semiconductors
100179 PHILIPS-100179 Datasheet
328Kb / 7P
   Carry Look-Ahead Generator
June 14 1990
logo
STMicroelectronics
M54HC182 STMICROELECTRONICS-M54HC182 Datasheet
260Kb / 12P
   FUNCTION LOOK AHEAD CARRY GENERATOR
logo
Intersil Corporation
CD40182BMS INTERSIL-CD40182BMS Datasheet
140Kb / 9P
   CMOS Look-Ahead Carry Generator
December 1992
logo
National Semiconductor ...
DM74AS282 NSC-DM74AS282 Datasheet
316Kb / 5P
   Look-Ahead Carry Generator With Selectable Carry Inputs
logo
Motorola, Inc
MC145828B MOTOROLA-MC145828B Datasheet
106Kb / 6P
   LOOK-AHEAD CARRY BLOCK
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com