Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT191D Arkusz danych(PDF) 11 Page - NXP Semiconductors

Numer części 74HCT191D
Szczegółowy opis  Presettable synchronous 4-bit binary up/down counter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT191D Arkusz danych(HTML) 11 Page - NXP Semiconductors

Back Button 74HCT191D Datasheet HTML 6Page - NXP Semiconductors 74HCT191D Datasheet HTML 7Page - NXP Semiconductors 74HCT191D Datasheet HTML 8Page - NXP Semiconductors 74HCT191D Datasheet HTML 9Page - NXP Semiconductors 74HCT191D Datasheet HTML 10Page - NXP Semiconductors 74HCT191D Datasheet HTML 11Page - NXP Semiconductors 74HCT191D Datasheet HTML 12Page - NXP Semiconductors 74HCT191D Datasheet HTML 13Page - NXP Semiconductors 74HCT191D Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
December 1990
11
Philips Semiconductors
Product specification
Presettable synchronous 4-bit binary
up/down counter
74HC/HCT191
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to +125
min.
typ.
max.
min.
max. min.
max.
tPHL/ tPLH
propagation delay
CP to Qn
26
48
60
72
ns
4.5
Fig.10
tPHL/ tPLH
propagation delay
CP to TC
32
51
64
77
ns
4.5
Fig.10
tPHL/ tPLH
propagation delay
CP to RC
19
35
44
53
ns
4.5
Fig.11
tPHL/ tPLH
propagation delay
CE to RC
19
33
41
50
ns
4.5
Fig.11
tPHL/ tPLH
propagation delay
Dn to Qn
22
44
55
66
ns
4.5
Fig.12
tPHL/ tPLH
propagation delay
PL to Qn
27
46
58
69
ns
4.5
Fig.13
tPHL/ tPLH
propagation delay
U/D to TC
23
45
56
68
ns
4.5
Fig.14
tPHL/ tPLH
propagation delay
U/D to RC
24
45
56
68
ns
4.5
Fig.14
tTHL/ tTLH
output transition time
7
15
19
22
ns
4.5
Fig.15
tW
clock pulse width
HIGH or LOW
16
9
20
24
ns
4.5
Fig.10
tW
parallel load pulse width
LOW
22
11
28
33
ns
4.5
Fig.15
trem
removal time
PL to CP
7
1
9
11
ns
4.5
Fig.15
tsu
set-up time
U/D to CP
41
20
51
62
ns
4.5
Fig.17
tsu
set-up time
Dn to PL
20
9
25
30
ns
4.5
Fig.16
tsu
set-up time
CE to CP
30
18
38
45
ns
4.5
Fig.17
th
hold time
U/D to CP
0
−18
0
0
ns
4.5
Fig.17
th
hold time
Dn to PL
0
−5
0
0
ns
4.5
Fig.16
th
hold time
CE to CP
0
−10
0
0
ns
4.5
Fig.17
fmax
maximum clock pulse
frequency
20
33
16
13
MHz
4.5
Fig.10


Podobny numer części - 74HCT191D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT190 PHILIPS-74HCT190 Datasheet
101Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
74HCT190D PHILIPS-74HCT190D Datasheet
101Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
74HCT190DB PHILIPS-74HCT190DB Datasheet
101Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
74HCT190N PHILIPS-74HCT190N Datasheet
101Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
74HCT190PW PHILIPS-74HCT190PW Datasheet
101Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
More results

Podobny opis - 74HCT191D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVC169 NXP-74LVC169 Datasheet
138Kb / 22P
   Presettable synchronous 4-bit up/down binary counter
Rev. 05-8 June 2009
logo
Texas Instruments
CD74AC191 TI-CD74AC191 Datasheet
51Kb / 10P
[Old version datasheet]   Presettable Synchronous 4-Bit Binary Up/Down Counter
logo
NXP Semiconductors
74HC193 NXP-74HC193 Datasheet
157Kb / 29P
   Presettable synchronous 4-bit binary up/down counter
Rev. 4-24 June 2013
74HC193 NXP-74HC193_13 Datasheet
184Kb / 30P
   Presettable synchronous 4-bit binary up/down counter
Rev. 4-24 June 2013
74LVC169 PHILIPS-74LVC169 Datasheet
124Kb / 14P
   Presettable synchronous 4-bit up/down binary counter
1998 May 20
logo
Nexperia B.V. All right...
74HC193-Q100 NEXPERIA-74HC193-Q100 Datasheet
776Kb / 29P
   Presettable synchronous 4-bit binary up/down counter
74HC191 NEXPERIA-74HC191 Datasheet
296Kb / 18P
   Presettable synchronous 4-bit binary up/down counter
Rev. 6 - 8 September 2021
74HCT193-Q100 NEXPERIA-74HCT193-Q100 Datasheet
330Kb / 24P
   Presettable synchronous 4-bit binary up/down counter
Rev. 3 - 8 September 2021
logo
Texas Instruments
CD54AC191 TI-CD54AC191 Datasheet
53Kb / 10P
[Old version datasheet]   Presettable Synchronous 4-Bit Binary Up/Down Counter
logo
NXP Semiconductors
74HC193 PHILIPS-74HC193 Datasheet
95Kb / 13P
   Presettable synchronous 4-bit binary up/down counter
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com