Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT195 Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części 74HCT195
Szczegółowy opis  4-bit parallel access shift register
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT195 Arkusz danych(HTML) 7 Page - NXP Semiconductors

  74HCT195 Datasheet HTML 1Page - NXP Semiconductors 74HCT195 Datasheet HTML 2Page - NXP Semiconductors 74HCT195 Datasheet HTML 3Page - NXP Semiconductors 74HCT195 Datasheet HTML 4Page - NXP Semiconductors 74HCT195 Datasheet HTML 5Page - NXP Semiconductors 74HCT195 Datasheet HTML 6Page - NXP Semiconductors 74HCT195 Datasheet HTML 7Page - NXP Semiconductors 74HCT195 Datasheet HTML 8Page - NXP Semiconductors 74HCT195 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
December 1990
7
Philips Semiconductors
Product specification
4-bit parallel access shift register
74HC/HCT195
DC CHARACTERISTICS FOR HCT
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: MSI
Note to HCT types
The value of additional quiescent supply current (
∆ICC) for a unit load of 1 is given in the family specifications.
To determine
∆ICC per input, multiply this value by the unit load coefficient shown in the table below.
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr = tf = 6 ns; CL = 50 pF
INPUT
UNIT LOAD COEFFICIENT
PE
all others
0.65
0.35
SYMBOL PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min.
typ.
max.
min. max. min.
max.
tPHL/ tPLH
propagation delay
CP to Qn
18
32
40
48
ns
4.5
Fig.6
tPHL
propagation delay
MR to Qn
17
35
44
53
ns
4.5
Fig.8
tTHL/ tTLH
output transition time
7
15
19
22
ns
4.5
Fig.6
tW
clock pulse width
HIGH or LOW
20
6
25
30
ns
4.5
Fig.6
tW
master reset pulse width
LOW
16
6
20
24
ns
4.5
Fig.8
trem
removal time
MR to CP
16
6
20
24
ns
4.5
Fig.8
tsu
set-up time
J, K, PE to CP
20
12
25
30
ns
4.5
Figs 8 and 9
tsu
set-up time
Dn to CP
16
6
20
24
ns
4.5
Figs 8 and 9
th
hold time
J, K, PE, Dn to CP
3
−5
3
3
ns
4.5
Figs 8 and 9
fmax
maximum clock pulse
frequency
27
52
22
18
MHz
4.5
Fig.6


Podobny numer części - 74HCT195

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT190 PHILIPS-74HCT190 Datasheet
101Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
74HCT190D PHILIPS-74HCT190D Datasheet
101Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
74HCT190DB PHILIPS-74HCT190DB Datasheet
101Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
74HCT190N PHILIPS-74HCT190N Datasheet
101Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
74HCT190PW PHILIPS-74HCT190PW Datasheet
101Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
More results

Podobny opis - 74HCT195

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74F195A PHILIPS-74F195A Datasheet
74Kb / 10P
   4-bit parallel-access shift register
1996 Mar 12
logo
Hitachi Semiconductor
HD74HC195 HITACHI-HD74HC195 Datasheet
50Kb / 9P
   4-bit Parallel-Access Shift Register
logo
Renesas Technology Corp
HD74HC195 RENESAS-HD74HC195 Datasheet
189Kb / 8P
   4-bit Parallel-Access Shift Register
logo
Motorola, Inc
MC74F195 MOTOROLA-MC74F195 Datasheet
91Kb / 4P
   4-BIT PARALLEL ACCESS SHIFT REGISTER
logo
Hitachi Semiconductor
HD74HC95 HITACHI-HD74HC95 Datasheet
44Kb / 8P
   4-bit Parallel Access Shift Register
logo
Renesas Technology Corp
HD74LS195A RENESAS-HD74LS195A Datasheet
188Kb / 8P
   4-bit Parallel-Access Shift Register
HD74LS95B RENESAS-HD74LS95B Datasheet
180Kb / 7P
   4-bit Parallel Access Shift Register
HD74AC195 RENESAS-HD74AC195 Datasheet
217Kb / 8P
   4-bit Parallel-Access Shift Register
logo
Hitachi Semiconductor
HD74AC195 HITACHI-HD74AC195 Datasheet
67Kb / 11P
   4-bit Parallel-Access Shift Register
logo
NXP Semiconductors
74F199 PHILIPS-74F199 Datasheet
68Kb / 8P
   8-bit parallel-access shift register
June 15, 1988
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com