Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT192N Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części 74HCT192N
Szczegółowy opis  Presettable synchronous BCD decade up/down counter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT192N Arkusz danych(HTML) 7 Page - NXP Semiconductors

Back Button 74HCT192N Datasheet HTML 3Page - NXP Semiconductors 74HCT192N Datasheet HTML 4Page - NXP Semiconductors 74HCT192N Datasheet HTML 5Page - NXP Semiconductors 74HCT192N Datasheet HTML 6Page - NXP Semiconductors 74HCT192N Datasheet HTML 7Page - NXP Semiconductors 74HCT192N Datasheet HTML 8Page - NXP Semiconductors 74HCT192N Datasheet HTML 9Page - NXP Semiconductors 74HCT192N Datasheet HTML 10Page - NXP Semiconductors 74HCT192N Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
December 1990
7
Philips Semiconductors
Product specification
Presettable synchronous BCD decade
up/down counter
74HC/HCT192
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: MSI
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr =tf = 6 ns; CL =50pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min.
typ.
max.
min. max. min.
max.
tPHL/ tPLH
propagation delay
CPU, CPD to Qn
66
24
19
215
43
37
270
54
46
325
65
55
ns
2.0
4.5
6.0
Fig.7
tPHL/ tPLH
propagation delay
CPU to TCU
33
12
10
125
25
21
155
31
26
190
38
32
ns
2.0
4.5
6.0
Fig.8
tPHL/ tPLH
propagation delay
CPD to TCD
39
14
11
125
25
21
155
31
26
190
38
32
ns
2.0
4.5
6.0
Fig.8
tPHL/ tPLH
propagation delay
PL to Qn
69
25
20
215
43
37
270
54
46
325
65
55
ns
2.0
4.5
6.0
Fig.9
tPHL
propagation delay
MR to Qn
63
23
18
200
40
34
250
50
43
300
60
51
ns
2.0
4.5
6.0
Fig.10
tPHL
propagation delay
Dn to Qn
91
33
26
275
55
47
345
69
59
415
83
71
ns
2.0
4.5
6.0
Fig.9
tPLH
propagation delay
Dn to Qn
80
29
23
240
48
41
300
60
51
360
72
61
ns
2.0
4.5
6.0
Fig.9
tPHL/ tPLH
propagation delay
PL to TCU,
PL to TCD
102
37
30
315
63
54
395
79
67
475
95
81
ns
2.0
4.5
6.0
Fig.12
tPHL/ tPLH
propagation delay
MR to TCU,
MR to TCD
96
35
28
285
57
48
355
71
60
430
86
73
ns
2.0
4.5
6.0
Fig.12
tPHL/ tPLH
propagation delay
Dn to TCU,
Dn to TCD
83
30
24
290
58
49
365
73
62
435
87
74
ns
2.0
4.5
6.0
Fig.12
tTHL/ tTLH
output transition time
19
7
6
75
15
13
95
19
16
110
22
19
ns
2.0
4.5
6.0
Fig.10


Podobny numer części - 74HCT192N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT190 PHILIPS-74HCT190 Datasheet
101Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
74HCT190D PHILIPS-74HCT190D Datasheet
101Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
74HCT190DB PHILIPS-74HCT190DB Datasheet
101Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
74HCT190N PHILIPS-74HCT190N Datasheet
101Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
74HCT190PW PHILIPS-74HCT190PW Datasheet
101Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
More results

Podobny opis - 74HCT192N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC190 PHILIPS-74HC190 Datasheet
101Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
logo
Integral Corp.
IN74ACT192 INTEGRAL-IN74ACT192 Datasheet
364Kb / 7P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER
logo
System Logic Semiconduc...
SL74HC192 SLS-SL74HC192 Datasheet
69Kb / 7P
   Presettable BCD/Decade UP/DOWN Counter
logo
Motorola, Inc
MC74F160A MOTOROLA-MC74F160A Datasheet
103Kb / 4P
   SYNCHRONOUS PRESETTABLE BCD DECADE COUNTER
logo
Fairchild Semiconductor
74F162A FAIRCHILD-74F162A Datasheet
70Kb / 7P
   Synchronous Presettable BCD Decade Counter
74F160A FAIRCHILD-74F160A Datasheet
96Kb / 8P
   Synchronous Presettable BCD Decade Counter
logo
Motorola, Inc
MC74AC160 MOTOROLA-MC74AC160 Datasheet
326Kb / 14P
   Synchronous Presettable BCD Decade Counter
SN54LS192 MOTOROLA-SN54LS192 Datasheet
276Kb / 9P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
logo
NXP Semiconductors
74AC11160 PHILIPS-74AC11160 Datasheet
271Kb / 10P
   SYNCHRONOUS PRESETTABLE SYNCHRONOUS BCD DECADE COUNTER
October 17 1990
logo
ON Semiconductor
SN54-74LS192 ONSEMI-SN54-74LS192 Datasheet
110Kb / 7P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com