Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74221 Arkusz danych(PDF) 11 Page - NXP Semiconductors

Numer części 74221
Szczegółowy opis  Dual non-retriggerable monostable multivibrator with reset
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74221 Arkusz danych(HTML) 11 Page - NXP Semiconductors

Back Button 74221 Datasheet HTML 7Page - NXP Semiconductors 74221 Datasheet HTML 8Page - NXP Semiconductors 74221 Datasheet HTML 9Page - NXP Semiconductors 74221 Datasheet HTML 10Page - NXP Semiconductors 74221 Datasheet HTML 11Page - NXP Semiconductors 74221 Datasheet HTML 12Page - NXP Semiconductors 74221 Datasheet HTML 13Page - NXP Semiconductors 74221 Datasheet HTML 14Page - NXP Semiconductors 74221 Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
December 1990
11
Philips Semiconductors
Product specification
Dual non-retriggerable monostable
multivibrator with reset
74HC/HCT221
AC WAVEFORMS
Fig.7 Output pulse control; nRD = HIGH.
Fig.8
Output pulse control using reset input nRD;
nA = LOW.
Fig.9
Waveforms showing the removal times;
nRD to nA or nB.
(1) HC
: VM =VM = 50%; VI = GND to VCC.
HCT : VM =VM = 1.3 V; VI = GND to 3 V.
Fig.10 Waveforms showing the triggering of One
Shot by input nA or input nB for one period
(tW) and minimum pulse widths of the trigger
inputs nA and nB.
(1) HC
: VM =VM = 50%; VI = GND to VCC.
HCT : VM =VM = 1.3 V; VI = GND to 3 V.
Fig.11 Waveforms showing the reset to nQ and nQ
output propagation delays.
(1) HC
: VM =VM = 50%; VI = GND to VCC.
HCT : VM =VM = 1.3 V; VI = GND to 3 V.


Podobny numer części - 74221

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74221 TI-74221 Datasheet
65Kb / 11P
[Old version datasheet]   High Speed CMOS Logic Dual Monostable Multivibrator with Reset
logo
Fairchild Semiconductor
74221 FAIRCHILD-74221 Datasheet
108Kb / 9P
   Dual Non-Retriggerable Monostable Multivibrator
logo
Hitachi Semiconductor
74221 HITACHI-74221 Datasheet
53Kb / 8P
   Dual Monostable Multivibrators (with Schmitt Trigger Input)
logo
List of Unclassifed Man...
74221 ETC2-74221 Datasheet
470Kb / 2P
   Wiha Quality Tools Toll Free: (800) 494-6104
logo
KATHREIN Solutions GmbH
742212 KATHREIN-742212 Datasheet
185Kb / 2P
   Remote Control Unit (RCU)
More results

Podobny opis - 74221

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74HCT221 NEXPERIA-74HCT221 Datasheet
804Kb / 19P
   Dual non-retriggerable monostable multivibrator with reset
Rev. 3 - 26 October 2016
logo
NXP Semiconductors
74HC_HCT221_CNV PHILIPS-74HC_HCT221_CNV_15 Datasheet
250Kb / 15P
   Dual non-retriggerable monostable multivibrator with reset
December 1990
74LV123 NXP-74LV123 Datasheet
134Kb / 23P
   Dual retriggerable monostable multivibrator with reset
Rev. 05-8 November 2007
74AHC123A PHILIPS-74AHC123A Datasheet
111Kb / 24P
   Dual retriggerable monostable multivibrator with reset
2000 Mar 15
74HC_HCT123 PHILIPS-74HC_HCT123_15 Datasheet
267Kb / 25P
   Dual retriggerable monostable multivibrator with reset
Rev. 9-19 January 2015
logo
Nexperia B.V. All right...
74LV123 NEXPERIA-74LV123 Datasheet
310Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 9 - 13 September 2021
74AHC123A-Q100 NEXPERIA-74AHC123A-Q100 Datasheet
303Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 2 - 17 June 2020
logo
NXP Semiconductors
74AHC123A-Q100 NXP-74AHC123A-Q100 Datasheet
326Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 1-23 May 2013
74LV423 PHILIPS-74LV423 Datasheet
156Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1997 Feb 04
74AHC_AHCT123A PHILIPS-74AHC_AHCT123A_15 Datasheet
315Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 4-8 November 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com