Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT238 Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części 74HCT238
Szczegółowy opis  3-to-8 line decoder/demultiplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT238 Arkusz danych(HTML) 7 Page - NXP Semiconductors

  74HCT238 Datasheet HTML 1Page - NXP Semiconductors 74HCT238 Datasheet HTML 2Page - NXP Semiconductors 74HCT238 Datasheet HTML 3Page - NXP Semiconductors 74HCT238 Datasheet HTML 4Page - NXP Semiconductors 74HCT238 Datasheet HTML 5Page - NXP Semiconductors 74HCT238 Datasheet HTML 6Page - NXP Semiconductors 74HCT238 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
December 1990
7
Philips Semiconductors
Product specification
3-to-8 line decoder/demultiplexer
74HC/HCT238
AC WAVEFORMS
PACKAGE OUTLINES
See
“74HC/HCT/HCU/HCMOS Logic Package Outlines”.
Fig.6
Waveforms showing the address input (An) and enable input (E3) to output (Yn) propagation delays and
the output transition times.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.7
Waveforms showing the enable input (En) to output (Yn) propagation delays and the output transition
times.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.


Podobny numer części - 74HCT238

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT238 NXP-74HCT238 Datasheet
120Kb / 18P
   3-to-8 line decoder/demultiplexer
Rev. 03-16 July 2007
logo
Nexperia B.V. All right...
74HCT238 NEXPERIA-74HCT238 Datasheet
267Kb / 15P
   3-to-8 line decoder/demultiplexer
Rev. 7 - 2 September 2021
74HCT238-Q100 NEXPERIA-74HCT238-Q100 Datasheet
255Kb / 15P
   3-to-8 line decoder/demultiplexer
Rev. 3 - 3 April 2020
logo
NXP Semiconductors
74HCT238BQ NXP-74HCT238BQ Datasheet
120Kb / 18P
   3-to-8 line decoder/demultiplexer
Rev. 03-16 July 2007
logo
Nexperia B.V. All right...
74HCT238BQ NEXPERIA-74HCT238BQ Datasheet
267Kb / 15P
   3-to-8 line decoder/demultiplexer
Rev. 7 - 2 September 2021
More results

Podobny opis - 74HCT238

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74ACT11238 TI-74ACT11238 Datasheet
96Kb / 7P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LV138AT TI1-SN74LV138AT_15 Datasheet
984Kb / 19P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LVC138A-Q1 TI1-SN74LVC138A-Q1_15 Datasheet
808Kb / 14P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
logo
Renesas Technology Corp
HD74HC138 RENESAS-HD74HC138 Datasheet
67Kb / 9P
   3-to-8-line Decoder/Demultiplexer
HD74LVC138 RENESAS-HD74LVC138 Datasheet
178Kb / 6P
   3-to-8-line Decoder / Demultiplexer
HD74LV138A RENESAS-HD74LV138A_15 Datasheet
118Kb / 9P
   3-to-8-line Decoder / Demultiplexer
logo
Mitsubishi Electric Sem...
M74LS138P MITSUBISHI-M74LS138P Datasheet
215Kb / 4P
   3-LINE TO 8-LINE DECODER / DEMULTIPLEXER
logo
Texas Instruments
SN74LVC138A-EP TI1-SN74LVC138A-EP Datasheet
612Kb / 13P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN54HCT138 TI1-SN54HCT138_16 Datasheet
1Mb / 20P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
logo
Hitachi Semiconductor
HD74LVC138 HITACHI-HD74LVC138 Datasheet
37Kb / 8P
   3-to-8-line Decoder / Demultiplexer
logo
Diodes Incorporated
74AHC138 DIODES-74AHC138 Datasheet
307Kb / 10P
   3-TO-8 LINE DECODER DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com