Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT221D Arkusz danych(PDF) 10 Page - NXP Semiconductors

Numer części 74HCT221D
Szczegółowy opis  Dual non-retriggerable monostable multivibrator with reset
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT221D Arkusz danych(HTML) 10 Page - NXP Semiconductors

Back Button 74HCT221D Datasheet HTML 6Page - NXP Semiconductors 74HCT221D Datasheet HTML 7Page - NXP Semiconductors 74HCT221D Datasheet HTML 8Page - NXP Semiconductors 74HCT221D Datasheet HTML 9Page - NXP Semiconductors 74HCT221D Datasheet HTML 10Page - NXP Semiconductors 74HCT221D Datasheet HTML 11Page - NXP Semiconductors 74HCT221D Datasheet HTML 12Page - NXP Semiconductors 74HCT221D Datasheet HTML 13Page - NXP Semiconductors 74HCT221D Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
December 1990
10
Philips Semiconductors
Product specification
Dual non-retriggerable monostable
multivibrator with reset
74HC/HCT221
tW
trigger pulse width
nQ or nQ
7
−−
µs
4.5
CEXT = 1 nF;
REXT = 10 kΩ;
Fig.10
trem
removal time
nRD to nA or nB
20
12
25
30
ns
4.5
Fig.9
REXT
external timing resistor
2
1000
−−
k
5.0
Fig.13
CEXT
external timing capacitor
no limits
pF
5.0
Fig.13
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min
typ max min max.
min.
max.


Podobny numer części - 74HCT221D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74HCT221D NEXPERIA-74HCT221D Datasheet
804Kb / 19P
   Dual non-retriggerable monostable multivibrator with reset
Rev. 3 - 26 October 2016
More results

Podobny opis - 74HCT221D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74HCT221 NEXPERIA-74HCT221 Datasheet
804Kb / 19P
   Dual non-retriggerable monostable multivibrator with reset
Rev. 3 - 26 October 2016
logo
NXP Semiconductors
74HC_HCT221_CNV PHILIPS-74HC_HCT221_CNV_15 Datasheet
250Kb / 15P
   Dual non-retriggerable monostable multivibrator with reset
December 1990
74LV123 NXP-74LV123 Datasheet
134Kb / 23P
   Dual retriggerable monostable multivibrator with reset
Rev. 05-8 November 2007
74AHC123A PHILIPS-74AHC123A Datasheet
111Kb / 24P
   Dual retriggerable monostable multivibrator with reset
2000 Mar 15
74HC_HCT123 PHILIPS-74HC_HCT123_15 Datasheet
267Kb / 25P
   Dual retriggerable monostable multivibrator with reset
Rev. 9-19 January 2015
logo
Nexperia B.V. All right...
74LV123 NEXPERIA-74LV123 Datasheet
310Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 9 - 13 September 2021
74AHC123A-Q100 NEXPERIA-74AHC123A-Q100 Datasheet
303Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 2 - 17 June 2020
logo
NXP Semiconductors
74AHC123A-Q100 NXP-74AHC123A-Q100 Datasheet
326Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 1-23 May 2013
74LV423 PHILIPS-74LV423 Datasheet
156Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1997 Feb 04
74AHC_AHCT123A PHILIPS-74AHC_AHCT123A_15 Datasheet
315Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 4-8 November 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com