Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT243 Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części 74HCT243
Szczegółowy opis  Quad bus transceiver; 3-state
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT243 Arkusz danych(HTML) 5 Page - NXP Semiconductors

  74HCT243 Datasheet HTML 1Page - NXP Semiconductors 74HCT243 Datasheet HTML 2Page - NXP Semiconductors 74HCT243 Datasheet HTML 3Page - NXP Semiconductors 74HCT243 Datasheet HTML 4Page - NXP Semiconductors 74HCT243 Datasheet HTML 5Page - NXP Semiconductors 74HCT243 Datasheet HTML 6Page - NXP Semiconductors 74HCT243 Datasheet HTML 7Page - NXP Semiconductors 74HCT243 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
December 1990
5
Philips Semiconductors
Product specification
Quad bus transceiver; 3-state
74HC/HCT243
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: bus driver
ICC category: MSI
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
An to Bn;
Bn to An
22
8
6
90
18
15
115
23
20
135
27
23
ns
2.0
4.5
6.0
Fig.5
tPZH/ tPZL
3-state output enable time
OEA to An or Bn;
OEB to An or Bn
50
18
14
150
30
26
190
38
33
225
45
38
ns
2.0
4.5
6.0
Figs 6 and 7
tPHZ/ tPLZ
3-state output disable time
OEA to An or Bn;
OEB to An or Bn
61
22
18
165
33
28
205
41
35
250
50
43
ns
2.0
4.5
6.0
Figs 6 and 7
tTHL/ tTLH
output transition time
14
5
4
60
12
10
75
15
13
90
18
15
ns
2.0
4.5
6.0
Fig.5


Podobny numer części - 74HCT243

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT240 PHILIPS-74HCT240 Datasheet
44Kb / 7P
   Octal buffer/line driver; 3-state; inverting
December 1990
logo
Texas Instruments
74HCT240 TI-74HCT240 Datasheet
84Kb / 6P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74HCT240 NXP-74HCT240 Datasheet
112Kb / 18P
   Octal buffer/line driver; 3-state; inverting
Rev. 03-2 August 2007
logo
Nexperia B.V. All right...
74HCT240 NEXPERIA-74HCT240 Datasheet
261Kb / 14P
   Octal buffer/line driver; 3-state; inverting
Rev. 6 - 2 September 2021
logo
NXP Semiconductors
74HCT240-Q100 NXP-74HCT240-Q100 Datasheet
317Kb / 16P
   Octal buffer/line driver; 3-state; inverting
Rev. 1-30 July 2012
More results

Podobny opis - 74HCT243

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
8T26A ETC1-8T26A Datasheet
271Kb / 6P
   3-State Quad Bus Transceiver
logo
NXP Semiconductors
74HC243N PHILIPS-74HC243N Datasheet
92Kb / 17P
   Quad bus transceiver; 3-state
Rev. 03-12 November 2004
logo
STMicroelectronics
M54HC242 STMICROELECTRONICS-M54HC242 Datasheet
257Kb / 11P
   QUAD BUS TRANSCEIVER 3-STATE
M74HC243 STMICROELECTRONICS-M74HC243 Datasheet
171Kb / 11P
   QUAD BUS TRANSCEIVER (3 - STATE)
logo
NXP Semiconductors
74HC242 PHILIPS-74HC242 Datasheet
49Kb / 7P
   Quad bus transceiver; 3-state; inverting
December 1990
logo
Fairchild Semiconductor
74F243 FAIRCHILD-74F243 Datasheet
32Kb / 4P
   Quad Bus Transceiver with 3-STATE Outputs
logo
Motorola, Inc
MC8T26A MOTOROLA-MC8T26A Datasheet
223Kb / 5P
   QUAD THREE-STATE BUS TRANSCEIVER
logo
STMicroelectronics
74VHC125 STMICROELECTRONICS-74VHC125 Datasheet
61Kb / 8P
   QUAD BUS BUFFERS 3-STATE
June 1999
74VHC126 STMICROELECTRONICS-74VHC126 Datasheet
61Kb / 8P
   QUAD BUS BUFFERS (3-STATE)
June 1999
M74HCT125 STMICROELECTRONICS-M74HCT125_01 Datasheet
172Kb / 9P
   QUAD BUS BUFFER (3-STATE)
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com