Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HC251D Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części 74HC251D
Szczegółowy opis  8-input multiplexer; 3-state
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC251D Arkusz danych(HTML) 7 Page - NXP Semiconductors

  74HC251D Datasheet HTML 1Page - NXP Semiconductors 74HC251D Datasheet HTML 2Page - NXP Semiconductors 74HC251D Datasheet HTML 3Page - NXP Semiconductors 74HC251D Datasheet HTML 4Page - NXP Semiconductors 74HC251D Datasheet HTML 5Page - NXP Semiconductors 74HC251D Datasheet HTML 6Page - NXP Semiconductors 74HC251D Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
December 1990
7
Philips Semiconductors
Product specification
8-input multiplexer; 3-state
74HC/HCT251
AC WAVEFORMS
PACKAGE OUTLINES
See
“74HC/HCT/HCU/HCMOS Logic Package Outlines”.
Fig.6
Waveforms showing the multiplexer input (In) and select input (Sn) to output (Y) propagation delays and
the output transition times.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3V; VI = GND to 3 V.
Fig.7
Waveforms showing the multiplexer input (In) and select input (Sn) to output (Y) propagation delays and
the output transition times.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3V; VI = GND to 3 V.
Fig.8 Waveforms showing the 3-state enable and disable times.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3V; VI = GND to 3 V.


Podobny numer części - 74HC251D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74HC251D NEXPERIA-74HC251D Datasheet
263Kb / 16P
   8-input multiplexer; 3-state
Rev. 6 - 8 February 2021
74HC251D-Q100 NEXPERIA-74HC251D-Q100 Datasheet
268Kb / 17P
   8-input multiplexer; 3-state
74HC251DB-Q100 NEXPERIA-74HC251DB-Q100 Datasheet
268Kb / 17P
   8-input multiplexer; 3-state
More results

Podobny opis - 74HC251D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74HCT251 NEXPERIA-74HCT251 Datasheet
263Kb / 16P
   8-input multiplexer; 3-state
Rev. 6 - 8 February 2021
logo
NXP Semiconductors
74LV251 PHILIPS-74LV251 Datasheet
116Kb / 12P
   8-input multiplexer 3-State
1998 May 20
74ALS251 PHILIPS-74ALS251 Datasheet
103Kb / 8P
   8-input multiplexer 3-State
1991 Feb 08
logo
Nexperia B.V. All right...
74HC251-Q100 NEXPERIA-74HC251-Q100 Datasheet
268Kb / 17P
   8-input multiplexer; 3-state
logo
NXP Semiconductors
74F251A PHILIPS-74F251A Datasheet
46Kb / 5P
   8-input multiplexer 3-State
1996 Jan 05
74HC_HCT251 PHILIPS-74HC_HCT251_15 Datasheet
177Kb / 20P
   8-input multiplexer; 3-state
Rev. 3-9 July 2013
logo
List of Unclassifed Man...
74HC356 ETC1-74HC356 Datasheet
337Kb / 8P
   8-INPUT MULTIPLEXER / RESISTER 3-STATE
logo
AVG Semiconductors(HITE...
DV74ACT251 AVG-DV74ACT251 Datasheet
310Kb / 4P
   8 Input Multiplexer with 3-State Outputs, 8 Input Digital Multiplexer
logo
NXP Semiconductors
74HC356 PHILIPS-74HC356 Datasheet
79Kb / 13P
   8-input multiplexer/register; 3-state
December 1990
logo
Motorola, Inc
SN54LS251 MOTOROLA-SN54LS251 Datasheet
181Kb / 6P
   8-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com