Zakładka z wyszukiwarką danych komponentów |
|
LM339AD Arkusz danych(PDF) 9 Page - Texas Instruments |
|
|
LM339AD Arkusz danych(HTML) 9 Page - Texas Instruments |
9 / 48 page 7.9 Electrical Characteristics for LM339B VS = 5 V, VCM = (V–) ; TA = 25°C (unless otherwise noted). PARAMETER TEST CONDITIONS MIN TYP MAX UNIT VIO Input offset voltage VS = 5 to 36V –3.5 ±0.37 3.5 mV VS = 5 to 36V, TA = –40°C to +85°C –5.5 5.5 IB Input bias current –3 –25 nA TA = –40°C to +85°C –50 nA IOS Input offset current –25 ±0.5 25 nA TA = –40°C to +85°C –50 50 nA VCM Common mode range (1) VS = 3 to 36V (V–) (V+) – 1.5 V VS = 3 to 36V, TA = –40°C to +85°C (V–) (V+) – 2.0 V AVD Large signal differential voltage amplification (2) VS = 15V, VO = 1.4V to 11.4V; RL ≥ 15k to (V+) 50 200 V/mV VOL Low level output Voltage {swing from (V–)} ISINK ≤ 4mA, VID = -1V 110 400 mV ISINK ≤ 4mA, VID = -1V TA = –40°C to +85°C 550 mV IOH-LKG High-level output leakage current (V+) = VO = 5 V; VID = 1V 0.1 50 nA (V+) = VO = 36V; VID = 1V 100 nA IOL Low level output current VOL = 1.5V; VID = -1V; VS = 5V 6 21 mA IQ Quiescent current (all comparators) VS = 5 V, no load 0.8 1.2 mA VS = 36 V, no load, TA = –40°C to +85°C 1 1.6 mA (1) The voltage at either input should not be allowed to go negative by more than 0.3 V otherwise output may be incorrect and excessive input current can flow. The upper end of the common-mode voltage range is limited by VCC – 2V. However only one input needs to be in the valid common mode range, the other input can go up the maximum VCC level and the comparator provides a proper output state. Either or both inputs can go to maximum VCC level without damage. (2) This parameter is ensured by design and/or characterization and is not tested in production. 7.10 Electrical Characteristics for LM2901B VS = 5 V, VCM = (V–) ; TA = 25°C (unless otherwise noted). PARAMETER TEST CONDITIONS MIN TYP MAX UNIT VIO Input offset voltage VS = 5 to 36V –3.5 ±0.37 3.5 mV VS = 5 to 36V, TA = –40°C to +125°C –5.5 5.5 IB Input bias current –3 –25 nA TA = –40°C to +125°C –50 nA IOS Input offset current –25 ±0.5 25 nA TA = –40°C to +125°C –50 50 nA VCM Common mode range (1) VS = 3 to 36V (V–) (V+) – 1.5 V VS = 3 to 36V, TA = –40°C to +125°C (V–) (V+) – 2.0 V AVD Large signal differential voltage amplification (2) VS = 15V, VO = 1.4V to 11.4V; RL ≥ 15k to (V+) 50 200 V/mV VOL Low level output Voltage {swing from (V–)} ISINK ≤ 4mA, VID = -1V 110 400 mV ISINK ≤ 4mA, VID = -1V TA = –40°C to +125°C 550 mV IOH-LKG High-level output leakage current (V+) = VO = 5 V; VID = 1V 0.1 50 nA (V+) = VO = 36V; VID = 1V 100 nA IOL Low level output current VOL = 1.5V; VID = -1V; VS = 5V 6 21 mA IQ Quiescent current (all comparators) VS = 5 V, no load 0.8 1.2 mA VS = 36 V, no load, TA = –40°C to +125°C 1 1.6 mA (1) The voltage at either input should not be allowed to go negative by more than 0.3 V otherwise output may be incorrect and excessive input current can flow. The upper end of the common-mode voltage range is limited by VCC – 2V. However only one input needs to be in the valid common mode range, the other input can go up the maximum VCC level and the comparator provides a proper output state. Either or both inputs can go to maximum VCC level without damage. (2) This parameter is ensured by design and/or characterization and is not tested in production. www.ti.com LM139, LM239, LM339, LM339B, LM139A, LM239A LM339A, LM2901B, LM2901, LM2901AV, LM2901V SLCS006V – OCTOBER 1979 – REVISED DECEMBER 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 9 Product Folder Links: LM139 LM239 LM339 LM339B LM139A LM239A LM339A LM2901B LM2901 LM2901AV LM2901V |
Podobny numer części - LM339AD |
|
Podobny opis - LM339AD |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |