Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HC354 Arkusz danych(PDF) 8 Page - NXP Semiconductors

Numer części 74HC354
Szczegółowy opis  8-input multiplexer/register with transparent latches; 3-state
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC354 Arkusz danych(HTML) 8 Page - NXP Semiconductors

Back Button 74HC354 Datasheet HTML 4Page - NXP Semiconductors 74HC354 Datasheet HTML 5Page - NXP Semiconductors 74HC354 Datasheet HTML 6Page - NXP Semiconductors 74HC354 Datasheet HTML 7Page - NXP Semiconductors 74HC354 Datasheet HTML 8Page - NXP Semiconductors 74HC354 Datasheet HTML 9Page - NXP Semiconductors 74HC354 Datasheet HTML 10Page - NXP Semiconductors 74HC354 Datasheet HTML 11Page - NXP Semiconductors 74HC354 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
December 1990
8
Philips Semiconductors
Product specification
8-input multiplexer/register with
transparent latches; 3-state
74HC/HCT354
tsu
set-up time
Dn to E
50
10
9
11
4
3
65
13
11
75
15
13
ns
2.0
4.5
6.0
Fig.10
tsu
set-up time
Sn to LE
50
10
9
14
5
4
65
13
11
75
15
13
ns
2.0
4.5
6.0
Fig.10
th
hold time
Dn to E
5
5
5
−6
−2
−2
5
5
5
5
5
5
ns
2.0
4.5
6.0
Fig.11
th
hold time
Sn to LE
5
5
5
−8
−3
−2
5
5
5
5
5
5
ns
2.0
4.5
6.0
Fig.10
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min.
typ.
max. min.
max.
min.
max.


Podobny numer części - 74HC354

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
74HC354 ETC1-74HC354 Datasheet
316Kb / 8P
   8-INPUT MULTIPLEXER / RESISTER WITH TRANSPARENT LATCHES 3-STATE
More results

Podobny opis - 74HC354

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
74HC354 ETC1-74HC354 Datasheet
316Kb / 8P
   8-INPUT MULTIPLEXER / RESISTER WITH TRANSPARENT LATCHES 3-STATE
logo
STMicroelectronics
M54HC356 STMICROELECTRONICS-M54HC356 Datasheet
271Kb / 12P
   WITH LATCHES 3-STATE 8 CHANNEL MULTIPLEXER/REGISTER
logo
NXP Semiconductors
74HC356 PHILIPS-74HC356 Datasheet
79Kb / 13P
   8-input multiplexer/register; 3-state
December 1990
logo
STMicroelectronics
M54HC354 STMICROELECTRONICS-M54HC354 Datasheet
264Kb / 12P
   8 CHANNEL MULTIPLEXER/REGISTER 3 STATE
M54HC595 STMICROELECTRONICS-M54HC595 Datasheet
282Kb / 13P
   8 BIT SHIFT REGISTER WITH OUTPUT LATCHES 3 STATE
M74HC595 STMICROELECTRONICS-M74HC595_V01 Datasheet
579Kb / 22P
   8-bit shift register with output latches (3-state)
Rev 6 January 2014
M74HC595 STMICROELECTRONICS-M74HC595 Datasheet
627Kb / 16P
   8 BIT SHIFT REGISTER WITH OUTPUT LATCHES (3 STATE)
logo
AVG Semiconductors(HITE...
DV74ACT251 AVG-DV74ACT251 Datasheet
310Kb / 4P
   8 Input Multiplexer with 3-State Outputs, 8 Input Digital Multiplexer
logo
Hitachi Semiconductor
HD74HC563 HITACHI-HD74HC563 Datasheet
71Kb / 12P
   Octal Transparent Latches (with 3-state outputs)
logo
Renesas Technology Corp
HD74HCT563 RENESAS-HD74HCT563 Datasheet
138Kb / 10P
   Octal Transparent Latches (with 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com