Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD6645 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD6645
Szczegółowy opis  14-Bit, 80 MSPS A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD6645 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD6645 Datasheet HTML 6Page - Analog Devices AD6645 Datasheet HTML 7Page - Analog Devices AD6645 Datasheet HTML 8Page - Analog Devices AD6645 Datasheet HTML 9Page - Analog Devices AD6645 Datasheet HTML 10Page - Analog Devices AD6645 Datasheet HTML 11Page - Analog Devices AD6645 Datasheet HTML 12Page - Analog Devices AD6645 Datasheet HTML 13Page - Analog Devices AD6645 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
REV. 0
AD6645
–10–
FREQUENCY – MHz
010
203040506070
ENCODE = 80MSPS @ AIN = –1dBFS
TEMP = –40 C, +25 C, +85 C
72.0
72.5
73.0
73.5
74.0
74.5
75.0
75.5
T = +25 C
T = +85 C
T = –40 C
TPC 7. Noise vs. Analog Frequency
ANALOG INPUT FREQUENCY – MHz
010
20
3040506070
ENCODE = 80MSPS @ AIN = –1dBFS
TEMP = –40 C, +25 C, +85 C
80
82
84
86
88
90
92
94
T = +25 C
T = –40 C, +85 C
TPC 8. Harmonics vs. Analog Frequency
ANALOG FREQUENCY – MHz
020
80
40
100
60
ENCODE = 80MSPS @ AIN = –1dBFS
TEMP = 25 C
70
71
72
73
74
75
76
120
140
160
180
200
TPC 9. Noise vs. Analog Frequency (IF)
ANALOG FREQUENCY – MHz
020
80
40
100
60
ENCODE = 80MSPS @ AIN = –1dBFS
TEMP = 25 C
60
65
120
140
160
180
200
70
80
90
100
75
85
95
WORST OTHER SPUR
HARMONICS (2ND, 3RD)
TPC 10. Harmonics vs. Analog Frequency (IF)
ANALOG INPUT POWER LEVEL – dBFS
0
–90
10
20
30
40
50
60
70
80
90
100
110
–80
–70
–60
–50
–40
–30
–20
ENCODE = 80MSPS
AIN = 30.5MHz
dBc
SFDR = 90dB
REFERENCE LINE
120
dBFS
–10
0
TPC 11. Single Tone SFDR @ 30.5 MHz
ANALOG INPUT POWER LEVEL – dBFS
0
–90
10
20
30
40
50
60
70
80
90
100
110
–80
–70
–60
–50
–40
–30
–20
ENCODE = 80MSPS
AIN = 69.1MHz
dBc
SFDR = 90dB
REFERENCE LINE
120
dBFS
–10
0
TPC 12. Single Tone SFDR @ 69.1 MHz


Podobny numer części - AD6645

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD6645 AD-AD6645 Datasheet
121Kb / 3P
   Low Jitter Sampling Clock Generator for High Performance ADCs
REV. 0
AD6645 AD-AD6645 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645 AD-AD6645 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645 AD-AD6645 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645 AD-AD6645 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
More results

Podobny opis - AD6645

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9444 AD-AD9444 Datasheet
1Mb / 40P
   14-Bit, 80 MSPS, A/D Converter
REV. 0
AD9444 AD-AD9444_17 Datasheet
999Kb / 41P
   14-Bit, 80 MSPS, A/D Converter
AD9444 AD-AD9444_15 Datasheet
1Mb / 40P
   14-Bit, 80 MSPS, A/D Converter
REV. 0
AD6645ASQZ-80 AD-AD6645ASQZ-80 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASQZ-105 AD-AD6645ASQZ-105 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASVZ-80 AD-AD6645ASVZ-80 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645 AD-AD6645_15 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASQ-105 AD-AD6645ASQ-105 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASVZ-105 AD-AD6645ASVZ-105 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
logo
Texas Instruments
ADC14C080 TI1-ADC14C080_14 Datasheet
1Mb / 30P
[Old version datasheet]   14-Bit, 65/80 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com