Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT40104 Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części 74HCT40104
Szczegółowy opis  4-bit bidirectional universal shift register; 3-state
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT40104 Arkusz danych(HTML) 6 Page - NXP Semiconductors

  74HCT40104 Datasheet HTML 1Page - NXP Semiconductors 74HCT40104 Datasheet HTML 2Page - NXP Semiconductors 74HCT40104 Datasheet HTML 3Page - NXP Semiconductors 74HCT40104 Datasheet HTML 4Page - NXP Semiconductors 74HCT40104 Datasheet HTML 5Page - NXP Semiconductors 74HCT40104 Datasheet HTML 6Page - NXP Semiconductors 74HCT40104 Datasheet HTML 7Page - NXP Semiconductors 74HCT40104 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
December 1990
6
Philips Semiconductors
Product specification
4-bit bidirectional universal shift register;
3-state
74HC/HCT40104
DC CHARACTERISTICS FOR 74HCT
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: bus driver
ICC category: MSI
Note to HCT types
The value of additional quiescent supply current (
∆ICC) for a unit load of 1 is given in the family specifications.
To determine
∆ICC per input, multiply this value by the unit load coefficient shown in the table below.
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
INPUT
UNIT LOAD COEFFICIENT
D0 to D3
DSR, DSL
CP
S0, S1
OE
0.35
0.35
0.35
0.70
1.40
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min. typ. max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
CP to Qn
18
34
43
51
ns
4.5
Fig.6
tPZH/ tPZL
3-state output enable time
OE to Qn
12
30
38
45
ns
4.5
Fig.8
tPHZ/ tPLZ
3-state output disable
time OE to Qn
21
35
44
53
ns
4.5
Fig.8
tTHL/ tTLH
output transition time
5
12
15
18
ns
4.5
Fig.6
tW
clock pulse width
HIGH or LOW
16
7
20
24
ns
4.5
Fig.6
tsu
set-up time
Dn, DSR, DSL to CP
16
8
20
24
ns
4.5
Fig.8
tsu
set-up time
S0, S1 to CP
20
9
25
30
ns
4.5
Fig.8
th
hold time
Dn, DSR, DSL to CP
2
−2
2
2
ns
4.5
Fig.8
th
hold time
S0, S1 to CP
2
−5
2
2
ns
4.5
Fig.8
fmax
maximum clock pulse
frequency
27
52
22
18
MHz
4.5
Fig.6


Podobny numer części - 74HCT40104

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT40102 PHILIPS-74HCT40102 Datasheet
85Kb / 11P
   8-bit synchronous BCD down counter
December 1990
74HCT40103 PHILIPS-74HCT40103 Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
1998 Jul 08
logo
Integrated Circuit Syst...
74HCT40103 ICST-74HCT40103 Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
logo
NXP Semiconductors
74HCT40103D PHILIPS-74HCT40103D Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
1998 Jul 08
logo
Integrated Circuit Syst...
74HCT40103D ICST-74HCT40103D Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
More results

Podobny opis - 74HCT40104

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC74AC194 MOTOROLA-MC74AC194 Datasheet
216Kb / 7P
   4-Bit Bidirectional Universal Shift Register
logo
NXP Semiconductors
74HC194 PHILIPS-74HC194 Datasheet
79Kb / 10P
   4-bit bidirectional universal shift register
December 1990
logo
Micro Electronics
MMC40104 MICRO-ELECTRONICS-MMC40104 Datasheet
145Kb / 4P
   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
Texas Instruments
74ACT11194 TI1-74ACT11194 Datasheet
578Kb / 55P
[Old version datasheet]   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
NXP Semiconductors
74HC_HCT194_CNV PHILIPS-74HC_HCT194_CNV_15 Datasheet
81Kb / 10P
   4-bit bidirectional universal shift register
December 1990
logo
Texas Instruments
74AC11194 TI-74AC11194 Datasheet
128Kb / 8P
[Old version datasheet]   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
NXP Semiconductors
74F194 PHILIPS-74F194 Datasheet
89Kb / 10P
   4-bit bidirectional universal shift register
1989 Apr 04
logo
Motorola, Inc
SN54LS194A MOTOROLA-SN54LS194A Datasheet
215Kb / 6P
   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
Fairchild Semiconductor
DM74LS194A FAIRCHILD-DM74LS194A Datasheet
68Kb / 6P
   4-Bit Bidirectional Universal Shift Register
logo
Nexperia B.V. All right...
74HC194 NEXPERIA-74HC194 Datasheet
240Kb / 14P
   4-bit bidirectional universal shift register
Rev. 4 - 16 March 2021
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com