Zakładka z wyszukiwarką danych komponentów |
|
74HC4016DB Arkusz danych(PDF) 5 Page - NXP Semiconductors |
|
74HC4016DB Arkusz danych(HTML) 5 Page - NXP Semiconductors |
5 / 14 page December 1990 5 Philips Semiconductors Product specification Quad bilateral switches 74HC/HCT4016 RATINGS Limiting values in accordance with the Absolute Maximum System (IEC 134) Voltages are referenced to GND (ground = 0 V) RECOMMENDED OPERATING CONDITIONS SYMBOL PARAMETER MIN. MAX. UNIT CONDITIONS VCC DC supply voltage −0.5 +11.0 V ±I IK DC digital input diode current 20 mA for VI <−0.5 V or VI > VCC + 0.5 V ±I SK DC switch diode current 20 mA for VS <−0.5 V or VS > VCC + 0.5 V ±IS DC switch current 25 mA for −0.5 V < VS < VCC + 0.5 V ±I CC; ±IGND DC VCC or GND current 50 mA Tstg storage temperature range −65 +150 °C Ptot power dissipation per package for temperature range: −40 to +125 °C 74HC/HCT plastic DIL 750 mW above +70 °C: derate linearly with 12 mW/K plastic mini-pack (SO) 500 mW above +70 °C: derate linearly with 8 mW/K PS power dissipation per switch 100 mW SYMBOL PARAMETER 74HC 74HCT UNIT CONDITIONS min. typ. max. min. typ. max. VCC DC supply voltage 2.0 5.0 10.0 4.5 5.0 5.5 V VI DC input voltage range GND VCC GND VCC V VS DC switch voltage range GND VCC GND VCC V Tamb operating ambient temperature range −40 +85 −40 +85 °C see DC and AC CHARACTERIS- TICS Tamb operating ambient temperature range −40 +125 −40 +125 °C 1000 VCC = 2.0 V tr,tf input rise and fall times 6.0 500 400 250 6.0 500 ns VCC = 4.5 V VCC = 6.0 V VCC = 10.0 V |
Podobny numer części - 74HC4016DB |
|
Podobny opis - 74HC4016DB |