Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC108S052 Arkusz danych(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Numer części ADC108S052
Szczegółowy opis  8-Channel, 200 kSPS to 500 kSPS, 10-Bit A/D Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC108S052 Arkusz danych(HTML) 1 Page - National Semiconductor (TI)

  ADC108S052 Datasheet HTML 1Page - National Semiconductor (TI) ADC108S052 Datasheet HTML 2Page - National Semiconductor (TI) ADC108S052 Datasheet HTML 3Page - National Semiconductor (TI) ADC108S052 Datasheet HTML 4Page - National Semiconductor (TI) ADC108S052 Datasheet HTML 5Page - National Semiconductor (TI) ADC108S052 Datasheet HTML 6Page - National Semiconductor (TI) ADC108S052 Datasheet HTML 7Page - National Semiconductor (TI) ADC108S052 Datasheet HTML 8Page - National Semiconductor (TI) ADC108S052 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
ADC108S052
8-Channel, 200 kSPS to 500 kSPS, 10-Bit A/D Converter
General Description
The ADC108S052 is a low-power, eight-channel CMOS 10-
bit analog-to-digital converter specified for conversion
throughput rates of 200 kSPS to 500 kSPS. The converter is
based on a successive-approximation register architecture
with an internal track-and-hold circuit. It can be configured to
accept up to eight input signals at inputs IN0 through IN7.
The output serial data is straight binary and is compatible
with several standards, such as SPI, QSPI, MICROW-
IRE, and many common DSP serial interfaces.
The ADC108S052 may be operated with independent ana-
log and digital supplies. The analog supply (V
A) can range
from +2.7V to +5.25V, and the digital supply (V
D) can range
from +2.7V to V
A. Normal power consumption using a +3V or
+5V supply is 1.5 mW and 7.5 mW, respectively. The power-
down feature reduces the power consumption to 0.09 µW
using a +3V supply and 0.30 µW using a +5V supply.
The ADC108S052 is packaged in a 16-lead TSSOP pack-
age. Operation over the extended industrial temperature
range of −40˚C to +105˚C is guaranteed.
Features
n
Eight input channels
n
Variable power management
n
Independent analog and digital supplies
n
SPI/QSPI/MICROWIRE/DSP compatible
n
Packaged in 16-lead TSSOP
Key Specifications
n
Conversion Rate
200 kSPS to 500 kSPS
n
DNL (V
A =VD = 2.7V to 5.0V)
±0.4 LSB (max)
n
INL (V
A =VD = 2.7V to 5.0V)
±0.4 LSB (max)
n
Power Consumption
— 3V Supply
1.5 mW (typ)
— 5V Supply
7.5 mW (typ)
Applications
n
Automotive Navigation
n
Portable Systems
n
Medical Instruments
n
Mobile Communications
n
Instrumentation and Control Systems
Connection Diagram
20164405
Ordering Information
Order Code
Temperature Range
Description
ADC108S052CIMT
−40˚C to +105˚C
16-Lead TSSOP Package
ADC108S052CIMTX
−40˚C to +105˚C
16-Lead TSSOP Package, Tape & Reel
ADC108S052EVAL
Evaluation Board
TRI-STATE® is a trademark of National Semiconductor Corporation.
MICROWIREis a trademark of National Semiconductor Corporation.
QSPIand SPIare trademarks of Motorola, Inc.
September 2005
© 2005 National Semiconductor Corporation
DS201644
www.national.com


Podobny numer części - ADC108S052

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC108S052 TI1-ADC108S052 Datasheet
1Mb / 27P
[Old version datasheet]   8-Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
ADC108S052CIMT/NOPB TI1-ADC108S052CIMT/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   8-Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
ADC108S052CIMTX/NOPB TI1-ADC108S052CIMTX/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   8-Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
More results

Podobny opis - ADC108S052

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC108S052 TI1-ADC108S052 Datasheet
1Mb / 27P
[Old version datasheet]   8-Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
logo
National Semiconductor ...
ADC088S052 NSC-ADC088S052 Datasheet
824Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052_16 Datasheet
1Mb / 32P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC082S051 TI1-ADC082S051_14 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC082S051 TI1-ADC082S051 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC088S052 TI1-ADC088S052_14 Datasheet
1Mb / 25P
[Old version datasheet]   ADC088S052 8-Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC102S051 TI1-ADC102S051_15 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
logo
National Semiconductor ...
ADC128S052 NSC-ADC128S052 Datasheet
826Kb / 18P
   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com