Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STB130NH02L Arkusz danych(PDF) 11 Page - STMicroelectronics

Numer części STB130NH02L
Szczegółowy opis  N-CHANNEL 24V - 0.0034 ??- 120A D짼PAK/TO-220 STripFET??III POWER MOSFET FOR DC-DC CONVERSION
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB130NH02L Arkusz danych(HTML) 11 Page - STMicroelectronics

Back Button STB130NH02L Datasheet HTML 5Page - STMicroelectronics STB130NH02L Datasheet HTML 6Page - STMicroelectronics STB130NH02L Datasheet HTML 7Page - STMicroelectronics STB130NH02L Datasheet HTML 8Page - STMicroelectronics STB130NH02L Datasheet HTML 9Page - STMicroelectronics STB130NH02L Datasheet HTML 10Page - STMicroelectronics STB130NH02L Datasheet HTML 11Page - STMicroelectronics STB130NH02L Datasheet HTML 12Page - STMicroelectronics STB130NH02L Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11/13
STB130NH02L STP130NH02L
High Side Switch (SW1)
Low Side Switch (SW2)
conduction
P
δ
*
I
*
R
2
L
DS(on)SW1
)
1
(
*
I
*
R
2
L
DS(on)SW2
δ
switching
P
g
L
I
I
*
f
*
)
Q
(Q
*
V
gd(SW1)
gsth(SW1)
in
+
Zero Voltage Switching
Recovery
Not Applicable
1
f
*
Q
*
V
rr(SW2)
in
diode
P
Conduction
Not Applicable
f
*
t
*
I
*
V
deadtime
L
f(SW2)
)
gate(Q
G
P
f
*
V
*
Q
gg
g(SW1)
f
*
V
*
Q
gg
gls(SW2)
Qoss
P
2
f
*
Q
*
V
oss(SW1)
in
2
f
*
Q
*
V
oss(SW2)
in
Parameter
Meaning
d
Duty-cycle
Qgsth
Post threshold gate charge
Qgls
Third quadrant gate charge
Pconduction
On state losses
Pswitching
On-off transition losses
Pdiode
Conduction and reverse recovery diode losses
Pgate
Gate drive losses
Qoss
P
Output capacitance losses
1 Dissipated by SW1 during turn-on


Podobny numer części - STB130NH02L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STB130N6F7 STMICROELECTRONICS-STB130N6F7 Datasheet
851Kb / 14P
   Low Crss/Ciss ratio for EMI immunity
logo
Inchange Semiconductor ...
STB130N6F7-2 ISC-STB130N6F7-2 Datasheet
295Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STB130NS04ZB STMICROELECTRONICS-STB130NS04ZB Datasheet
327Kb / 12P
   N-CHANNEL CLAMPED - 7 mohm - 80A TO-220/D2PAK/TO-247 FULLY PROTECTED MESH OVERLAY MOSFET
STB130NS04ZB STMICROELECTRONICS-STB130NS04ZB Datasheet
382Kb / 16P
   N-channel clamped - 7 mOHM - 80A TO-220/I2/D2PAK/TO-247 Fully protected mesh overlay TM MOSFET
STB130NS04ZB-1 STMICROELECTRONICS-STB130NS04ZB-1 Datasheet
382Kb / 16P
   N-channel clamped - 7 mOHM - 80A TO-220/I2/D2PAK/TO-247 Fully protected mesh overlay TM MOSFET
More results

Podobny opis - STB130NH02L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STP130NH02L STMICROELECTRONICS-STP130NH02L_07 Datasheet
267Kb / 14P
   N-channel 24V - 0.0034廓 - 120A - TO-220 STripFET??Power MOSFET for DC-DC conversion
STB300NH02L_0709 STMICROELECTRONICS-STB300NH02L_0709 Datasheet
329Kb / 14P
   N-channel 24V - 120A - TO-220 / D2PAK STripFET??Power MOSFET
STB50NH02L STMICROELECTRONICS-STB50NH02L Datasheet
415Kb / 11P
   N-CHANNEL 24V - 0.011ohm - 50A D짼PAK STripFET??III POWER MOSFET
STB300NH02L STMICROELECTRONICS-STB300NH02L Datasheet
474Kb / 14P
   N-channel 24V - 120A - TO-220 / D2PAK STripFET TM Power MOSFET
STP200NF03 STMICROELECTRONICS-STP200NF03 Datasheet
557Kb / 14P
   N-CHANNEL 30V - 0.0032 ohm - 120A D짼PAK/I짼PAK/TO-220 STripFET??II POWER MOSFET
STB60NH02L STMICROELECTRONICS-STB60NH02L Datasheet
423Kb / 11P
   N-CHANNEL 24V - 0.0085 ohm - 60A D짼PAK STripFET??III POWER MOSFET
STP210NF02 STMICROELECTRONICS-STP210NF02 Datasheet
609Kb / 14P
   N-CHANNEL 20V - 0.0026 ohm - 120A D짼PAK/I짼PAK/TO-220 STripFET??II POWER MOSFET
STB150NF55 STMICROELECTRONICS-STB150NF55 Datasheet
551Kb / 14P
   N-CHANNEL 55V - 0.005 ohm -120A D짼PAK/TO-220/TO-247 STripFET??II POWER MOSFET
October 2002
STP120NH03L STMICROELECTRONICS-STP120NH03L Datasheet
508Kb / 17P
   N-channel 30V - 0.005ohm - 60A - TO-220 / D2PAK / I2PAK STripFET Power MOSFET for DC-DC conversion
STB140NF75T4 STMICROELECTRONICS-STB140NF75T4 Datasheet
545Kb / 18P
   N-channel 75V - 0.0065 - 120A - D2PAK/I2/TO-220 STripFET III Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com