Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM85C30-10PC Arkusz danych(PDF) 3 Page - Advanced Micro Devices

Numer części AM85C30-10PC
Szczegółowy opis  Enhanced Serial Communications Controller
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMD [Advanced Micro Devices]
Strona internetowa  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30-10PC Arkusz danych(HTML) 3 Page - Advanced Micro Devices

  AM85C30-10PC Datasheet HTML 1Page - Advanced Micro Devices AM85C30-10PC Datasheet HTML 2Page - Advanced Micro Devices AM85C30-10PC Datasheet HTML 3Page - Advanced Micro Devices AM85C30-10PC Datasheet HTML 4Page - Advanced Micro Devices AM85C30-10PC Datasheet HTML 5Page - Advanced Micro Devices AM85C30-10PC Datasheet HTML 6Page - Advanced Micro Devices AM85C30-10PC Datasheet HTML 7Page - Advanced Micro Devices AM85C30-10PC Datasheet HTML 8Page - Advanced Micro Devices AM85C30-10PC Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 68 page
background image
AMD
3
Am85C30
CONNECTION DIAGRAMS
Top View
D0
D2
D4
D6
RD
WR
A/
B
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
Am85C30
10216F-2
10216F-3
Note:
Pin 1 is marked for orientation.
DIP
D1
D3
D5
D7
INT
IEO
IEI
INTACK
+5 V
W/REQA
SYNCA
RTxCA
RxDA
TRxCA
TxDA
DTR/REQA
RTSA
CTSA
DCDA
PCLK
CE
D/
C
GND
W/REQB
SYNCB
RTxCB
RxDB
TRxCB
TxDB
DTR/REQB
RTSB
CTSB
DCDB
1 44 43 42
5
4
3
2
641 40
7
8
9
10
11
12
13
14
15
16
17
23 24 25 26
19 20 21 22
18
27 28
39
38
37
36
35
34
33
32
31
30
29
IEO
IEI
INTACK
+5 V
W/REQA
SYNCA
RTxCA
RxDA
TRxCA
TxDA
NC
A/
B
CE
D/
C
NC
GND
W/REQB
SYNCB
RTxCB
RxDB
TRxCB
TxDB
PLCC, LCC
LOGIC SYMBOL
D7–D0
RD
WR
A/
B
CE
D/
C
TxDA
RxDA
TRxCA
RTxCA
SYNCA
W/REQA
DTR/REQA
RTSA
CTSA
DCDA
TxDB
RxDB
TRxCB
RTxCB
Serial
Data
Channel
Clocks
Channel
Controls
for
Modem,
DMA, or
Other
Serial
Data
Channel
Clocks
Data
Bus
Control
+5 V GND
PCLK
8
Channel
Controls
for
Modem,
DMA, or
Other
Bus Timing
and Reset
Interrupt
10216F-4
SYNCB
W/REQB
DTR/REQB
RTSB
CTSB
DCDB
INT
INTACK
IEI
IE0


Podobny numer części - AM85C30-10PC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advanced Micro Devices
AM85C30 AMD-AM85C30 Datasheet
797Kb / 194P
   Serial Communications Controller
More results

Podobny opis - AM85C30-10PC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Zilog, Inc.
Z8523L08VEG ZILOG-Z8523L08VEG Datasheet
1Mb / 118P
   Enhanced Serial Communications Controller
Z85230 ZILOG-Z85230 Datasheet
1Mb / 120P
   ENHANCED SERIAL COMMUNICATIONS CONTROLLER
Z8523020PSG ZILOG-Z8523020PSG Datasheet
1Mb / 118P
   Enhanced Serial Communications Controller
Z8523020VSG ZILOG-Z8523020VSG Datasheet
1Mb / 118P
   Enhanced Serial Communications Controller
Z8523016VEG ZILOG-Z8523016VEG Datasheet
1Mb / 118P
   Enhanced Serial Communications Controller
logo
Advanced Micro Devices
AM8530H AMD-AM8530H Datasheet
797Kb / 194P
   Serial Communications Controller
logo
Adlink Technology Inc.
CPCI-3534 ADLINK-CPCI-3534 Datasheet
207Kb / 1P
   Serial Communications Controller
CPCI-3544 ADLINK-CPCI-3544 Datasheet
168Kb / 1P
   Serial Communications Controller
logo
Zilog, Inc.
Z08030 ZILOG-Z08030 Datasheet
304Kb / 9P
   Serial Communications Controller
Z16C3510VSG ZILOG-Z16C3510VSG Datasheet
2Mb / 63P
   INTEGRATED SERIAL COMMUNICATIONS CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com