Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT4094D Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części 74HCT4094D
Szczegółowy opis  8-stage shift-and-store bus register
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT4094D Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button 74HCT4094D Datasheet HTML 2Page - NXP Semiconductors 74HCT4094D Datasheet HTML 3Page - NXP Semiconductors 74HCT4094D Datasheet HTML 4Page - NXP Semiconductors 74HCT4094D Datasheet HTML 5Page - NXP Semiconductors 74HCT4094D Datasheet HTML 6Page - NXP Semiconductors 74HCT4094D Datasheet HTML 7Page - NXP Semiconductors 74HCT4094D Datasheet HTML 8Page - NXP Semiconductors 74HCT4094D Datasheet HTML 9Page - NXP Semiconductors 74HCT4094D Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
December 1990
6
Philips Semiconductors
Product specification
8-stage shift-and-store bus register
74HC/HCT4094
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: MSI
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr = tf = 6 ns; CL = 50 pF
SYMBOL PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min. typ. max. min. max. min.
max.
tPHL/ tPLH propagation delay
CP to QS1
50
18
14
150
30
26
190
38
33
225
45
38
ns
2.0
4.5
6.0
Fig.7
tPHL/ tPLH propagation delay
CP to QS2
44
16
13
135
27
23
170
34
29
205
41
35
ns
2.0
4.5
6.0
Fig.7
tPHL/ tPLH propagation delay
CP to QPn
63
23
18
195
39
33
245
49
42
295
59
50
ns
2.0
4.5
6.0
Fig.7
tPHL/ tPLH propagation delay
STR to QPn
58
21
17
180
36
31
225
45
38
270
54
46
ns
2.0
4.5
6.0
Fig.8
tPZH/ tPZL
3-state output enable time
OE to QPn
55
20
16
175
35
30
220
44
37
265
53
45
ns
2.0
4.5
6.0
Fig.9
tPHZ/ tPLZ
3-state output disable
time OE to QPn
41
15
12
125
25
21
155
31
26
190
38
32
ns
2.0
4.5
6.0
Fig.9
tTHL/ tTLH
output transition time
19
7
6
75
15
13
95
19
16
110
22
19
ns
2.0
4.5
Fig.7
tW
clock pulse width
HIGH or LOW
80
16
14
14
5
4
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.7
tW
strobe pulse width
HIGH
80
16
14
14
5
4
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.8
tsu
set-up time
D to CP
50
10
9
14
5
4
65
13
11
75
15
13
ns
2.0
4.5
6.0
Fig.10
tsu
set-up time
CP to STR
100
20
17
28
10
8
125
25
21
150
30
26
ns
2.0
4.5
6.0
Fig.8


Podobny numer części - 74HCT4094D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT4094D NXP-74HCT4094D Datasheet
203Kb / 23P
   8-stage shift-and-store bus register
Rev. 6-31 December 2012
logo
Nexperia B.V. All right...
74HCT4094D NEXPERIA-74HCT4094D Datasheet
300Kb / 19P
   8-stage shift-and-store bus register
Rev. 9 - 22 October 2021
74HCT4094D-Q100 NEXPERIA-74HCT4094D-Q100 Datasheet
288Kb / 19P
   8-stage shift-and-store bus register
74HCT4094D-Q100 NEXPERIA-74HCT4094D-Q100 Datasheet
284Kb / 18P
   8-stage shift-and-store bus register
Rev. 3 - 22 October 2021
logo
NXP Semiconductors
74HCT4094DB NXP-74HCT4094DB Datasheet
203Kb / 23P
   8-stage shift-and-store bus register
Rev. 6-31 December 2012
More results

Podobny opis - 74HCT4094D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
HEF4094B NXP-HEF4094B Datasheet
103Kb / 17P
   8-stage shift-and-store bus register
Rev. 04-30 October 2008
logo
Nexperia B.V. All right...
74HC4094-Q100 NEXPERIA-74HC4094-Q100 Datasheet
288Kb / 19P
   8-stage shift-and-store bus register
logo
NXP Semiconductors
HEF4094B PHILIPS-HEF4094B Datasheet
81Kb / 7P
   8-stage shift-and-store bus register
January 1995
74HC4094D NXP-74HC4094D Datasheet
203Kb / 23P
   8-stage shift-and-store bus register
Rev. 6-31 December 2012
logo
Nexperia B.V. All right...
74LV4094 NEXPERIA-74LV4094 Datasheet
282Kb / 17P
   8-stage shift-and-store bus register
Rev. 8 - 18 March 2021
logo
STMicroelectronics
HCC4094B STMICROELECTRONICS-HCC4094B Datasheet
318Kb / 14P
   8-STAGE SHIFT-AND-STORE BUS REGISTER
logo
Toshiba Semiconductor
TC4094BP TOSHIBA-TC4094BP_07 Datasheet
641Kb / 13P
   8-Stage Shift-and-Store Bus-Register
logo
Nexperia B.V. All right...
74HCT4094-Q100 NEXPERIA-74HCT4094-Q100 Datasheet
284Kb / 18P
   8-stage shift-and-store bus register
Rev. 3 - 22 October 2021
74HCT4094 NEXPERIA-74HCT4094 Datasheet
300Kb / 19P
   8-stage shift-and-store bus register
Rev. 9 - 22 October 2021
logo
NXP Semiconductors
74LV4094 PHILIPS-74LV4094 Datasheet
105Kb / 14P
   8-stage shift-and-store bus register
1998 Jun 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com