Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HC423D Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części 74HC423D
Szczegółowy opis  Dual retriggerable monostable multivibrator with reset
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC423D Arkusz danych(HTML) 2 Page - NXP Semiconductors

  74HC423D Datasheet HTML 1Page - NXP Semiconductors 74HC423D Datasheet HTML 2Page - NXP Semiconductors 74HC423D Datasheet HTML 3Page - NXP Semiconductors 74HC423D Datasheet HTML 4Page - NXP Semiconductors 74HC423D Datasheet HTML 5Page - NXP Semiconductors 74HC423D Datasheet HTML 6Page - NXP Semiconductors 74HC423D Datasheet HTML 7Page - NXP Semiconductors 74HC423D Datasheet HTML 8Page - NXP Semiconductors 74HC423D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
1998 Jul 08
2
Philips Semiconductors
Product specification
Dual retriggerable monostable
multivibrator with reset
74HC/HCT423
FEATURES
• DC triggered from active HIGH or active LOW inputs
• Retriggerable for very long pulses up to 100% duty
factor
• Direct reset terminates output pulse
• Schmitt-trigger action on all inputs except for the reset
input
• Output capability: standard (except for nREXT/CEXT)
• ICC category: MSI
GENERAL DESCRIPTION
The 74HC/HCT423 are high-speed Si-gate CMOS devices
and are pin compatible with low power Schottky TTL
(LSTTL). They are specified in compliance with JEDEC
standard no. 7A.
The 74HC/HCT423 are dual retriggerable monostable
multivibrators with output pulse width control by two
methods. The basic pulse time is programmed by
selection of an external resistor (REXT) and capacitor
(CEXT). The external resistor and capacitor are normally
connected as shown in Fig.6.
Once triggered, the basic output pulse width may be
extended by retriggering the gated active LOW-going edge
input (nA) or the active HIGH-going edge input (nB). By
repeating this process, the output pulse period
(nQ = HIGH, nQ = LOW) can be made as long as desired.
When nRD is LOW, it forces the nQ output LOW, the
nQ output HIGH and also inhibits the triggering.
Figures 7 and 8 illustrate pulse control by reset. The basic
output pulse width is essentially determined by the values
of the external timing components REXT and CEXT.
For pulse widths, when CEXT < 10 000 pF, see Fig.9.
When CEXT > 10 000 pF, the typical output pulse width is
defined as:
tW = 0.45 × REXT × CEXT (typ.),
where, tW = pulse width in ns;
REXT = external resistor in kΩ;
CEXT = external capacitor in pF.
Schmitt-trigger action in the nA and nB inputs, makes the
circuit highly tolerant to slower input rise and fall times.
The “423” is identical to the “123” but cannot be triggered
via the reset input.
QUICK REFERENCE DATA
GND = 0 V; Tamb = 25 °C; tr = tf = 6 ns
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW):
PD = CPD × VCC2 × fi +∑ (CL × VCC2 × fo) + 0.75 × CEXT × VCC2 × fo + D × 16 × VCC where:
fi = input frequency in MHz
fo = output frequency in MHz
D = duty factor in %
∑ (CL × VCC2 × fo) = sum of outputs
CL = output load capacitance in pF
VCC = supply voltage in V
CEXT = timing capacitance in pF
2. For HC the condition is VI = GND to VCC
For HCT the condition is VI = GND to VCC − 1.5 V
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
HC
HCT
tPHL/ tPLH
propagation delay
CL = 15 pF; VCC = 5 V;
REXT =5 kΩ; CEXT = 0 pF
nA, nB to nQ, nQ25
26
ns
nRD to nQ, nQ20
22
ns
CI
input capacitance
3.5
3.5
pF
tW
minimum output pulse width nQ, nQ
notes 1 and 2
75
75
ns


Podobny numer części - 74HC423D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC423D NXP-74HC423D Datasheet
158Kb / 23P
   Dual retriggerable monostable multivibrator with reset
Rev. 03-24 July 2008
74HC423D NXP-74HC423D Datasheet
295Kb / 24P
   Dual retriggerable monostable multivibrator with reset
Rev. 6-19 December 2011
logo
Nexperia B.V. All right...
74HC423D NEXPERIA-74HC423D Datasheet
764Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 7 - 11 February 2016
logo
NXP Semiconductors
74HC423D.653 NXP-74HC423D.653 Datasheet
295Kb / 24P
   Dual retriggerable monostable multivibrator with reset
Rev. 6-19 December 2011
More results

Podobny opis - 74HC423D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV123 NXP-74LV123 Datasheet
134Kb / 23P
   Dual retriggerable monostable multivibrator with reset
Rev. 05-8 November 2007
74AHC123A PHILIPS-74AHC123A Datasheet
111Kb / 24P
   Dual retriggerable monostable multivibrator with reset
2000 Mar 15
74HC_HCT123 PHILIPS-74HC_HCT123_15 Datasheet
267Kb / 25P
   Dual retriggerable monostable multivibrator with reset
Rev. 9-19 January 2015
logo
Nexperia B.V. All right...
74LV123 NEXPERIA-74LV123 Datasheet
310Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 9 - 13 September 2021
74AHC123A-Q100 NEXPERIA-74AHC123A-Q100 Datasheet
303Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 2 - 17 June 2020
logo
NXP Semiconductors
74AHC123A-Q100 NXP-74AHC123A-Q100 Datasheet
326Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 1-23 May 2013
74LV423 PHILIPS-74LV423 Datasheet
156Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1997 Feb 04
74AHC_AHCT123A PHILIPS-74AHC_AHCT123A_15 Datasheet
315Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 4-8 November 2011
logo
Nexperia B.V. All right...
74AHCT123A NEXPERIA-74AHCT123A Datasheet
302Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 5 - 17 June 2020
logo
NXP Semiconductors
74LV123 PHILIPS-74LV123 Datasheet
145Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1998 Apr 20
74HC423D.653 NXP-74HC423D.653 Datasheet
295Kb / 24P
   Dual retriggerable monostable multivibrator with reset
Rev. 6-19 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com