Zakładka z wyszukiwarką danych komponentów |
|
SN74CBTLVR16292L Arkusz danych(PDF) 4 Page - Texas Instruments |
|
SN74CBTLVR16292L Arkusz danych(HTML) 4 Page - Texas Instruments |
4 / 10 page SN74CBTLVR16292 LOW VOLTAGE 12BIT 1OF2 FET MULTIPLEXER/DEMULTIPLEXER WITH INTERNAL PULLDOWN RESISTORS SCDS056H − MARCH 1998 − REVISED OCTOBER 2003 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP† MAX UNIT VIK VCC = 3 V, II = −18 mA −1.2 V II VCC = 3.6 V, VI = VCC or GND ±1 µA Ioff VCC = 0, VI or VO = 0 to 3.6 V 10 µA ICC VCC = 3.6 V, IO = 0, VI = VCC or GND 10 µA ∆ICC‡ Control input VCC = 3.6 V, One input at 3 V, Other inputs at VCC or GND 300 µA Ci Control input VI = 3.3 V or 0 3.5 pF Cio A or B port VO = 3.3 V or 0 23 pF VCC = 2.3 V, VI = 0 II = 64 mA 30 47 VCC = 2.3 V, TYP at VCC = 2.5 V VI = 0 II = 24 mA 30 47 ron§ TYP at VCC = 2.5 V VI = 1.7 V, II = 15 mA 36 80 Ω ron§ VI = 0 II = 64 mA 30 42 Ω VCC = 3 V VI = 0 II = 24 mA 30 42 VCC = 3 V VI = 2.4 V, II = 15 mA 32 47 † All typical values are at VCC = 3.3 V (unless otherwise noted), TA = 25°C. ‡ This is the increase in supply current for each input that is at the specified voltage level, rather than VCC or GND. § Measured by the voltage drop between the A and B terminals at the indicated current through the switch. On-state resistance is determined by the lower of the voltages of the two (A or B) terminals. switching characteristics over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1) PARAMETER FROM (INPUT) TO (OUTPUT) VCC = 2.5 V ± 0.2 V VCC = 3.3 V ± 0.3 V UNIT PARAMETER (INPUT) (OUTPUT) MIN MAX MIN MAX UNIT tpd¶ A or B B or A 0.15 0.25 ns tpd# S A 3.2 8.5 3.2 8 ns ten S B 1 6.5 1 5.8 ns tdis S B 1 5.3 1 4.6 ns ¶ The propagation delay is the calculated RC time constant of the typical on-state resistance of the switch and the specified load capacitance, when driven by an ideal voltage source (zero output impedance). # This propagation delay was measured by observing the change of voltage on the A output introduced by static levels equal to 3-V or 0 for 3.3 V ± 0.3 V or VCC or 0 for 2.5 V ± 0.2 V on B1 and B2 to achieve the desired transition. switching characteristics over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1) PARAMETER DESCRIPTION VCC = 2.5 V ± 0.2 V VCC = 3.3 V ± 0.3 V UNIT PARAMETER DESCRIPTION MIN MAX MIN MAX UNIT tmbb|| Make-before-break time 0 2 0 2 ns || The make-before-break time is the time interval between make and break, during the transition from one selected port to the other. |
Podobny numer części - SN74CBTLVR16292L |
|
Podobny opis - SN74CBTLVR16292L |