Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT5555D Arkusz danych(PDF) 10 Page - NXP Semiconductors

Numer części 74HCT5555D
Szczegółowy opis  Programmable delay timer with oscillator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT5555D Arkusz danych(HTML) 10 Page - NXP Semiconductors

Back Button 74HCT5555D Datasheet HTML 6Page - NXP Semiconductors 74HCT5555D Datasheet HTML 7Page - NXP Semiconductors 74HCT5555D Datasheet HTML 8Page - NXP Semiconductors 74HCT5555D Datasheet HTML 9Page - NXP Semiconductors 74HCT5555D Datasheet HTML 10Page - NXP Semiconductors 74HCT5555D Datasheet HTML 11Page - NXP Semiconductors 74HCT5555D Datasheet HTML 12Page - NXP Semiconductors 74HCT5555D Datasheet HTML 13Page - NXP Semiconductors 74HCT5555D Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
September 1993
10
Philips Semiconductors
Product specification
Programmable delay timer with oscillator
74HC/HCT5555
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr = tf = 6 ns; CL = 50 pF.
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITION
+25
−40 to +85
−40 to +125
VCC
(V)
WAVEFORMS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH/tPHL
propagation
delay A, B to
Q, Q
77
28
22
240
48
41
300
60
51
360
72
61
ns
ns
ns
2.0
4.5
6.0
Fig.6
tPLH/tPHL
propagation
delay MR to Q,
Q
61
22
18
185
37
31
230
46
39
280
56
48
ns
ns
ns
2.0
4.5
6.0
Fig.7
tPLH/tPHL
propagation
delay RS to Q,
Q
83
30
24
250
50
43
315
63
54
375
75
64
ns
ns
ns
2.0
4.5
6.0
Fig.8; note 1
tTHL/tTLH
output
transition time
19
7
6
75
15
13
95
19
16
110
22
19
ns
ns
ns
2.0
4.5
6.0
Fig.6
tW
trigger pulse
width
A = HIGH
B = LOW
70
14
12
17
6
5
90
18
15
105
21
18
ns
ns
ns
2.0
4.5
6.0
Fig.6
tW
master reset
pulse width
HIGH
70
14
12
19
7
6
90
18
15
105
21
18
ns
ns
ns
2.0
4.5
6.0
Fig.7
tW
clock pulse
width RS;
HIGH or LOW
80
16
14
25
9
7
100
20
17
120
24
20
ns
ns
ns
2.0
4.5
6.0
Fig.8
tW
minimum
output pulse
width
Q = HIGH,
Q = LOW
275
100
80
ns
ns
ns
2.0
4.5
6.0
Fig.6; note 1
trt
retrigger time
A, B
0
0
0
ns
ns
ns
2.0
4.5
6.0
Fig.10; note 2
REXT
external timing
resistor
5
1
1000
1000
k
k
2.0
5.0
Fig.13
CEXT
external timing
capacitor
50
50
no limits
pF
pF
2.0
5.0
Fig.13
trem
removal time
MR to A, B
120
24
20
39
14
11
150
30
26
180
36
31
ns
ns
ns
2.0
4.5
6.0
Fig.7


Podobny numer części - 74HCT5555D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74HCT5555D NEXPERIA-74HCT5555D Datasheet
113Kb / 23P
   Programmable delay timer with oscillator
September 1993
More results

Podobny opis - 74HCT5555D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC5555D-T NXP-74HC5555D-T Datasheet
100Kb / 23P
   Programmable delay timer with oscillator
September 1993
logo
Nexperia B.V. All right...
74HC5555 NEXPERIA-74HC5555 Datasheet
314Kb / 28P
   Programmable delay timer with oscillator
Rev. 4 - 5 July 2018
74HCT5555 NEXPERIA-74HCT5555 Datasheet
113Kb / 23P
   Programmable delay timer with oscillator
September 1993
logo
LSI Computer Systems
LS7213R LSI-LS7213R Datasheet
65Kb / 5P
   PROGRAMMABLE DIGITAL DELAY TIMER
LS7213 LSI-LS7213 Datasheet
43Kb / 4P
   PROGRAMMABLE DIGITAL DELAY TIMER
LS7211N LSI-LS7211N Datasheet
216Kb / 8P
   PROGRAMMABLE DIGITAL DELAY TIMER
LS7215 LSI-LS7215 Datasheet
221Kb / 8P
   PROGRAMMABLE DIGITAL DELAY TIMER
LS7211 LSI-LS7211_03 Datasheet
275Kb / 8P
   PROGRAMMABLE DIGITAL DELAY TIMER
LS7210 LSI-LS7210 Datasheet
49Kb / 4P
   PROGRAMMABLE DIGITAL DELAY TIMER
LS7211 LSI-LS7211 Datasheet
171Kb / 8P
   PROGRAMMABLE DIGITAL DELAY TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com