Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADSP-2186N Arkusz danych(PDF) 2 Page - Analog Devices

Numer części ADSP-2186N
Szczegółowy opis  DSP Microcomputer
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADSP-2186N Arkusz danych(HTML) 2 Page - Analog Devices

  ADSP-2186N Datasheet HTML 1Page - Analog Devices ADSP-2186N Datasheet HTML 2Page - Analog Devices ADSP-2186N Datasheet HTML 3Page - Analog Devices ADSP-2186N Datasheet HTML 4Page - Analog Devices ADSP-2186N Datasheet HTML 5Page - Analog Devices ADSP-2186N Datasheet HTML 6Page - Analog Devices ADSP-2186N Datasheet HTML 7Page - Analog Devices ADSP-2186N Datasheet HTML 8Page - Analog Devices ADSP-2186N Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
ADSP-218xN Series
–2–
REV. 0
VisualDSP++ and EZ-KIT Lite are trademarks of Analog Devices, Inc.
GENERAL DESCRIPTION
The ADSP-218xN series consists of six single chip micro-
computers optimized for digital signal processing applica-
tions. The high-level block diagram for the ADSP-218xN
series members appears on the previous page. All series
members are pin-compatible and are differentiated solely by
the amount of on-chip SRAM. This feature, combined with
ADSP-21xx code compatibility, provides a great deal of
flexibility in the design decision. Specific family members
are shown in Table 1.
ADSP-218xN series members combine the ADSP-2100
family base architecture (three computational units, data
address generators, and a program sequencer) with two
serial ports, a 16-bit internal DMA port, a byte DMA port,
a programmable timer, Flag I/O, extensive interrupt capa-
bilities, and on-chip program and data memory.
ADSP-218xN series members integrate up to 256K bytes
of on-chip memory configured as up to 48K words (24-bit)
of program RAM, and up to 56K words (16-bit) of data
RAM. Power-down circuitry is also provided to meet the
low power needs of battery-operated portable equipment.
The ADSP-218xN is available in a 100-lead LQFP package
and 144-Ball Mini-BGA.
Fabricated in a high-speed, low-power, 0.18 µm CMOS
process, ADSP-218xN series members operate with a
12.5 ns instruction cycle time. Every instruction can
execute in a single processor cycle.
The ADSP-218xN’s flexible architecture and comprehen-
sive instruction set allow the processor to perform multiple
operations in parallel. In one processor cycle, ADSP-218xN
series members can:
• Generate the next program address
• Fetch the next instruction
• Perform one or two data moves
• Update one or two data address pointers
• Perform a computational operation
This takes place while the processor continues to:
• Receive and transmit data through the two serial ports
• Receive and/or transmit data through the
internal DMA port
• Receive and/or transmit data through the byte DMA port
•Decrement timer
DEVELOPMENT SYSTEM
Analog Devices’ wide range of software and hardware
development tools supports the ADSP-218xN series. The
DSP tools include an integrated development environment,
an evaluation kit, and a serial port emulator.
VisualDSP++™ is an integrated development environment,
allowing for fast and easy development, debug, and deploy-
ment. The VisualDSP++ project management environment
lets programmers develop and debug an application. This
environment includes an easy-to-use assembler that is based
on an algebraic syntax; an archiver (librarian/library build-
er); a linker; a PROM-splitter utility; a cycle-accurate,
instruction-level simulator; a C compiler; and a C run-time
library that
includes DSP and mathematical functions.
Debugging both C and assembly programs with the
VisualDSP++ debugger, programmers can:
• View mixed C and assembly code (interleaved source and
object information)
• Insert break points
• Set conditional breakpoints on registers, memory, and
stacks
• Trace instruction execution
• Fill and dump memory
• Source level debugging
The VisualDSP++ IDE lets programmers define and
manage DSP software development. The dialog boxes and
property pages let programmers configure and manage all
of the ADSP-218xN development tools, including the
syntax highlighting in the VisualDSP++ editor. This capa-
bility controls how the development tools process inputs and
generate outputs.
The ADSP-2189M EZ-KIT Lite™ provides developers
with a cost-effective method for initial evaluation of the
powerful ADSP-218xN DSP family architecture. The
ADSP-2189M EZ-KIT Lite includes a stand-alone ADSP-
2189M DSP board supported by an evaluation suite of
VisualDSP++. With this EZ-KIT Lite, users can learn
about DSP hardware and software development and evalu-
ate potential applications of the ADSP-218xN series. The
ADSP-2189M EZ-KIT Lite provides an evaluation suite of
the VisualDSP++ development environment with the
C compiler, assembler, and linker. The size of the DSP
erxecutable that can be built using the EZ-KIT Lite tools is
limited to 8K words.
Table 1. ADSP-218xN DSP Microcomputer Family
Device
Program
Memory
(K Words)
Data Memory
(K Words)
ADSP-2184N
4
4
ADSP-2185N
16
16
ADSP-2186N
8
8
ADSP-2187N
32
32
ADSP-2188N
48
56
ADSP-2189N
32
48


Podobny numer części - ADSP-2186N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-2186N AD-ADSP-2186N Datasheet
1Mb / 48P
   DSP Microcomputer
REV. A
ADSP-2186NBCA-320 AD-ADSP-2186NBCA-320 Datasheet
1Mb / 48P
   DSP Microcomputer
REV. A
ADSP-2186NBCA-320 AD-ADSP-2186NBCA-320 Datasheet
1Mb / 48P
   DSP Microcomputer
REV. A
ADSP-2186NBCA-320 AD-ADSP-2186NBCA-320 Datasheet
1Mb / 48P
   DSP Microcomputer
REV. A
ADSP-2186NBST-320 AD-ADSP-2186NBST-320 Datasheet
1Mb / 48P
   DSP Microcomputer
REV. A
More results

Podobny opis - ADSP-2186N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-21065L AD-ADSP-21065L Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com