Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADSP-2185NKST-320 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części ADSP-2185NKST-320
Szczegółowy opis  DSP Microcomputer
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADSP-2185NKST-320 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button ADSP-2185NKST-320 Datasheet HTML 7Page - Analog Devices ADSP-2185NKST-320 Datasheet HTML 8Page - Analog Devices ADSP-2185NKST-320 Datasheet HTML 9Page - Analog Devices ADSP-2185NKST-320 Datasheet HTML 10Page - Analog Devices ADSP-2185NKST-320 Datasheet HTML 11Page - Analog Devices ADSP-2185NKST-320 Datasheet HTML 12Page - Analog Devices ADSP-2185NKST-320 Datasheet HTML 13Page - Analog Devices ADSP-2185NKST-320 Datasheet HTML 14Page - Analog Devices ADSP-2185NKST-320 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
–11–
REV. 0
ADSP-218xN Series
MODES OF OPERATION
The ADSP-218xN series modes of operation appear in
Table 7.
Setting Memory Mode
Memory Mode selection for the ADSP-218xN series is
made during chip reset through the use of the Mode C pin.
This pin is multiplexed with the DSP’s PF2 pin, so care must
be taken in how the mode selection is made. The two meth-
ods for selecting the value of Mode C are active and passive.
Passive Configuration
Passive Configuration involves the use of a pull-up or pull-
down resistor connected to the Mode C pin. To minimize
power consumption, or if the PF2 pin is to be used as
an output in the DSP application, a weak pull-up or pull-
down resistance, on the order of 10 k
, can be used. This
value should be sufficient to pull the pin to the desired level
and still allow the pin to operate as a programmable flag
output without undue strain on the processor’s output
driver. For minimum power consumption during power-
down, reconfigure PF2 to be an input, as the pull-up or pull-
down resistance will hold the pin in a known state, and will
not switch.
Active Configuration
Active Configuration involves the use of a three-statable
external driver connected to the Mode C pin. A driver’s
output enable should be connected to the DSP’s RESET
signal such that it only drives the PF2 pin when RESET is
active (low). When RESET is deasserted, the driver should
be three-state, thus allowing full use of the PF2 pin as either
an input or output. To minimize power consumption during
power-down, configure the programmable flag as an output
when connected to a three-stated buffer. This ensures that
the pin will be held at a constant level, and will not oscillate
should the three-state driver’s level hover around the logic
switching point.
IDMA ACK Configuration
Mode D = 0 and in host mode: IACK is an active, driven
signal and cannot be “wire ORed.” Mode D = 1 and in host
mode: IACK is an open drain and requires an external
pull-down, but multiple IACK pins can be “wire ORed”
together.
Table 7. Modes of Operation
Mode D
Mode C
Mode B
Mode A
Booting Method
X
000BDMA feature is used to load the first 32 program memory words
from the byte memory space. Program execution is held off until all
32 words have been loaded. Chip is configured in Full Memory
Mode.1
X
010No automatic boot operations occur. Program execution starts at
external memory location 0. Chip is configured in Full Memory
Mode. BDMA can still be used, but the processor does not automat-
ically use or wait for these operations.
0
100BDMA feature is used to load the first 32 program memory words
from the byte memory space. Program execution is held off until all
32 words have been loaded. Chip is configured in Host Mode. IACK
has active pull-down. (Requires additonal hardware.)
0
101IDMA feature is used to load any internal memory as desired.
Program execution is held off until the host writes to internal
program memory location 0. Chip is configured in Host Mode.
IACK has active pull-down.
1
1
100BDMA feature is used to load the first 32 program memory words
from the byte memory space. Program execution is held off until all
32 words have been loaded. Chip is configured in Host Mode; IACK
requires external pull-down. (Requires additonal hardware.)
1
101IDMA feature is used to load any internal memory as desired.
Program execution is held off until the host writes to internal
program memory location 0. Chip is configured in Host Mode.
IACK requires external pull-down.
1
1Considered as standard operating settings. Using these configurations allows for easier design and better memory management.


Podobny numer części - ADSP-2185NKST-320

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-2185NKST-320 AD-ADSP-2185NKST-320 Datasheet
1Mb / 48P
   DSP Microcomputer
REV. A
ADSP-2185NKST-320 AD-ADSP-2185NKST-320 Datasheet
1Mb / 48P
   DSP Microcomputer
REV. A
ADSP-2185NKST-320 AD-ADSP-2185NKST-320 Datasheet
1Mb / 48P
   DSP Microcomputer
REV. A
More results

Podobny opis - ADSP-2185NKST-320

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-21065L AD-ADSP-21065L Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com