Zakładka z wyszukiwarką danych komponentów |
|
ADSP-2188NKST-320 Arkusz danych(PDF) 7 Page - Analog Devices |
|
ADSP-2188NKST-320 Arkusz danych(HTML) 7 Page - Analog Devices |
7 / 45 page –7– REV. 0 ADSP-218xN Series D3 or I/O (Z) Hi-Z BR, EBR Float IACK Float D2 – 0 or I/O (Z) Hi-Z BR, EBR Float IAD15 – 13 I/O (Z) Hi-Z IS Float PMS O (Z) O BR, EBR Float DMS O (Z) O BR, EBR Float BMS O (Z) O BR, EBR Float IOMS O (Z) O BR, EBR Float CMS O (Z) O BR, EBR Float RD O (Z) O BR, EBR Float WR O (Z) O BR, EBR Float BR I I High (Inactive) BG O (Z) O EE Float BGH OO Float IRQ2/PF7 I/O (Z) I Input = High (Inactive) or Program as Output, Set to 1, Let Float 5 IRQL1/PF6 I/O (Z) I Input = High (Inactive) or Program as Output, Set to 1, Let Float 5 IRQL0/PF5 I/O (Z) I Input = High (Inactive) or Program as Output, Set to 1, Let Float5 IRQE/PF4 I/O (Z) I Input = High (Inactive) or Program as Output, Set to 1, Let Float5 PWD II High SCLK0 I/O I Input = High or Low, Output = Float RFS0 I/O I High or Low DR0 I I High or Low TFS0 I/O I High or Low DT0 O O Float SCLK1 I/O I Input = High or Low, Output = Float RFS1/IRQ0 I/O I High or Low DR1/FI I I High or Low TFS1/IRQ1 I/O I High or Low DT1/FO O O Float EE I I Float EBR II Float EBG OO Float ERESET II Float EMS OO Float EINT II Float ECLK I I Float ELIN I I Float ELOUT O O Float 1CLKIN, RESET, and PF3–0/Mode D–A are not included in this table because these pins must be used. 2All bidirectional pins have three-stated outputs. When the pin is configured as an output, the output is Hi-Z (high impedance) when inactive. 3Hi-Z = High Impedance. 4If the CLKOUT pin is not used, turn it OFF, using CLKODIS in SPORT0 autobuffer control register. 5If the Interrupt/Programmable Flag pins are not used, there are two options: Option 1: When these pins are configured as INPUTS at reset and function as interrupts and input flag pins, pull the pins High (inactive). Option 2: Program the unused pins as OUTPUTS, set them to 1 prior to enabling interrupts, and let pins float. Table 5. Unused Pin Terminations (Continued) Pin Name1 I/O 3-State (Z)2 Reset State Hi-Z3 Caused By Unused Configuration |
Podobny numer części - ADSP-2188NKST-320 |
|
Podobny opis - ADSP-2188NKST-320 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |