Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADSP-2184NBCA-320 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części ADSP-2184NBCA-320
Szczegółowy opis  DSP Microcomputer
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADSP-2184NBCA-320 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button ADSP-2184NBCA-320 Datasheet HTML 4Page - Analog Devices ADSP-2184NBCA-320 Datasheet HTML 5Page - Analog Devices ADSP-2184NBCA-320 Datasheet HTML 6Page - Analog Devices ADSP-2184NBCA-320 Datasheet HTML 7Page - Analog Devices ADSP-2184NBCA-320 Datasheet HTML 8Page - Analog Devices ADSP-2184NBCA-320 Datasheet HTML 9Page - Analog Devices ADSP-2184NBCA-320 Datasheet HTML 10Page - Analog Devices ADSP-2184NBCA-320 Datasheet HTML 11Page - Analog Devices ADSP-2184NBCA-320 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
ADSP-218xN Series
–8–
REV. 0
Interrupts
The interrupt controller allows the processor to respond to
the eleven possible interrupts and reset with minimum over-
head. ADSP-218xN series members provide four dedicated
external interrupt input pins: IRQ2, IRQL0, IRQL1, and
IRQE (shared with the PF7 – 4 pins). In addition, SPORT1
may be reconfigured for IRQ0, IRQ1, FI and FO, for a total
of six external interrupts. The ADSP-218xN also supports
internal interrupts from the timer, the byte DMA port, the
two serial ports, software, and the power-down control cir-
cuit. The interrupt levels are internally prioritized and indi-
vidually maskable (except power-down and reset). The
IRQ2, IRQ0, and IRQ1 input pins can be programmed to
be either level- or edge-sensitive. IRQL0 and IRQL1 are
level-sensitive and IRQE is edge-sensitive. The priorities
and vector addresses of all interrupts are shown in Table 6.
Interrupt routines can either be nested with higher priority
interrupts taking precedence or processed sequentially. In-
terrupts can be masked or unmasked with the IMASK reg-
ister. Individual interrupt requests are logically ANDed
with the bits in IMASK; the highest priority unmasked in-
terrupt is then selected. The power-down interrupt is non-
maskable.
ADSP-218xN series members mask all interrupts for one
instruction cycle following the execution of an instruction
that modifies the IMASK register. This does not affect serial
port autobuffering or DMA transfers.
The interrupt control register, ICNTL, controls interrupt
nesting and defines the IRQ0, IRQ1, and IRQ2 external
interrupts to be either edge- or level-sensitive. The IRQE
pin is an external edge-sensitive interrupt and can be forced
and cleared. The IRQL0 and IRQL1 pins are external level
sensitive interrupts.
The IFC register is a write-only register used to force and
clear interrupts. On-chip stacks preserve the processor
status and are automatically maintained during interrupt
handling. The stacks are 12 levels deep to allow interrupt,
loop, and subroutine nesting. The following instructions
allow global enable or disable servicing of the interrupts
(including power-down), regardless of the state of IMASK:
ENA INTS;
DIS INTS;
Disabling the interrupts does not affect serial port auto-
buffering or DMA. When the processor is reset, interrupt
servicing is enabled.
LOW-POWER OPERATION
ADSP-218xN series members have three low-power modes
that significantly reduce the power dissipation when the
device operates under standby conditions. These modes are:
• Power-Down
•Idle
• Slow Idle
The CLKOUT pin may also be disabled to reduce external
power dissipation.
Power-Down
ADSP-218xN series members have a low-power feature that
lets the processor enter a very low-power dormant state
through hardware or software control. Following is a brief
list of power-down features. Refer to the ADSP-218x DSP
Hardware Reference, “System Interface” chapter, for detailed
information about the power-down feature.
• Quick recovery from power-down. The processor begins
executing instructions in as few as 200 CLKIN cycles.
• Support for an externally generated TTL or CMOS
processor clock. The external clock can continue running
during power-down without affecting the lowest power
rating and 200 CLKIN cycle recovery.
• Support for crystal operation includes disabling the oscil-
lator to save power (the processor automatically waits
approximately 4096 CLKIN cycles for the crystal oscilla-
tor to start or stabilize), and letting the oscillator run to
allow 200 CLKIN cycle start-up.
• Power-down is initiated by either the power-down pin
(PWD) or the software power-down force bit. Interrupt
support allows an unlimited number of instructions to be
executed before optionally powering down. The power-
down interrupt also can be used as a nonmaskable, edge-
sensitive interrupt.
• Context clear/save control allows the processor to
continue where it left off or start with a clean context when
leaving the power-down state.
Table 6. Interrupt Priority and Interrupt Vector
Addresses
Source Of Interrupt
Interrupt Vector Address
(Hex)
Reset (or Power-Up with
PUCR = 1)
0x0000 (Highest Priority)
Power-Down
(Nonmaskable)
0x002C
IRQ2
0x0004
IRQL1
0x0008
IRQL0
0x000C
SPORT0 Transmit
0x0010
SPORT0 Receive
0x0014
IRQE
0x0018
BDMA Interrupt
0x001C
SPORT1 Transmit or
IRQ1
0x0020
SPORT1 Receive or IRQ0
0x0024
Timer
0x0028 (Lowest Priority)


Podobny numer części - ADSP-2184NBCA-320

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-2184NBCA-320 AD-ADSP-2184NBCA-320 Datasheet
1Mb / 48P
   DSP Microcomputer
REV. A
ADSP-2184NBCA-320 AD-ADSP-2184NBCA-320 Datasheet
1Mb / 48P
   DSP Microcomputer
REV. A
ADSP-2184NBCA-320 AD-ADSP-2184NBCA-320 Datasheet
1Mb / 48P
   DSP Microcomputer
REV. A
More results

Podobny opis - ADSP-2184NBCA-320

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-21065L AD-ADSP-21065L Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com