Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADSP-2186NKCA-320 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części ADSP-2186NKCA-320
Szczegółowy opis  DSP Microcomputer
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADSP-2186NKCA-320 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button ADSP-2186NKCA-320 Datasheet HTML 6Page - Analog Devices ADSP-2186NKCA-320 Datasheet HTML 7Page - Analog Devices ADSP-2186NKCA-320 Datasheet HTML 8Page - Analog Devices ADSP-2186NKCA-320 Datasheet HTML 9Page - Analog Devices ADSP-2186NKCA-320 Datasheet HTML 10Page - Analog Devices ADSP-2186NKCA-320 Datasheet HTML 11Page - Analog Devices ADSP-2186NKCA-320 Datasheet HTML 12Page - Analog Devices ADSP-2186NKCA-320 Datasheet HTML 13Page - Analog Devices ADSP-2186NKCA-320 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
ADSP-218xN Series
–10–
REV. 0
Clock Signals
ADSP-218xN series members can be clocked by either a
crystal or a TTL-compatible clock signal.
The CLKIN input cannot be halted, changed during oper-
ation, nor operated below the specified frequency during
normal operation. The only exception is while the processor
is in the power-down state. For additional information, refer
to the ADSP-218x DSP Hardware Reference, for detailed
information on this power-down feature.
If an external clock is used, it should be a TTL-compatible
signal running at half the instruction rate. The signal is
connected to the processor’s CLKIN input. When an exter-
nal clock is used, the XTAL pin must be left unconnected.
ADSP-218xN series members use an input clock with a
frequency equal to half the instruction rate; a 40 MHz input
clock yields a 12.5 ns processor cycle (which is equivalent
to 80 MHz). Normally, instructions are executed in a single
processor cycle. All device timing is relative to the internal
instruction clock rate, which is indicated by the CLKOUT
signal when enabled.
Because ADSP-218xN series members include an on-chip
oscillator circuit, an external crystal may be used. The
crystal should be connected across the CLKIN and XTAL
pins, with two capacitors connected as shown in Figure 2.
Capacitor values are dependent on crystal type and should
be specified by the crystal manufacturer. A parallel-
resonant, fundamental frequency, microprocessor-grade
crystal should be used.
A clock output (CLKOUT) signal is generated by the pro-
cessor at the processor’s cycle rate. This can be enabled and
disabled by the CLKODIS bit in the SPORT0 Autobuffer
Control Register.
RESET
The RESET signal initiates a master reset of the ADSP-
218xN. The RESET signal must be asserted during the
power-up sequence to assure proper initialization. RESET
during initial power-up must be held long enough to allow
the internal clock to stabilize. If RESET is activated any time
after power-up, the clock continues to run and does not
require stabilization time.
The power-up sequence is defined as the total time required
for the crystal oscillator circuit to stabilize after a valid V
DD
is applied to the processor, and for the internal phase-locked
loop (PLL) to lock onto the specific crystal frequency. A
minimum of 2000 CLKIN cycles ensures that the PLL has
locked, but does not include the crystal oscillator start-up
time. During this power-up sequence the RESET signal
should be held low. On any subsequent resets, the RESET
signal must meet the minimum pulse-width specification
(t
RSP).
The RESET input contains some hysteresis; however, if an
RC circuit is used to generate the RESET signal, the use of
an external Schmitt trigger is recommended.
The master reset sets all internal stack pointers to the empty
stack condition, masks all interrupts, and clears the MSTAT
register. When RESET is released, if there is no pending
bus request and the chip is configured for booting, the boot-
loading sequence is performed. The first instruction is
fetched from on-chip program memory location 0x0000
once boot loading completes.
POWER SUPPLIES
ADSP-218xN series members have separate power supply
connections for the internal (V
DDINT) and external (VDDEXT)
power supplies. The internal supply must meet the 1.8 V
requirement. The external supply can be connected to a
1.8 V, 2.5 V, or 3.3 V supply. All external supply pins must
be connected to the same supply. All input and I/O pins can
tolerate input voltages up to 3.6 V, regardless of the external
supply voltage. This feature provides maximum flexibility
in mixing 1.8 V, 2.5 V, or 3.3 V components.
Figure 2. External Crystal Connections
CLKIN
CLKOUT
XTAL
DSP


Podobny numer części - ADSP-2186NKCA-320

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-2186NKCA-320 AD-ADSP-2186NKCA-320 Datasheet
1Mb / 48P
   DSP Microcomputer
REV. A
ADSP-2186NKCA-320 AD-ADSP-2186NKCA-320 Datasheet
1Mb / 48P
   DSP Microcomputer
REV. A
ADSP-2186NKCA-320 AD-ADSP-2186NKCA-320 Datasheet
1Mb / 48P
   DSP Microcomputer
REV. A
More results

Podobny opis - ADSP-2186NKCA-320

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-21065L AD-ADSP-21065L Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com