Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADSP-2189NBCA-320 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADSP-2189NBCA-320
Szczegółowy opis  DSP Microcomputer
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADSP-2189NBCA-320 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADSP-2189NBCA-320 Datasheet HTML 5Page - Analog Devices ADSP-2189NBCA-320 Datasheet HTML 6Page - Analog Devices ADSP-2189NBCA-320 Datasheet HTML 7Page - Analog Devices ADSP-2189NBCA-320 Datasheet HTML 8Page - Analog Devices ADSP-2189NBCA-320 Datasheet HTML 9Page - Analog Devices ADSP-2189NBCA-320 Datasheet HTML 10Page - Analog Devices ADSP-2189NBCA-320 Datasheet HTML 11Page - Analog Devices ADSP-2189NBCA-320 Datasheet HTML 12Page - Analog Devices ADSP-2189NBCA-320 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
–9–
REV. 0
ADSP-218xN Series
•The RESET pin also can be used to terminate power-
down.
• Power-down acknowledge pin (PWDACK) indicates
when the processor has entered power-down.
Idle
When the ADSP-218xN is in the Idle Mode, the processor
waits indefinitely in a low-power state until an interrupt
occurs. When an unmasked interrupt occurs, it is serviced;
execution then continues with the instruction following the
IDLE instruction. In Idle mode IDMA, BDMA, and auto-
buffer cycle steals still occur.
Slow Idle
The IDLE instruction is enhanced on ADSP-218xN series
members to let the processor’s internal clock signal be
slowed, further reducing power consumption. The reduced
clock frequency, a programmable fraction of the normal
clock rate, is specified by a selectable divisor given in the
IDLE instruction.
The format of the instruction is:
IDLE (N);
where N = 16, 32, 64, or 128. This instruction keeps the
processor fully functional, but operating at the slower clock
rate. While it is in this state, the processor’s other internal
clock signals, such as SCLK, CLKOUT, and timer clock,
are reduced by the same ratio. The default form of the in-
struction, when no clock divisor is given, is the standard
IDLE instruction.
When the IDLE (n) instruction is used, it effectively slows
down the processor’s internal clock and thus its response
time to incoming interrupts. The one-cycle response time
of the standard idle state is increased by n, the clock divisor.
When an enabled interrupt is received, ADSP-218xN series
members remain in the idle state for up to a maximum of n
processor cycles (n = 16, 32, 64, or 128) before resuming
normal operation.
When the IDLE (n) instruction is used in systems that have
an externally generated serial clock (SCLK), the serial clock
rate may be faster than the processor’s reduced internal
clock rate. Under these conditions, interrupts must not be
generated at a faster rate than can be serviced, due to the
additional time the processor takes to come out of the idle
state (a maximum of n processor cycles).
SYSTEM INTERFACE
Figure 1 shows typical basic system configurations with the
ADSP-218xN series, two serial devices, a byte-wide
EPROM, and optional external program and data overlay
memories (mode-selectable). Programmable wait state gen-
eration allows the processor to connect easily to slow periph-
eral devices. ADSP-218xN series members also provide
four external interrupts and two serial ports or six external
interrupts and one serial port. Host Memory Mode allows
access to the full external data bus, but limits addressing to
a single address bit (A0). Through the use of external hard-
ware, additional system peripherals can be added in this
mode to generate and latch address signals.
Figure 1. Basic System Interface
In
ser
t s
yst
em
int
erf
ac
e d
iag
ram
he
re
1/2X CLOCK
OR
CRYSTAL
FL0–2
CLKIN
XTAL
SERIAL
DEVICE
SCLK1
RFS1 OR
IRQ0
TFS1 OR
IRQ1
DT1 OR FO
DR1 OR FI
SPORT1
SERIAL
DEVICE
A0–A21
DATA
BYTE
MEMORY
I/O SPACE
(PERIPHERALS)
DATA
ADDR
DATA
ADDR
2048 LOCATIONS
OVERLAY
MEMORY
TWO 8K
PM SEGMENTS
D23–0
A13–0
D23–8
A10–0
D15–8
D23–16
A13–0
14
24
SCLK0
RFS0
TFS0
DT0
DR0
SPORT0
DATA23–0
ADSP-218xN
CS
CS
1/2X CLOCK
OR
CRYSTAL
CLKIN
XTAL
FL0–2
SERIAL
DEVICE
SCLK1
RFS1 OR
IRQ0
TFS1 OR
IRQ1
DT1 OR FO
DR1 OR FI
SPORT1
16
IDMA PORT
IRD/D6
I
WR/D7
IS/D4
IAL/D5
IACK/D3
IAD15-0
SERIAL
DEVICE
SCLK0
RFS0
TFS0
DT0
DR0
SPORT0
1
16
A0
DATA23–8
IOMS
BMS
DMS
CMS
BR
BG
BGH
PWD
PWDACK
HOST MEMORY MODE
FULL MEMORY MODE
MODE D/PF3
MODE C/PF2
MODE B/PF1
MODE A/PF0
IRQ2/PF7
IRQE/PF4
IRQL0/PF5
I
RQL1/PF6
MODE D/PF3
MODE C/PF2
MODE B/PF1
MODE A/PF0
WR
RD
SYSTEM
INTERFACE
OR
µCONTROLLER
IRQ2/PF7
IRQE/PF4
IRQL0/PF5
IRQL1/PF6
IOMS
BMS
PMS
CMS
BR
BG
BGH
PWD
PWDACK
WR
RD
ADSP-218xN
DMS
TWO 8K
DM SEGMENTS
PMS
ADDR13–0


Podobny numer części - ADSP-2189NBCA-320

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-2189NBCA-320 AD-ADSP-2189NBCA-320 Datasheet
1Mb / 48P
   DSP Microcomputer
REV. A
ADSP-2189NBCA-320 AD-ADSP-2189NBCA-320 Datasheet
1Mb / 48P
   DSP Microcomputer
REV. A
ADSP-2189NBCA-320 AD-ADSP-2189NBCA-320 Datasheet
1Mb / 48P
   DSP Microcomputer
REV. A
More results

Podobny opis - ADSP-2189NBCA-320

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-21065L AD-ADSP-21065L Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com