Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXRS150 Datasheet(Arkusz danych) 7 Page - Analog Devices

Numer części ADXRS150
Szczegółowy opis  ±150°/s Single Chip Yaw Rate Gyro with Signal Conditioning
Pobierz  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 7 page
background image
ADXRS150
Rev. A | Page 7 of 12
Behavior under Various Shock Test Conditions
Figure 15. Shock Test 100 g, 5 ms in Lateral Axis (40 Hz)
Figure 16. Hi-g Shock Test in Lateral Axis (40 Hz)
Figure 17. Hi-g Shock in Rate Axis (40 Hz)
Figure 18. Shock Test 100 g, 5 ms in Longitudinal Axis (40 Hz)
Figure 19. Hi-g Shock Test, Lateral Axis, 10× Time Base (40 Hz)
Figure 20. Hi-g Shock, Rate Axis, BW Reduced to 8 Hz




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
ADXRS300±300°/s Single Chip Yaw Rate Gyro with Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
ADXRS401+-75/s Single Chip Yaw Rate Gyro with Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
ADXL05+-1 g to +-5 g Single Chip Accelerometer with Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
ADIS16100+-300°/sec Yaw Rate Gyro with SPI Interface 1 2 3 4 5 MoreAnalog Devices
ADIS16080±80°/sec Yaw Rate Gyro with SPI Interface 1 2 3 4 5 MoreAnalog Devices
ADXRS150EB150/s Single Chip Rate Gyro Evaluation Board 1 Analog Devices
AN5295NK3-ch. sound signal processing single chip IC for TV with I2C bus 1 2 3 4 5 MorePanasonic Semiconductor
TC9284BFCD SINGLE CHIP PROCESSOR WITH BUILT-IN 1BIT DA CONVERTER 1 2 3 4 5 MoreToshiba Semiconductor
LC865520B8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM 1 2 3 4 5 MoreSanyo Semicon Device
LC86E56328-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM 1 2 3 4 5 MoreSanyo Semicon Device

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl