Zakładka z wyszukiwarką danych komponentów |
|
ADXRS150 Arkusz danych(PDF) 1 Page - Analog Devices |
|
ADXRS150 Arkusz danych(HTML) 1 Page - Analog Devices |
1 / 12 page ±150°/s Single Chip Yaw Rate Gyro with Signal Conditioning ADXRS150 FEATURES Complete rate gyroscope on a single chip Z-axis (yaw rate) response High vibration rejection over wide frequency 0.05°/s/√Hz noise 2000 g powered shock operation Self-test on digital command Temperature sensor output Precision voltage reference output Absolute rate output for precision applications 5 V single-supply operation Ultrasmall and light (< 0.15 cc, < 0.5 gram) APPLICATIONS GPS navigation systems Vehicle stability control Inertial measurement units Guidance and control Platform stabilization GENERAL DESCRIPTION The ADXRS150 is a complete angular rate sensor (gyroscope) that uses Analog Devices’ surface-micromachining process to make a functionally complete and low cost angular rate sensor integrated with all of the required electronics on one chip. The manufacturing technique for this device is the same high volume BIMOS process used for high reliability automotive airbag accelerometers. The output signal, RATEOUT (1B, 2A), is a voltage proportional to the angular rate about the axis normal to the top surface of the package (see Figure 2). A single external resistor can be used to lower the scale factor. An external capacitor is used to set the bandwidth. Other external capacitors are required for operation (see Figure 21). A precision reference and a temperature output are also pro- vided for compensation techniques. Two digital self-test inputs electromechanically excite the sensor to test the operation of both sensors and the signal conditioning circuits. The ADXRS150 is available in a 7 mm × 7 mm × 3 mm BGA surface-mount package. FUNCTIONAL BLOCK DIAGRAM 5G 4G 3A 5V 2G 1F 7F 6A 7D 7C 7B 1C 4A 5A 7E 6G 1D 2A 1E 3G 1B PDD 12V + ADXRS150 47nF 22nF 100nF 22nF CP2 CP1 PGND CP4 CP3 CP5 CHARGE PUMP/REG. TEMP PTAT RATEOUT 2.5V π DEMOD RATE SENSOR SELF TEST 100nF 100nF CMID AGND AVCC ST1 ST2 CORIOLIS SIGNAL CHANNEL RSEN1 RSEN2 COUT SUMJ ROUT 2.5V REF ≈9kΩ ±35% ≈9kΩ ±35% 180k Ω 1% RESONATOR LOOP – Figure 1. Rev. A Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective companies. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.326.8703 © 2003 Analog Devices, Inc. All rights reserved. |
Podobny numer części - ADXRS150 |
|
Podobny opis - ADXRS150 |