Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXRS150 Datasheet(Arkusz danych) 11 Page - Analog Devices

Numer części ADXRS150
Szczegółowy opis  ±150°/s Single Chip Yaw Rate Gyro with Signal Conditioning
Pobierz  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 11 page
background image
ADXRS150
Rev. A | Page 11 of 12
PIN CONFIGURATIONS AND FUNCTIONAL DESCRIPTIONS
AGND
TEMP
ST2
ST1
PGND
AVCC
CP1
CP2
CP4
RATEOUT
GF
E
D
C
B
A
7
6
5
4
3
2
1
CP5
CP3
PDD
CMID
SUMJ
2.5V
Figure 27. BGA-32 (Bottom View)
Table 3. Pin Function Descriptions—32-Lead BGA
Pin No.
Mnemonic
Description
6D, 7D
CP5
HV Filter Capacitor—47 nF
6A, 7B
CP4
6C, 7C
CP3
Charge Pump Capacitor—22 nF
5A, 5B
CP1
4A, 4B
CP2
Charge Pump Capacitor—22 nF
3A, 3B
AVCC
+ Analog Supply
1B, 2A
RATEOUT
Rate Signal Output
1C, 2C
SUMJ
Output Amp Summing Junction
1D, 2D
CMID
HF Filter Capacitor—100 nF
1E, 2E
2.5V
2.5 V Precision Reference
1F, 2G
AGND
Analog Supply Return
3F, 3G
TEMP
Temperature Voltage Output
4F, 4G
ST2
Self-Test for Sensor 2
5F, 5G
ST1
Self-Test for Sensor 1
6G, 7F
PGND
Charge Pump Supply Return
6E, 7E
PDD
+ Charge Pump Supply




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
ADXRS300±300°/s Single Chip Yaw Rate Gyro with Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
ADXRS401+-75/s Single Chip Yaw Rate Gyro with Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
ADXL05+-1 g to +-5 g Single Chip Accelerometer with Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
ADIS16100+-300°/sec Yaw Rate Gyro with SPI Interface 1 2 3 4 5 MoreAnalog Devices
ADIS16080±80°/sec Yaw Rate Gyro with SPI Interface 1 2 3 4 5 MoreAnalog Devices
ADXRS150EB150/s Single Chip Rate Gyro Evaluation Board 1 Analog Devices
AN5295NK3-ch. sound signal processing single chip IC for TV with I2C bus 1 2 3 4 5 MorePanasonic Semiconductor
TC9284BFCD SINGLE CHIP PROCESSOR WITH BUILT-IN 1BIT DA CONVERTER 1 2 3 4 5 MoreToshiba Semiconductor
LC865520B8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM 1 2 3 4 5 MoreSanyo Semicon Device
LC86E56328-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM 1 2 3 4 5 MoreSanyo Semicon Device

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl