Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXRS150ABG Arkusz danych(PDF) 12 Page - Analog Devices

Numer części ADXRS150ABG
Szczegółowy opis  짹150째/s Single Chip Yaw Rate Gyro with Signal Conditioning
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXRS150ABG Arkusz danych(HTML) 12 Page - Analog Devices

Back Button ADXRS150ABG Datasheet HTML 4Page - Analog Devices ADXRS150ABG Datasheet HTML 5Page - Analog Devices ADXRS150ABG Datasheet HTML 6Page - Analog Devices ADXRS150ABG Datasheet HTML 7Page - Analog Devices ADXRS150ABG Datasheet HTML 8Page - Analog Devices ADXRS150ABG Datasheet HTML 9Page - Analog Devices ADXRS150ABG Datasheet HTML 10Page - Analog Devices ADXRS150ABG Datasheet HTML 11Page - Analog Devices ADXRS150ABG Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
ADXRS150
Rev. A | Page 12 of 12
OUTLINE DIMENSIONS
A
B
C
D
E
F
G
BOTTOM
VIEW
7
A1
65
4
3
TOP VIEW
DETAIL A
3.65 MAX
SEATING
PLANE
DETAIL A
BALL DIAMETER
7.00 BSC SQ
4.80 BSC
0.60
0.55
0.50
3.20
2.50
0.44
0.25
0.15 MAX
COPLANARITY
0.80
BSC
A1 CORNER
INDEX AREA
21
Figure 28. 32-Lead Chip Scale Ball Grid Array [CSPBGA]
(BC-32)
Dimensions shown in millimeters
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.
Table 4. Ordering Guide
ADXRS150 Products
Temperature Package
Package Description
Package Outline
ADXRS150ABG
–40°C to +85°C
32-Lead BGA
BC-32
ADXRS150ABG-Reel
–40°C to +85°C
32-Lead BGA
BC-32
© 2003 Analog Devices, Inc. All rights reserved. Trademarks and regis-
tered trademarks are the property of their respective companies.
Printed in the U.S.A.
C03226-0-1/03(A)


Podobny numer części - ADXRS150ABG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXRS150EB AD-ADXRS150EB Datasheet
81Kb / 1P
   150/s Single Chip Rate Gyro Evaluation Board
REV. 0
ADXRS150 AD-ADXRS150_15 Datasheet
1Mb / 12P
   150/s Single Chip Yaw Rate Gyro with Signal Conditioning
More results

Podobny opis - ADXRS150ABG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXRS401 AD-ADXRS401_15 Datasheet
410Kb / 12P
   75/s Single Chip Yaw Rate Gyro with Signal Conditioning
ADXRS150 AD-ADXRS150_15 Datasheet
1Mb / 12P
   150/s Single Chip Yaw Rate Gyro with Signal Conditioning
ADXRS300 AD-ADXRS300 Datasheet
399Kb / 8P
   짹300째/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. A
ADXRS401 AD-ADXRS401 Datasheet
311Kb / 12P
   -75/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. 0
AD22304 AD-AD22304 Datasheet
530Kb / 12P
   짹80째/s Single Chip Yaw Rate Gyro with Signal Conditioning
Rev. 0-Preliminary
ADXRS300 AD-ADXRS300_15 Datasheet
194Kb / 8P
   300/s Single Chip Yaw Rate Gyro with Signal Conditioning
ADXRS614 AD-ADXRS614_15 Datasheet
550Kb / 12P
   50/s Yaw Rate Gyro
ADXRS624 AD-ADXRS624 Datasheet
531Kb / 12P
   짹50째/s Yaw Rate Gyro
REV. 0
ADXRS614 AD-ADXRS614 Datasheet
746Kb / 12P
   짹50째/s Yaw Rate Gyro
REV. 0
ADXRS624BBGZ AD-ADXRS624BBGZ Datasheet
547Kb / 12P
   50,-50/s Yaw Rate Gyro
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com