Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXRS150ABG-REEL Datasheet(Arkusz danych) 3 Page - Analog Devices

Numer części ADXRS150ABG-REEL
Szczegółowy opis  ±150°/s Single Chip Yaw Rate Gyro with Signal Conditioning
Pobierz  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 3 page
background image
ADXRS150
ADXRS150—SPECIFICATIONS
Table 1. @TA = 25°C, VS = 5 V, Bandwidth = 80 Hz (COUT = 0.01 µF), Angular Rate = 0°/s, Unless Otherwise Noted.
ADXRS150ABG
Parameter
Conditions
Min1
Typ
Max1
Unit
SENSITIVITY
Clockwise Rotation Is Positive Output
Dynamic Range2
Full-Scale Range over Specifications Range
±150
°/s
Initial
@25°C
11.25
12.5
13.75
mV/°/s
Over Temperature3
VCC = 4.75 V to 5.25 V
11.25
13.75
mV/°/s
Nonlinearity
Best Fit Straight Line
0.1
% of FS
Voltage Sensitivity
VCC = 4.75 V to 5.25 V
0.7
%/V
NULL
Initial Null
2.50
V
Null Drift over Temperature3
Delta from 25°C
±300
mV
Turn-On Time
Power on to ±½°/s of Final
35
ms
Linear Acceleration Effect
Any Axis
0.2
°/s/g
Voltage Sensitivity
VCC = 4.75 V to 5.25 V
1
°/s/V
NOISE PERFORMANCE
Rate Noise Density
@25°C
0.05
°/s/√Hz
FREQUENCY RESPONSE
3 db Bandwidth4 (User Selectable)
22 nF as Comp Cap (See Applications section)
40
Hz
Sensor Resonant Frequency
14
kHz
SELF TEST
ST1 RATEOUT Response5
ST1 Pin from Logic “0” to “1,” –40°C to +85°C
–400
–660
–1000
mV
ST2 RATEOUT Response5
ST2 Pin from Logic “0” to “1,” –40°C to +85°C
+400
+660
+1000
mV
Logic “1” Input Voltage
Standard High Logic Level Definition
3.3
V
Logic “0” Input Voltage
Standard Low Logic Level Definition
1.7
V
Input Impedance
To Common
50
kΩ
TEMPERATURE SENSOR
VOUT at 298°K
2.50
V
Max Current Load on Pin
Source to Common
50
µA
Scale Factor
Proportional to Absolute Temperature
8.4
mV/°K
OUTPUT DRIVE CAPABILITY
Output Voltage Swing
IOUT = ±100 µA
0.25
VS – 0.25
V
Capacitive Load Drive
1000
pF
2.5 V REFERENCE
Voltage Value
2.45
2.5
2.55
V
Load Drive to Ground
Source
200
µA
Load Regulation
0 < IOUT < 200 µA
5.0
mV/mA
Power Supply Rejection
4.75 VS to 5.25 VS
1.0
mV/V
Temperature Drift3
Delta from 25°C
5.0
mV
POWER SUPPLY
Operating Voltage Range
4.75
5.00
5.25
V
Quiescent Supply Current
6.0
8.0
mA
TEMPERATURE RANGE
Specified Performance Grade A
–40
+85
°C
1 All min and max specifications are guaranteed. Typical specifications are not tested or guaranteed.
2 Dynamic range is the maximum full-scale measurement range possible, including output swing range, initial offset, sensitivity, offset drift, and sensitivity drift at
5 V supplies.
3 Specification refers to the maximum extent of this parameter as a worst-case value at TMIN or TMAX.
4 Frequency at which response is 3 dB down from dc response with specified compensation capacitor value. Internal pole forming resistor is 180 k
Ω. See Setting Band-
width section.
5 Self-test response varies with temperature. Refer to the Self-Test Function section for details.
Rev. A | Page 3 of 12




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
ADXRS300±300°/s Single Chip Yaw Rate Gyro with Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
ADXRS401+-75/s Single Chip Yaw Rate Gyro with Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
ADXL05+-1 g to +-5 g Single Chip Accelerometer with Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
ADIS16100+-300°/sec Yaw Rate Gyro with SPI Interface 1 2 3 4 5 MoreAnalog Devices
ADIS16080±80°/sec Yaw Rate Gyro with SPI Interface 1 2 3 4 5 MoreAnalog Devices
ADXRS150EB150/s Single Chip Rate Gyro Evaluation Board 1 Analog Devices
AN5295NK3-ch. sound signal processing single chip IC for TV with I2C bus 1 2 3 4 5 MorePanasonic Semiconductor
TC9284BFCD SINGLE CHIP PROCESSOR WITH BUILT-IN 1BIT DA CONVERTER 1 2 3 4 5 MoreToshiba Semiconductor
LC865520B8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM 1 2 3 4 5 MoreSanyo Semicon Device
LC86E56328-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM 1 2 3 4 5 MoreSanyo Semicon Device

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl