Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT7403 Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części 74HCT7403
Szczegółowy opis  4-Bit x 64-word FIFO register; 3-state
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT7403 Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button 74HCT7403 Datasheet HTML 2Page - NXP Semiconductors 74HCT7403 Datasheet HTML 3Page - NXP Semiconductors 74HCT7403 Datasheet HTML 4Page - NXP Semiconductors 74HCT7403 Datasheet HTML 5Page - NXP Semiconductors 74HCT7403 Datasheet HTML 6Page - NXP Semiconductors 74HCT7403 Datasheet HTML 7Page - NXP Semiconductors 74HCT7403 Datasheet HTML 8Page - NXP Semiconductors 74HCT7403 Datasheet HTML 9Page - NXP Semiconductors 74HCT7403 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
September 1993
6
Philips Semiconductors
Product specification
4-Bit x 64-word FIFO register; 3-state
74HC/HCT7403
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”, except that VOH and VOL are not
valid for driver output.
They are replaced by the values given below.
Output capability: driver 8 mA
ICC category: LSI.
Voltages are referenced to GND (ground = 0 V).
DC CHARACTERISTICS FOR 74HC
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITION
+25
−40 to +85 −40 to +125
VCC
(V)
VI
OTHER
MIN
TYP
MAX
MIN
MAX
MIN
MAX
VOH
HIGH level
output voltage
all outputs
1.9
4.4
5.9
2.0
4.5
6
1.9
4.4
5.9
1.9
4.4
5.9
V
V
V
2.0
4.5
6.0
VIH
or
VIL
IO = −20 µA
VOH
HIGH level
output voltage
driver outputs
3.98
5.48
4.32
5.81
3.84
5.34
3.70
5.20
V
V
4.5
6.0
VIH
or
VIL
IO = −8 mA
IO = −10 mA
VOL
LOW level
output voltage
all outputs
0
0
0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
V
V
2.0
4.5
6.0
VIH
or
VIL
IO = 20 µA
VOL
LOW level
output voltage
driver outputs
0.15
0.15
0.26
0.26
0.33
0.33
0.40
0.40
V
V
4.5
6.0
VIH
or
VIL
IO = 8 mA
IO = 10 mA


Podobny numer części - 74HCT7403

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT7403-Q100 NXP-74HCT7403-Q100 Datasheet
299Kb / 32P
   4-bit x 64-word FIFO register; 3-state
Rev. 1-21 September 2012
More results

Podobny opis - 74HCT7403

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC7403-Q100 NXP-74HC7403-Q100 Datasheet
299Kb / 32P
   4-bit x 64-word FIFO register; 3-state
Rev. 1-21 September 2012
74HC7404 PHILIPS-74HC7404 Datasheet
131Kb / 28P
   5-Bit x 64-word FIFO register; 3-state
September 1993
74HC7030 PHILIPS-74HC7030 Datasheet
172Kb / 22P
   9-bit x 64-word FIFO register; 3-state
December 1990
74HC40105 PHILIPS-74HC40105 Datasheet
200Kb / 25P
   4-bit x 16-word FIFO register
1998 Jan 23
logo
STMicroelectronics
M54HC670 STMICROELECTRONICS-M54HC670 Datasheet
264Kb / 12P
   4 WORD X 4 BIT REGISTER FILE 3 STATE
M74HC670 STMICROELECTRONICS-M74HC670 Datasheet
482Kb / 11P
   4 WORD x 4 BIT REGISTER FILE (3 STATE)
logo
Toshiba Semiconductor
TC74HC40105AP TOSHIBA-TC74HC40105AP Datasheet
467Kb / 11P
   4 Bit 횞 16 Word FIFO Register
logo
Texas Instruments
CD54HC40105 TI-CD54HC40105_07 Datasheet
461Kb / 21P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
CD54HC40105 TI-CD54HC40105_08 Datasheet
602Kb / 22P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
CD54HC40105 TI-CD54HC40105 Datasheet
318Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com