Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT7403D Arkusz danych(PDF) 10 Page - NXP Semiconductors

Numer części 74HCT7403D
Szczegółowy opis  4-Bit x 64-word FIFO register; 3-state
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT7403D Arkusz danych(HTML) 10 Page - NXP Semiconductors

Back Button 74HCT7403D Datasheet HTML 6Page - NXP Semiconductors 74HCT7403D Datasheet HTML 7Page - NXP Semiconductors 74HCT7403D Datasheet HTML 8Page - NXP Semiconductors 74HCT7403D Datasheet HTML 9Page - NXP Semiconductors 74HCT7403D Datasheet HTML 10Page - NXP Semiconductors 74HCT7403D Datasheet HTML 11Page - NXP Semiconductors 74HCT7403D Datasheet HTML 12Page - NXP Semiconductors 74HCT7403D Datasheet HTML 13Page - NXP Semiconductors 74HCT7403D Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
September 1993
10
Philips Semiconductors
Product specification
4-Bit x 64-word FIFO register; 3-state
74HC/HCT7403
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr = tf = 6 ns; CL = 50 pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITION
−25
−40 to +85
−40 to +125
VCC
(V)
WAVEFORMS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPHL/tPLH
propagation
delay
MR to DIR,
DOR
30
51
53
63
ns
4.5
Fig.8
tPHL
propagation
delay
MR to Qn
22
38
48
57
ns
4.5
Fig.8
tPHL/tPLH
propagation
delay
SI to DIR
25
43
54
65
ns
4.5
Fig.6
tPHL/tPLH
propagation
delay
SO to DOR
36
61
76
92
ns
4.5
Fig.9
tPHL/tPLH
propagation
delay
SO to Qn
42
72
90
108
ns
4.5
Fig.14
tPHL/tPLH
propagation
delay
DOR to Qn
712
15
18
ns
4.5
Fig.10
tPLH
propagation
delay/ripple
through delay
SI to DOR
0.8
1.4
1.75
2.1
µs
4.5
Fig.10
tPLH
propagation
delay/bubble-up
delay
SO to DIR
1
1.8
2.25
2.7
µs
4.5
Fig.7
tPZH/tPZL
3-state output
enable time
OE to Qn
16
30
38
45
ns
4.5
Fig.16
tPHZ/tPLZ
3-state output
disable time
OE to Qn
19
30
38
45
ns
4.5
Fig.16
tTHL/tTLH
output transition
time
512
15
18
ns
4.5
Fig.16
tW
SI pulse width
HIGH or LOW
95
6
8
ns
4.5
Fig.6
tW
SO pulse width
HIGH or LOW
14
8
18
21
ns
4.5
Fig.9
tW
DIR pulse width
HIGH
5
17
29
4
36
4
44
ns
4.5
Fig.7


Podobny numer części - 74HCT7403D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT7403-Q100 NXP-74HCT7403-Q100 Datasheet
299Kb / 32P
   4-bit x 64-word FIFO register; 3-state
Rev. 1-21 September 2012
More results

Podobny opis - 74HCT7403D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC7403-Q100 NXP-74HC7403-Q100 Datasheet
299Kb / 32P
   4-bit x 64-word FIFO register; 3-state
Rev. 1-21 September 2012
74HC7404 PHILIPS-74HC7404 Datasheet
131Kb / 28P
   5-Bit x 64-word FIFO register; 3-state
September 1993
74HC7030 PHILIPS-74HC7030 Datasheet
172Kb / 22P
   9-bit x 64-word FIFO register; 3-state
December 1990
74HC40105 PHILIPS-74HC40105 Datasheet
200Kb / 25P
   4-bit x 16-word FIFO register
1998 Jan 23
logo
STMicroelectronics
M54HC670 STMICROELECTRONICS-M54HC670 Datasheet
264Kb / 12P
   4 WORD X 4 BIT REGISTER FILE 3 STATE
M74HC670 STMICROELECTRONICS-M74HC670 Datasheet
482Kb / 11P
   4 WORD x 4 BIT REGISTER FILE (3 STATE)
logo
Toshiba Semiconductor
TC74HC40105AP TOSHIBA-TC74HC40105AP Datasheet
467Kb / 11P
   4 Bit 횞 16 Word FIFO Register
logo
Texas Instruments
CD54HC40105 TI-CD54HC40105_07 Datasheet
461Kb / 21P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
CD54HC40105 TI-CD54HC40105_08 Datasheet
602Kb / 22P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
CD54HC40105 TI-CD54HC40105 Datasheet
318Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com