Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AC125TTR Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części 74AC125TTR
Szczegółowy opis  QUAD BUS BUFFERS (3-STATE)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74AC125TTR Arkusz danych(HTML) 4 Page - STMicroelectronics

  74AC125TTR Datasheet HTML 1Page - STMicroelectronics 74AC125TTR Datasheet HTML 2Page - STMicroelectronics 74AC125TTR Datasheet HTML 3Page - STMicroelectronics 74AC125TTR Datasheet HTML 4Page - STMicroelectronics 74AC125TTR Datasheet HTML 5Page - STMicroelectronics 74AC125TTR Datasheet HTML 6Page - STMicroelectronics 74AC125TTR Datasheet HTML 7Page - STMicroelectronics 74AC125TTR Datasheet HTML 8Page - STMicroelectronics 74AC125TTR Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
74AC125
4/9
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/4 (per
Buffer)
TEST CIRCUIT
CL = 50pF or equivalent (includes jig and probe capacitance)
RL = R1 = 500Ω or equivalent
RT = ZOUT of pulse generator (typically 50Ω)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
5.0
4
pF
COUT
Output
Capacitance
5.0
8
pF
CPD
Power Dissipation
Capacitance (note
1)
5.0
fIN = 10MHz
24
pF
TEST
SWITCH
tPLH, tPHL
Open
tPZL, tPLZ
2VCC
tPZH, tPHZ
Open


Podobny numer części - 74AC125TTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74AC125 FAIRCHILD-74AC125 Datasheet
90Kb / 9P
   Quad Buffer with 3-STATE Outputs
logo
Hitachi Semiconductor
74AC125 HITACHI-74AC125 Datasheet
51Kb / 8P
   Quad Buffer/Line Driver with 3-State Output
logo
National Semiconductor ...
74AC125 NSC-74AC125 Datasheet
162Kb / 8P
   Quad Buffer with TRI-STATE Outputs
logo
ON Semiconductor
74AC125 ONSEMI-74AC125 Datasheet
142Kb / 9P
   Quad Buffer with 3?뭆tate Outputs
October, 2006 ??Rev. 7
logo
Fairchild Semiconductor
74AC125 FAIRCHILD-74AC125 Datasheet
309Kb / 10P
   Quad Buffer with 3-STATE Outputs
More results

Podobny opis - 74AC125TTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M54HC125 STMICROELECTRONICS-M54HC125 Datasheet
256Kb / 9P
   QUAD BUS BUFFERS 3-STATE
March 2004
74ACT125 STMICROELECTRONICS-74ACT125 Datasheet
75Kb / 8P
   QUAD BUS BUFFERS 3-STATE
May 1997
74VHC125 STMICROELECTRONICS-74VHC125 Datasheet
61Kb / 8P
   QUAD BUS BUFFERS 3-STATE
June 1999
74VHC126 STMICROELECTRONICS-74VHC126 Datasheet
61Kb / 8P
   QUAD BUS BUFFERS (3-STATE)
June 1999
74ACT125MTR STMICROELECTRONICS-74ACT125MTR Datasheet
178Kb / 9P
   QUAD BUS BUFFERS (3-STATE)
July 2001
M54HCT125 STMICROELECTRONICS-M54HCT125 Datasheet
254Kb / 10P
   QUAD BUS BUFFERS 3-STATE
74LVQ125 STMICROELECTRONICS-74LVQ125 Datasheet
61Kb / 8P
   QUAD BUS BUFFERS 3-STATE
February 1999
74VHCT125A STMICROELECTRONICS-74VHCT125A Datasheet
60Kb / 8P
   QUAD BUS BUFFERS 3-STATE
August 1999
74VHCT126A STMICROELECTRONICS-74VHCT126A Datasheet
60Kb / 8P
   QUAD BUS BUFFERS 3-STATE
March 2000
74VHC125 STMICROELECTRONICS-74VHC125_04 Datasheet
239Kb / 12P
   QUAD BUS BUFFERS (3-STATE)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com