Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT1284DB Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części 74HCT1284DB
Szczegółowy opis  Parallel printer interface transceiver/buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT1284DB Arkusz danych(HTML) 3 Page - NXP Semiconductors

  74HCT1284DB Datasheet HTML 1Page - NXP Semiconductors 74HCT1284DB Datasheet HTML 2Page - NXP Semiconductors 74HCT1284DB Datasheet HTML 3Page - NXP Semiconductors 74HCT1284DB Datasheet HTML 4Page - NXP Semiconductors 74HCT1284DB Datasheet HTML 5Page - NXP Semiconductors 74HCT1284DB Datasheet HTML 6Page - NXP Semiconductors 74HCT1284DB Datasheet HTML 7Page - NXP Semiconductors 74HCT1284DB Datasheet HTML 8Page - NXP Semiconductors 74HCT1284DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
Product specification
74HCT1284
Parallel printer interface transceiver/buffer
1998 Jul 10
3
LOGIC SYMBOL
DIR
HD
Y7
A7
AY
Y6
A6
AY
Y5
A5
AY
B4
A4
AB
AB
B2
A2
AB
AB
B3
A3
B1
A1
SK00009
FUNCTION TABLE
INPUTS
OUTPUTS
INPUTS/OUTPUTS
DIR
HD
A5-7
Y5-7
A1-4
B1-4
L
L
L
L
A = B
Inputs
L
L
H
Z
A = B
Inputs
L
H
L
L
A = B
Inputs
L
H
H
H
A = B
Inputs
H
L
L
L
Inputs Low
Outputs Low
H
L
H
Z
Inputs High
Outputs Z
H
H
L
L
Inputs
B = A
H
H
H
H
Inputs
B = A
H = High Voltage
L = Low Voltage
Z = High Impedance, Off-State
ABSOLUTE MAXIMUM RATINGS1, 2
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VCC
DC supply voltage
–0.5 to +6.5
V
IIK
DC input diode current
VI < 0
±20
mA
VI
DC input voltage3
–2 to +7.0
V
IOK
DC output diode current
VO < 0
±50
mA
VOUT
DC output voltage3
Output in Off or High state
–0.5 to +5.5
V
IOUT
DC output current
Output in Low state
±50
mA
Tstg
Storage temperature range
–65 to 150
°C
ICC/IGND
Continuous current through VCC or GND
±200
mA
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction
temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150
°C.
3. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
MIN
MAX
UNIT
VCC
DC supply voltage
4.7
5.5
V
VI
Input voltage
0
VCC
V
VIH
High-level input voltage
2.0
V
VIL
Low-level Input voltage
0.8
V
IOH
High-level output current
–14
mA
IOL
Low-level output current
14
mA
Tamb
Operating free-air temperature range
0
+70
°C


Podobny numer części - 74HCT1284DB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT123 PHILIPS-74HCT123 Datasheet
124Kb / 17P
   Dual retriggerable monostable multivibrator with reset
1998 Jul 08
74HCT123 NXP-74HCT123 Datasheet
155Kb / 24P
   Dual retriggerable monostable multivibrator with reset
Rev. 05-13 July 2009
74HCT123 PHILIPS-74HCT123 Datasheet
295Kb / 25P
   Dual retriggerable monostable multivibrator with reset
Rev. 8-16 December 2011
logo
Nexperia B.V. All right...
74HCT123 NEXPERIA-74HCT123 Datasheet
322Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 12 - 11 August 2021
74HCT123-Q100 NEXPERIA-74HCT123-Q100 Datasheet
315Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 3.1 - 3 September 2020
More results

Podobny opis - 74HCT1284DB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVC1284 PHILIPS-74LVC1284 Datasheet
100Kb / 10P
   3.3V Parallel printer interface transceiver/buffer
1995 Nov 10
PDI1284P11 PHILIPS-PDI1284P11 Datasheet
140Kb / 12P
   3.3V Parallel interface transceiver/buffer
1999 Sep 17
logo
List of Unclassifed Man...
EDE1400 ETC1-EDE1400 Datasheet
184Kb / 7P
   Parallel-Printer Interface IC
logo
Nexperia B.V. All right...
PDI1284P11 NEXPERIA-PDI1284P11 Datasheet
237Kb / 14P
   3.3 V parallel interface transceiver/buffer
Rev. 4 - 6 July 2021
logo
NXP Semiconductors
PDI1284P11 NXP-PDI1284P11 Datasheet
99Kb / 16P
   3.3 V parallel interface transceiver/buffer
Rev. 03-25 August 2008
logo
Mitsubishi Electric Sem...
M54610P MITSUBISHI-M54610P Datasheet
189Kb / 9P
   8-BIT PARALLEL DATA INTERFACE FOR PRINTER
logo
Gamewell-FCI by Honeywe...
RPI GAMEWELL-FCI-RPI Datasheet
61Kb / 1P
   Remote Printer Interface Module
logo
Purdy Electronics Corpo...
OPTO-3800S PURDY-OPTO-3800S Datasheet
720Kb / 1P
   Centronics Modems Printer Interface
logo
Micro Electronics
UM82C11 MICRO-ELECTRONICS-UM82C11 Datasheet
127Kb / 1P
   Printer Adapter Interface (PAI)
logo
UMC Corporation
UM82C11-C UMC-UM82C11-C Datasheet
517Kb / 9P
   Printer Adapter Interface (PAI)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com