Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT1284PW Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części 74HCT1284PW
Szczegółowy opis  Parallel printer interface transceiver/buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT1284PW Arkusz danych(HTML) 4 Page - NXP Semiconductors

  74HCT1284PW Datasheet HTML 1Page - NXP Semiconductors 74HCT1284PW Datasheet HTML 2Page - NXP Semiconductors 74HCT1284PW Datasheet HTML 3Page - NXP Semiconductors 74HCT1284PW Datasheet HTML 4Page - NXP Semiconductors 74HCT1284PW Datasheet HTML 5Page - NXP Semiconductors 74HCT1284PW Datasheet HTML 6Page - NXP Semiconductors 74HCT1284PW Datasheet HTML 7Page - NXP Semiconductors 74HCT1284PW Datasheet HTML 8Page - NXP Semiconductors 74HCT1284PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Philips Semiconductors
Product specification
74HCT1284
Parallel printer interface transceiver/buffer
1998 Jul 10
4
DC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = 25°C
Tamb = 0°C to +70°C
UNIT
MIN
TYP
MAX
MIN
MAX
A
VCC = Min to Max; IOH = –50µA
VCC–0.2
VCC
VCC–0.2
V
VOH
High-level
output voltage
An
VCC = 4.7V; IOH = –4mA
4.3
4.6
3.7
V
out ut voltage
Bn or Yn VCC = 4.7V; IOH = –14mA
2.6
2.9
2.4
V
Low-level
An
VCC = Min to Max; IOL = 50µA;
VI = VIL or VIH
0
0.2
0.2
V
VOL
Low-level
output voltage
n
VCC = 4.7V; IOL = 4mA; VI = VIL or VIH
0.1
0.25
0.4
V
Bn or Yn VCC = 4.7V; IOL = 14mA; VI = VIL or VIH
0.15
0.3
0.4
V
VHYS
Input Hysteresis
VCC = 5.0V
0.4
0.50
0.4
V
RD
B/Y side Output
Impedance
See Figure 1
8
15
22
8
22
II
Input leakage current
(A5–A7)
VCC = 5.5V; VO = VCC or GND
±0.5
±1.0
±5.0
µA
IOFF
B/Y Side Power-off
leakage current
VCC = 0.0V; VO = 0 to 7V
±1
±10
±100
µA
IOZH
3-State output High
current Yn
VCC = 5.5V; VO = VCC; VI = VIL or VIH
1
5
20
µA
IOZL
3-State output Low
current Yn
VCC = 5.5V; VO = GND; VI = VIL or VIH
–1
–5
–20
µA
IIH+IOZH
current (A1 – A4, Bn)
VCC = 5.5V; VI/O = VCC
1
5
25
µA
IIL+IOZL
current (A1 – A4, Bn)
VCC = 5.5V; VI/O = GND
–1
–5
–25
µA
ICC
Quiescent Supply
Current
VCC = 5.5V; IO = 0; VI = GND or VCC
0.5
250
400
µA


Podobny numer części - 74HCT1284PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT123 PHILIPS-74HCT123 Datasheet
124Kb / 17P
   Dual retriggerable monostable multivibrator with reset
1998 Jul 08
74HCT123 NXP-74HCT123 Datasheet
155Kb / 24P
   Dual retriggerable monostable multivibrator with reset
Rev. 05-13 July 2009
74HCT123 PHILIPS-74HCT123 Datasheet
295Kb / 25P
   Dual retriggerable monostable multivibrator with reset
Rev. 8-16 December 2011
logo
Nexperia B.V. All right...
74HCT123 NEXPERIA-74HCT123 Datasheet
322Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 12 - 11 August 2021
74HCT123-Q100 NEXPERIA-74HCT123-Q100 Datasheet
315Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 3.1 - 3 September 2020
More results

Podobny opis - 74HCT1284PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVC1284 PHILIPS-74LVC1284 Datasheet
100Kb / 10P
   3.3V Parallel printer interface transceiver/buffer
1995 Nov 10
PDI1284P11 PHILIPS-PDI1284P11 Datasheet
140Kb / 12P
   3.3V Parallel interface transceiver/buffer
1999 Sep 17
logo
List of Unclassifed Man...
EDE1400 ETC1-EDE1400 Datasheet
184Kb / 7P
   Parallel-Printer Interface IC
logo
Nexperia B.V. All right...
PDI1284P11 NEXPERIA-PDI1284P11 Datasheet
237Kb / 14P
   3.3 V parallel interface transceiver/buffer
Rev. 4 - 6 July 2021
logo
NXP Semiconductors
PDI1284P11 NXP-PDI1284P11 Datasheet
99Kb / 16P
   3.3 V parallel interface transceiver/buffer
Rev. 03-25 August 2008
logo
Mitsubishi Electric Sem...
M54610P MITSUBISHI-M54610P Datasheet
189Kb / 9P
   8-BIT PARALLEL DATA INTERFACE FOR PRINTER
logo
Gamewell-FCI by Honeywe...
RPI GAMEWELL-FCI-RPI Datasheet
61Kb / 1P
   Remote Printer Interface Module
logo
Purdy Electronics Corpo...
OPTO-3800S PURDY-OPTO-3800S Datasheet
720Kb / 1P
   Centronics Modems Printer Interface
logo
Micro Electronics
UM82C11 MICRO-ELECTRONICS-UM82C11 Datasheet
127Kb / 1P
   Printer Adapter Interface (PAI)
logo
UMC Corporation
UM82C11-C UMC-UM82C11-C Datasheet
517Kb / 9P
   Printer Adapter Interface (PAI)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com