Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT1284PW Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części 74HCT1284PW
Szczegółowy opis  Parallel printer interface transceiver/buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT1284PW Arkusz danych(HTML) 5 Page - NXP Semiconductors

  74HCT1284PW Datasheet HTML 1Page - NXP Semiconductors 74HCT1284PW Datasheet HTML 2Page - NXP Semiconductors 74HCT1284PW Datasheet HTML 3Page - NXP Semiconductors 74HCT1284PW Datasheet HTML 4Page - NXP Semiconductors 74HCT1284PW Datasheet HTML 5Page - NXP Semiconductors 74HCT1284PW Datasheet HTML 6Page - NXP Semiconductors 74HCT1284PW Datasheet HTML 7Page - NXP Semiconductors 74HCT1284PW Datasheet HTML 8Page - NXP Semiconductors 74HCT1284PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
Product specification
74HCT1284
Parallel printer interface transceiver/buffer
1998 Jul 10
5
AC CHARACTERISTICS
GND = 0V, tR = tF = 3.0ns, CL = 50pF, RL = 500Ω
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = 25°C
VCC = 5.0V
Tamb = 0 to + 70°C
VCC = Min to Max
UNIT
MIN
TYP
MAX
MIN
MAX
SR
B-Side Slew Rate
0.05
0.11
0.4
0.05
0.4
V/ns
tPLH
tPHL
Propagation delay
A toY or A to B
2
5.0
5.0
13.9
21.0
17.1
25.7
5.0
5.0
22
31
ns
tPLH
tPHL
Propagation delay
B to A
1
1.5
1.5
5.3
5.6
7.5
7.9
1.5
1.5
9.0
10.0
ns
tPZH
tPHZ
Output enable/disable time to/from High level
HD to Y or HD to B
3
4.0
2.0
12.0
6.5
16.0
9.1
4.0
2.0
20.0
11.0
ns
tPZL
tPLZ
Output enable/disable time to/from Low level
A to Y or A to B
4
5.0
1.5
12.7
5.0
16.3
7.1
5.0
1.5
20.0
9.0
ns
AC WAVEFORMS
For all waveforms, VM = 1.5V.
Bn Input
VM
tPLH
tPHL
A1 – A4
Output
50% VCC
VM
VOH
VOL
50% VCC
SK00003
Waveform 1.
Propagation Delay for Bn to A1–A4
An Input
VM
tPLH
tPHL
Bn or Yn
Output
VM
VOH–1.4V
VOH
VOL
VOH–1.4V
SK00004
Waveform 2.
Propagation Delay for An to Bn or Yn Outputs
HD Inputs
VM
tPZH
tPHZ
0V
VOH–0.3V
Bn or Yn Output
VM
VM
VOH
SK00005
Waveform 3.
3-State Output Enable Time to High Level and
Output Disable Time from High Level
An Input
tPZL
tPLZ
VOL +0.3V
Bn or Yn
Output
VM
VM
VM
VOL
SK00006
Waveform 4.
3-State Output enable Time to Low Level and
Output disable Time from Low Level


Podobny numer części - 74HCT1284PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT123 PHILIPS-74HCT123 Datasheet
124Kb / 17P
   Dual retriggerable monostable multivibrator with reset
1998 Jul 08
74HCT123 NXP-74HCT123 Datasheet
155Kb / 24P
   Dual retriggerable monostable multivibrator with reset
Rev. 05-13 July 2009
74HCT123 PHILIPS-74HCT123 Datasheet
295Kb / 25P
   Dual retriggerable monostable multivibrator with reset
Rev. 8-16 December 2011
logo
Nexperia B.V. All right...
74HCT123 NEXPERIA-74HCT123 Datasheet
322Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 12 - 11 August 2021
74HCT123-Q100 NEXPERIA-74HCT123-Q100 Datasheet
315Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 3.1 - 3 September 2020
More results

Podobny opis - 74HCT1284PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVC1284 PHILIPS-74LVC1284 Datasheet
100Kb / 10P
   3.3V Parallel printer interface transceiver/buffer
1995 Nov 10
PDI1284P11 PHILIPS-PDI1284P11 Datasheet
140Kb / 12P
   3.3V Parallel interface transceiver/buffer
1999 Sep 17
logo
List of Unclassifed Man...
EDE1400 ETC1-EDE1400 Datasheet
184Kb / 7P
   Parallel-Printer Interface IC
logo
Nexperia B.V. All right...
PDI1284P11 NEXPERIA-PDI1284P11 Datasheet
237Kb / 14P
   3.3 V parallel interface transceiver/buffer
Rev. 4 - 6 July 2021
logo
NXP Semiconductors
PDI1284P11 NXP-PDI1284P11 Datasheet
99Kb / 16P
   3.3 V parallel interface transceiver/buffer
Rev. 03-25 August 2008
logo
Mitsubishi Electric Sem...
M54610P MITSUBISHI-M54610P Datasheet
189Kb / 9P
   8-BIT PARALLEL DATA INTERFACE FOR PRINTER
logo
Gamewell-FCI by Honeywe...
RPI GAMEWELL-FCI-RPI Datasheet
61Kb / 1P
   Remote Printer Interface Module
logo
Purdy Electronics Corpo...
OPTO-3800S PURDY-OPTO-3800S Datasheet
720Kb / 1P
   Centronics Modems Printer Interface
logo
Micro Electronics
UM82C11 MICRO-ELECTRONICS-UM82C11 Datasheet
127Kb / 1P
   Printer Adapter Interface (PAI)
logo
UMC Corporation
UM82C11-C UMC-UM82C11-C Datasheet
517Kb / 9P
   Printer Adapter Interface (PAI)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com