Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HC4053D Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części 74HC4053D
Szczegółowy opis  Triple 2-channel analog multiplexer/demultiplexer
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4053D Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button 74HC4053D Datasheet HTML 2Page - NXP Semiconductors 74HC4053D Datasheet HTML 3Page - NXP Semiconductors 74HC4053D Datasheet HTML 4Page - NXP Semiconductors 74HC4053D Datasheet HTML 5Page - NXP Semiconductors 74HC4053D Datasheet HTML 6Page - NXP Semiconductors 74HC4053D Datasheet HTML 7Page - NXP Semiconductors 74HC4053D Datasheet HTML 8Page - NXP Semiconductors 74HC4053D Datasheet HTML 9Page - NXP Semiconductors 74HC4053D Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
74HC_HCT4053_4
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 04 — 9 May 2006
6 of 33
Philips Semiconductors
74HC4053; 74HCT4053
Triple 2-channel analog multiplexer/demultiplexer
7.2 Pin description
8.
Functional description
8.1 Function table
[1]
H = HIGH voltage level;
L = LOW voltage level;
X = don’t care.
9.
Limiting values
Table 3:
Pin description
Symbol
Pin
Description
2Y1
1
2 independent input/output 1
2Y0
2
2 independent input/output 0
3Y1
3
3 independent input/output 1
3Z
4
3 common input/output
3Y0
5
3 independent input/output 0
E
6
enable input (active LOW)
VEE
7
negative supply voltage
GND
8
ground (0 V)
S3
9
select input 3
S2
10
select input 2
S1
11
select input 1
1Y0
12
1 independent input/output 0
1Y1
13
1 independent input/output 1
1Z
14
1 common input/output
2Z
15
2 common input/output
VCC
16
supply voltage
Table 4:
Function table [1]
Control
Channel on
E
Sn
L
L
nY0 to nZ
H
nY1 to nZ
H
X
none
Table 5:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to
VEE = GND (ground = 0 V). [1]
Symbol Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+11.0
V
IIK
input clamping current
VI < −0.5 V or VI >VCC + 0.5 V
-
±20
mA
ISK
switch clamping current
VS < −0.5 V or VS >VCC + 0.5 V
-
±20
mA


Podobny numer części - 74HC4053D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC4053D NXP-74HC4053D Datasheet
224Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
74HC4053D NXP-74HC4053D Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
74HC4053D NXP-74HC4053D Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Toshiba Semiconductor
74HC4053D TOSHIBA-74HC4053D Datasheet
257Kb / 13P
   CMOS Digital Integrated Circuits Silicon Monolithic
2020-11-24 Rev.2.0
logo
Nexperia B.V. All right...
74HC4053D NEXPERIA-74HC4053D Datasheet
403Kb / 27P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 12 - 9 February 2023
More results

Podobny opis - 74HC4053D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M74HC4053 STMICROELECTRONICS-M74HC4053 Datasheet
313Kb / 15P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74LVX4053 UTC-U74LVX4053 Datasheet
239Kb / 11P
   Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4053A-Q1 TI1-SN74LV4053A-Q1 Datasheet
807Kb / 17P
[Old version datasheet]   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74HC4053-Q100 NEXPERIA-74HC4053-Q100 Datasheet
366Kb / 25P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 3 - 5 March 2020
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053_90 Datasheet
141Kb / 17P
   Triple 2-channel analog multiplexer/demultiplexer
December 1990
74HC4053 NXP-74HC4053 Datasheet
224Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
74HCT4053PW118 NXP-74HCT4053PW118 Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Renesas Technology Corp
HD74LV4053A RENESAS-HD74LV4053A_15 Datasheet
149Kb / 15P
   Triple 2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74LV4053 PHILIPS-74LV4053 Datasheet
154Kb / 16P
   Triple 2-channel analog multiplexer/demultiplexer
1998 Jun 23
logo
Hitachi Semiconductor
HD74LV4053A HITACHI-HD74LV4053A Datasheet
76Kb / 17P
   Triple 2-channel Analog Multiplexer / Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com