Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT4053N Arkusz danych(PDF) 10 Page - NXP Semiconductors

Numer części 74HCT4053N
Szczegółowy opis  Triple 2-channel analog multiplexer/demultiplexer
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT4053N Arkusz danych(HTML) 10 Page - NXP Semiconductors

Back Button 74HCT4053N Datasheet HTML 6Page - NXP Semiconductors 74HCT4053N Datasheet HTML 7Page - NXP Semiconductors 74HCT4053N Datasheet HTML 8Page - NXP Semiconductors 74HCT4053N Datasheet HTML 9Page - NXP Semiconductors 74HCT4053N Datasheet HTML 10Page - NXP Semiconductors 74HCT4053N Datasheet HTML 11Page - NXP Semiconductors 74HCT4053N Datasheet HTML 12Page - NXP Semiconductors 74HCT4053N Datasheet HTML 13Page - NXP Semiconductors 74HCT4053N Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
74HC_HCT4053_4
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 04 — 9 May 2006
10 of 33
Philips Semiconductors
74HC4053; 74HCT4053
Triple 2-channel analog multiplexer/demultiplexer
[1]
At supply voltages (VCC − VEE) approaching 2.0 V the analog switch ON resistance becomes extremely non-linear. Therefore, it is
recommended that these devices be used to transmit digital signals only, when using these supply voltages.
RON(rail)
ON resistance (rail)
Vis = VEE; VI = VIH or VIL
VCC = 2.0 V; VEE = 0 V; IS = 100 µA
[1] ---
VCC = 4.5 V; VEE = 0 V; IS = 1000 µA
-
-
210
VCC = 6.0 V; VEE = 0 V; IS = 1000 µA
-
-
180
VCC = 4.5 V; VEE = −4.5 V; IS = 1000 µA
-
-
160
Vis = VCC; VI = VIH or VIL
VCC = 2.0 V; VEE = 0 V; IS = 100 µA
[1] ---
VCC = 4.5 V; VEE = 0 V; IS = 1000 µA
-
-
240
VCC = 6.0 V; VEE = 0 V; IS = 1000 µA
-
-
210
VCC = 4.5 V; VEE = −4.5 V; IS = 1000 µA
-
-
180
Table 7:
RON resistance per switch 74HC4053 and 74HCT4053 …continued
For test circuit see Figure 8.
Vis is the input voltage at a nYn or nZ terminal, whichever is assigned as an input.
Vos is the output voltage at a nYn or nZ terminal, whichever is assigned as an output.
74HC4053 supply voltages: VCC − GND or VCC − VEE = 2.0 V, 4.5 V, 6.0 V and 9.0 V.
74HCT4053 supply voltages: VCC − GND = 4.5 V or 5.5 V; VCC − VEE = 2.0 V, 4.5 V, 6.0 V and 9.0 V.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
RON =VS / IS.Vis =0Vto(VCC − VEE).
(1) VCC = 4.5 V
(2) VCC =6V
(3) VCC =9V
Fig 8.
Test circuit for measuring RON
Fig 9.
Typical RON as a function of input voltage Vis
001aae129
VS
nYn
nZ
IS
Vis = 0 V to (VCC − VEE)
HIGH
(from select input)
VEE
Vis (V)
0
9.0
7.2
3.6
5.4
1.8
mnb047
50
70
30
90
110
10
RON
(
Ω)
(1)
(2)
(3)


Podobny numer części - 74HCT4053N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT4053N NXP-74HCT4053N Datasheet
224Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
74HCT4053N NXP-74HCT4053N Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
74HCT4053N NXP-74HCT4053N Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
More results

Podobny opis - 74HCT4053N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M74HC4053 STMICROELECTRONICS-M74HC4053 Datasheet
313Kb / 15P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74LVX4053 UTC-U74LVX4053 Datasheet
239Kb / 11P
   Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4053A-Q1 TI1-SN74LV4053A-Q1 Datasheet
807Kb / 17P
[Old version datasheet]   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74HC4053-Q100 NEXPERIA-74HC4053-Q100 Datasheet
366Kb / 25P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 3 - 5 March 2020
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053_90 Datasheet
141Kb / 17P
   Triple 2-channel analog multiplexer/demultiplexer
December 1990
74HC4053 NXP-74HC4053 Datasheet
224Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
74HCT4053PW118 NXP-74HCT4053PW118 Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Renesas Technology Corp
HD74LV4053A RENESAS-HD74LV4053A_15 Datasheet
149Kb / 15P
   Triple 2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74LV4053 PHILIPS-74LV4053 Datasheet
154Kb / 16P
   Triple 2-channel analog multiplexer/demultiplexer
1998 Jun 23
logo
Hitachi Semiconductor
HD74LV4053A HITACHI-HD74LV4053A Datasheet
76Kb / 17P
   Triple 2-channel Analog Multiplexer / Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com