Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HLMP-CB11-N0D00 Arkusz danych(PDF) 4 Page - Agilent(Hewlett-Packard)

Numer części HLMP-CB11-N0D00
Szczegółowy opis  T-1 3/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HP [Agilent(Hewlett-Packard)]
Strona internetowa  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-CB11-N0D00 Arkusz danych(HTML) 4 Page - Agilent(Hewlett-Packard)

  HLMP-CB11-N0D00 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-CB11-N0D00 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-CB11-N0D00 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-CB11-N0D00 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-CB11-N0D00 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-CB11-N0D00 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-CB11-N0D00 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-CB11-N0D00 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-CB11-N0D00 Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Part Numbering System
HLMP - x x xx - x x x xx
Mechanical Options
00: Bulk
DD: Ammo Pack
Color Bin Options
0: Full Color Bin Distribution
A: Color Bin 1 and 2
C: Color Bin 3 and 4
D: Color Bin 4 and 5
Maximum Intensity Bin
0: No Maximum Intensity Bin Limitation
Others: Refer to Device Selection Guide
Minimum Intensity Bin
Refer to Device Selection Guide
Viewing Intensity Bin
11: 15
° Without Standoff
12: 15
° With Standoff
26: 23
° Without Standoff
27: 23
° With Standoff
36: 30
° Without standoff
37: 30
° With Standoff
Color
B: Blue 470 nm
M: Green 525 nm
E: Cyan 505 nm
Package
C: T-13/4 (5 mm) Round Lamp


Podobny numer części - HLMP-CB11-N0D00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CB11-TW000 AVAGO-HLMP-CB11-TW000 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CB11-TW0DD AVAGO-HLMP-CB11-TW0DD Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CB11-TW0XX AVAGO-HLMP-CB11-TW0XX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CB11-UVAXX AVAGO-HLMP-CB11-UVAXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CB11-UVB00 AVAGO-HLMP-CB11-UVB00 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
More results

Podobny opis - HLMP-CB11-N0D00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CB11 AVAGO-HLMP-CB11_08 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-CE15 HP-HLMP-CE15 Datasheet
237Kb / 7P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Bluish-Green LED Lamps
HLMP-CE23 HP-HLMP-CE23 Datasheet
158Kb / 6P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Bluish-Green LED Lamps
HLMP-CWXX HP-HLMP-CWXX Datasheet
81Kb / 6P
   T-1 3/4 (5mm) Extra Bright Precision Optical Performance Precision Optical Performance
HLMP-DLXX HP-HLMP-DLXX Datasheet
129Kb / 8P
   T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL55 HP-HLMP-EL55 Datasheet
688Kb / 6P
   T-1 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CW46 AVAGO-HLMP-CW46 Datasheet
94Kb / 8P
   T-1 쩐 (5mm) Extra Bright Precision Optical Performance White LED Lamps.
HLMP-HB55 AVAGO-HLMP-HB55 Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
logo
Broadcom Corporation.
HLMP-EL55 BOARDCOM-HLMP-EL55 Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com