Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HLMP-DB25-G0002 Arkusz danych(PDF) 4 Page - Agilent(Hewlett-Packard)

Numer części HLMP-DB25-G0002
Szczegółowy opis  T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HP [Agilent(Hewlett-Packard)]
Strona internetowa  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-DB25-G0002 Arkusz danych(HTML) 4 Page - Agilent(Hewlett-Packard)

  HLMP-DB25-G0002 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-DB25-G0002 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-DB25-G0002 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-DB25-G0002 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-DB25-G0002 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-DB25-G0002 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Soldering/Cleaning
Cleaning agents from the ketone
family (acetone, methyl ethyl
ketone, etc.) and from the
chlorinated hydrocarbon family
(methylene chloride,
trichloroethylene, carbon
tetrachloride, etc.) are not
recommended for cleaning LED
parts. All of these various
solvents attack or dissolve the
encapsulating epoxies used to
form the package of plastic LED
parts.
For information on soldering
LEDs, please refer to Application
Note 1027.
Figure 8. Relative Luminous Intensity vs. Angular Displacement
for HLMP-KB45.
Figure 7. Relative Luminous Intensity vs. Angular Displacement
for HLMP-DB25.
10°
100°
40°
70°
20°
60°
80°
30°
50°
90°
10°
20°
30°
40°
50°
60°
70°
80°
90°
.6
.8
.2
.4
1.0
10°
100°
40°
70°
20°
60°
80°
30°
50°
90°
10°
20°
30°
40°
50°
60°
70°
80°
90°
.6
.8
.2
.4
1.0
Figure 6. Maximum DC Forward
Current vs. Ambient Temperature.
Derating Based on TJ Max. = 115
°C.
Figure 5. Relative Luminous Intensity
vs. Forward Current.
Figure 4. Forward Current vs.
Forward Voltage.
1.00E-06
1.00E-02
10
1
PULSE WIDTH (SECONDS)
1.00E-03
1.00E-04
1.00E-05
0
1.2
0.4
IF – DC FORWARD CURRENT – mA
010
20
35
0.8
515
25
30
0.3
0.2
0.1
0.5
0.6
0.7
0.9
1.0
1.1
0
0
TA – AMBIENT TEMPERATURE – °C
30
70
35
20
10
10
50
30
80
5
15
25
20
40
60
90


Podobny numer części - HLMP-DB25-G0002

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-DB25 AVAGO-HLMP-DB25 Datasheet
259Kb / 8P
   General purpose leads
More results

Podobny opis - HLMP-DB25-G0002

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Broadcom Corporation.
HLMP-3707 BOARDCOM-HLMP-3707 Datasheet
1Mb / 15P
   T-1 3/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-DS25 AVAGO-HLMP-DS25 Datasheet
254Kb / 8P
   T-1쩐 (5 mm), T-1 (3 mm) InGaN LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-3301 HP-HLMP-3301 Datasheet
215Kb / 11P
   T-1 3/4 (5 mm) Diffused LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-4700 HP-HLMP-4700 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-3707 HP-HLMP-3707_05 Datasheet
255Kb / 11P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700 AVAGO-HLMP-1700 Datasheet
410Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-1790 AVAGO-HLMP-1790 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Broadcom Corporation.
HLMP-4700 BOARDCOM-HLMP-4700 Datasheet
293Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-3707 HP-HLMP-3707 Datasheet
225Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com