Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M27C202-200K1TR Arkusz danych(PDF) 7 Page - STMicroelectronics

Numer części M27C202-200K1TR
Szczegółowy opis  2 Mbit (128Kb x16) UV EPROM and OTP EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C202-200K1TR Arkusz danych(HTML) 7 Page - STMicroelectronics

Back Button M27C202-200K1TR Datasheet HTML 3Page - STMicroelectronics M27C202-200K1TR Datasheet HTML 4Page - STMicroelectronics M27C202-200K1TR Datasheet HTML 5Page - STMicroelectronics M27C202-200K1TR Datasheet HTML 6Page - STMicroelectronics M27C202-200K1TR Datasheet HTML 7Page - STMicroelectronics M27C202-200K1TR Datasheet HTML 8Page - STMicroelectronics M27C202-200K1TR Datasheet HTML 9Page - STMicroelectronics M27C202-200K1TR Datasheet HTML 10Page - STMicroelectronics M27C202-200K1TR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7/15
M27C202
Table 9. Programming Mode DC Characteristics (1)
(TA =25 °C; VCC = 6.25V ± 0.25V; VPP = 12.75V ± 0.25V)
Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
Table 10. Programming Mode AC Characteristics (1)
(TA =25 °C; VCC = 6.25V ± 0.25V; VPP = 12.75V ± 0.25V)
Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
2. Sampled only, not 100% tested.
Symbol
Parameter
Test Condition
Min
Max
Unit
ILI
Input Leakage Current
0
≤ VIN ≤ VIH
±10
µA
ICC
Supply Current
50
mA
IPP
Program Current
E= VIL
50
mA
VIL
Input Low Voltage
–0.3
0.8
V
VIH
Input High Voltage
2
VCC + 0.5
V
VOL
Output Low Voltage
IOL = 2.1mA
0.4
V
VOH
Output High Voltage TTL
IOH = –400µA
2.4
V
VID
A9 Voltage
11.5
12.5
V
Symbol
Alt
Parameter
Test Condi tion
Min
Max
Unit
tAVPL
tAS
Address Valid to Program Low
2
µs
tQVPL
tDS
Input Valid to Program Low
2
µs
tVPHPL
tVPS
VPP High to Program Low
2
µs
tVCHPL
tVCS
VCC High to Program Low
2
µs
tELPL
tCES
Chip Enable Low to Program Low
2
µs
tPLPH
tPW
Program Pulse Width
95
105
µs
tPHQX
tDH
Program High to Input Transition
2
µs
tQXGL
tOES
Input Transition to Output Enable Low
2
µs
tGLQV
tOE
Output Enable Low to Output Valid
100
ns
tGHQZ
(2)
tDFP
Output Enable High to Output Hi-Z
0
130
ns
tGHAX
tAH
Output Enable High to Address
Transition
0ns
Programming
When delivered (and after each ‘1’s erasure for UV
EPROM), all bits of the M27C202 are in the ’1’
state. Data is introduced by selectively program-
ming ’0’s into the desired bit locations. Although
only ’0’s will be programmed, both ’1’s and ’0’s can
be present in the data word. The only way to
change a ‘0’ to a ‘1’ is by die exposure to ultraviolet
light (UV EPROM). The M27C202 is in the pro-
gramming mode when VPP input is at 12.75V, E is
at VIL and P is pulsed to VIL. The data to be pro-
grammed is applied to 16 bits in parallel, to the
data output pins. The levels required for the ad-
dress and data inputs are TTL. VCC is specified to
be 6.25V
± 0.25V.


Podobny numer części - M27C202-200K1TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M27C2001 STMICROELECTRONICS-M27C2001 Datasheet
227Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27C2001 STMICROELECTRONICS-M27C2001 Datasheet
115Kb / 16P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27C2001 STMICROELECTRONICS-M27C2001 Datasheet
261Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27C2001-10B1TR STMICROELECTRONICS-M27C2001-10B1TR Datasheet
227Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27C2001-10B1TR STMICROELECTRONICS-M27C2001-10B1TR Datasheet
115Kb / 16P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
More results

Podobny opis - M27C202-200K1TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M27W202 STMICROELECTRONICS-M27W202 Datasheet
103Kb / 15P
   2 Mbit 128Kb x16 Low Voltage UV EPROM and OTP EPROM
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27C4002 STMICROELECTRONICS-M27C4002 Datasheet
196Kb / 18P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C1024 STMICROELECTRONICS-M27C1024 Datasheet
106Kb / 15P
   1 Mbit (64Kb x16) UV EPROM and OTP EPROM
M27C322 STMICROELECTRONICS-M27C322 Datasheet
112Kb / 13P
   32 Mbit (2Mb x16) UV EPROM and OTP EPROM
April 2000
M27C4002 STMICROELECTRONICS-M27C4002_06 Datasheet
225Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C322 STMICROELECTRONICS-M27C322_06 Datasheet
196Kb / 24P
   32 Mbit (2Mb x16) UV EPROM and OTP EPROM
M27C4002-10C1 STMICROELECTRONICS-M27C4002-10C1 Datasheet
236Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27W101 STMICROELECTRONICS-M27W101_06 Datasheet
211Kb / 23P
   1 Mbit (128Kb x8) Low Voltage UV EPROM and OTP EPROM
M27W101 STMICROELECTRONICS-M27W101 Datasheet
103Kb / 15P
   1 Mbit 128Kb x8 Low Voltage UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com