Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M74HCT541TTR Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części M74HCT541TTR
Szczegółowy opis  OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT541TTR Arkusz danych(HTML) 4 Page - STMicroelectronics

  M74HCT541TTR Datasheet HTML 1Page - STMicroelectronics M74HCT541TTR Datasheet HTML 2Page - STMicroelectronics M74HCT541TTR Datasheet HTML 3Page - STMicroelectronics M74HCT541TTR Datasheet HTML 4Page - STMicroelectronics M74HCT541TTR Datasheet HTML 5Page - STMicroelectronics M74HCT541TTR Datasheet HTML 6Page - STMicroelectronics M74HCT541TTR Datasheet HTML 7Page - STMicroelectronics M74HCT541TTR Datasheet HTML 8Page - STMicroelectronics M74HCT541TTR Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
M74HCT541
4/9
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/8 (per circuit)
TEST CIRCUIT
CL = 50pF/150pF or equivalent (includes jig and probe capacitance)
R1 = 1KΩ or equivalent
RT = ZOUT of pulse generator (typically 50Ω)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
5.0
5
101010
pF
CPD
Power Dissipation
Capacitance (note
1)
5.0
34
pF
TEST
SWITCH
tPLH, tPHL
Open
tPZL, tPLZ
VCC
tPZH, tPHZ
GND


Podobny numer części - M74HCT541TTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M74HCT541 STMICROELECTRONICS-M74HCT541 Datasheet
266Kb / 12P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS HCT540: INVERTED - HCT541 NON INVERTED
M74HCT541B1R STMICROELECTRONICS-M74HCT541B1R Datasheet
266Kb / 12P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS HCT540: INVERTED - HCT541 NON INVERTED
M74HCT541C1R STMICROELECTRONICS-M74HCT541C1R Datasheet
266Kb / 12P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS HCT540: INVERTED - HCT541 NON INVERTED
M74HCT541M1R STMICROELECTRONICS-M74HCT541M1R Datasheet
266Kb / 12P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS HCT540: INVERTED - HCT541 NON INVERTED
More results

Podobny opis - M74HCT541TTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74VHCT240AF TOSHIBA-TC74VHCT240AF Datasheet
256Kb / 6P
   OCTAL BUS BUFFER INVERTED/NON-INVERTED, 3-STATE OUTPUTS
TC74VHC540F TOSHIBA-TC74VHC540F Datasheet
254Kb / 7P
   OCTAL BUS BUFFER INVERTED/NON INVERTED, 3-STATE OUTPUTS
TC74VHC240F TOSHIBA-TC74VHC240F Datasheet
254Kb / 6P
   OCTAL BUS BUFFER. INVERTED/NON-INVERTED, 3-STATE OUTPUTS
TC74VHCT540AF TOSHIBA-TC74VHCT540AF Datasheet
256Kb / 6P
   OCTAL BUS BUFFER. INVERTED/NON INVERTED, 3-STATE OUTPUTS
TC74LVX240F TOSHIBA-TC74LVX240F Datasheet
281Kb / 8P
   OCTAL BUS BUFFER. INVERTED/NON-INVERTED 3-STATE OUTPUTS
logo
STMicroelectronics
M74HCT244B1R STMICROELECTRONICS-M74HCT244B1R Datasheet
199Kb / 9P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
74AC541 STMICROELECTRONICS-74AC541 Datasheet
84Kb / 8P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
M74HC244 STMICROELECTRONICS-M74HC244 Datasheet
198Kb / 10P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
74VHC541 STMICROELECTRONICS-74VHC541 Datasheet
66Kb / 8P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
74VHCT541A STMICROELECTRONICS-74VHCT541A Datasheet
63Kb / 8P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
74AC244 STMICROELECTRONICS-74AC244 Datasheet
79Kb / 8P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
April 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com