Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVC125AD Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części 74LVC125AD
Szczegółowy opis  Quad buffer/line driver with 5-volt tolerant inputs/outputs 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC125AD Arkusz danych(HTML) 5 Page - NXP Semiconductors

  74LVC125AD Datasheet HTML 1Page - NXP Semiconductors 74LVC125AD Datasheet HTML 2Page - NXP Semiconductors 74LVC125AD Datasheet HTML 3Page - NXP Semiconductors 74LVC125AD Datasheet HTML 4Page - NXP Semiconductors 74LVC125AD Datasheet HTML 5Page - NXP Semiconductors 74LVC125AD Datasheet HTML 6Page - NXP Semiconductors 74LVC125AD Datasheet HTML 7Page - NXP Semiconductors 74LVC125AD Datasheet HTML 8Page - NXP Semiconductors 74LVC125AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
74LVC125A
Quad buffer/line driver with 5-volt
tolerant inputs/outputs (3-state)
1998 Apr 28
5
DC ELECTRICAL CHARACTERISTICS
Over recommended operating conditions voltages are referenced to GND (ground = 0V)
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Temp = -40
°C to +85°C
UNIT
MIN
TYP1
MAX
V
HIGH level Input voltage
VCC = 1.2V
VCC
V
VIH
HIGH level Input voltage
VCC = 2.7 to 3.6V
2.0
V
V
LOW level Input voltage
VCC = 1.2V
GND
V
VIL
LOW level Input voltage
VCC = 2.7 to 3.6V
0.8
V
VCC = 2.7V; VI = VIH or VIL;IO = –12mA
VCC*0.5
VO
HIGH level output voltage
VCC = 3.0V; VI = VIH or VIL;IO = –100µA
VCC*0.2
VCC
V
VOH
HIGH level output voltage
VCC = 3.0V; VI = VIH or VIL; IO = –18mA
VCC*0.6
V
VCC = 3.0V; VI = VIH or VIL; IO = –24mA
VCC*0.8
VCC = 2.7V; VI = VIH or VIL;IO = 12mA
0.40
VOL
LOW level output voltage
VCC = 3.0V; VI = VIH or VIL;IO = 100µA
GND
0.20
V
VCC = 3.0V; VI = VIH or VIL; IO = 24mA
0.55
I
Input leakage current
VCC =3 6V; V = 5 5V or GND
"01
"5
µA
II
Input leakage current
VCC = 3.6V; VI = 5.5V or GND
"0.1
"5
µA
IOZ
3-State output OFF-state current2
VCC = 3.6V; VI = VIH or VIL;VO = 5.5V or GND
0.1
"5
µA
Ioff
Power off leakage supply
VCC = 0.0V; VI or VO = 5.5V
0.1
"10
µA
ICC
Quiescent supply current
VCC = 3.6V; VI = VCC or GND; IO = 0
0.1
10
µA
∆ICC
Additional quiescent supply current
per input pin
VCC = 2.7V to 3.6V; VI = VCC –0.6V; IO = 0
5
500
µA
NOTE:
1. All typical values are at VCC = 3.3V and Tamb = 25°C.
2. For I/O ports the parameter IOZ includes the input leakage current.
AC CHARACTERISTICS
GND = 0 V; tr = tf = 2.5 ns; CL = 50 pF; RL = 500W
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3V ±0.3V
VCC = 2.7V
VCC = 1.2V
UNIT
MIN
TYP1
MAX
MIN
MAX
TYP
tPHL
tPLH
Propagation delay
nA to nY
Figures 1, 3
1.5
3.0
4.8
1.5
5.5
12.0
ns
tPZH
tPZL
3-State output enable time
nOE to nY
Figures 2, 3
1.5
3.8
5.7
1.5
6.7
13.0
ns
tPHZ
tPLZ
3-State output disable time
nOE to nY
Figures 2, 3
1.5
3.7
5.2
1.5
6.2
8
ns
NOTE:
1. These typical values are at VCC = 3.3V and Tamb = 25°C.


Podobny numer części - 74LVC125AD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVC125AD NXP-74LVC125AD Datasheet
124Kb / 16P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
Rev. 7-11 April 2013
logo
Nexperia B.V. All right...
74LVC125AD NEXPERIA-74LVC125AD Datasheet
248Kb / 13P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
Rev. 9 - 17 September 2021
74LVC125AD-Q100 NEXPERIA-74LVC125AD-Q100 Datasheet
709Kb / 15P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
logo
NXP Semiconductors
74LVC125AD-T NXP-74LVC125AD-T Datasheet
124Kb / 16P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
Rev. 7-11 April 2013
74LVC125ADB NXP-74LVC125ADB Datasheet
124Kb / 16P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
Rev. 7-11 April 2013
More results

Podobny opis - 74LVC125AD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVC241A PHILIPS-74LVC241A Datasheet
96Kb / 10P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 May 20
74LVC541A PHILIPS-74LVC541A Datasheet
94Kb / 10P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 Jul 29
74LVC126A PHILIPS-74LVC126A Datasheet
115Kb / 20P
   Quad buffer/line driver with 5 Volt tolerant input/outputs; 3-state
2003 Feb 28
74LVC240A PHILIPS-74LVC240A Datasheet
96Kb / 11P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs; inverting 3-State
1998 May 20
74LVC827A PHILIPS-74LVC827A Datasheet
98Kb / 12P
   10-bit buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 Sep 04
74LVC244A PHILIPS-74LVC244A Datasheet
96Kb / 10P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs 3-Statetitle
1998 May 20
logo
Nexperia B.V. All right...
74LVC541A NEXPERIA-74LVC541A Datasheet
253Kb / 13P
   Octal buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 6 - 27 August 2021
logo
NXP Semiconductors
74LVC244A PHILIPS-74LVC244A_03 Datasheet
103Kb / 17P
   Octal buffer/line driver with 5 V tolerant inputs/outputs (3-state)
2003 Oct 30
74LVC2G241 PHILIPS-74LVC2G241 Datasheet
103Kb / 18P
   Dual buffer/line driver with 5 V tolerant inputs/outputs; 3-state
2005 Feb 02
logo
Nexperia B.V. All right...
74LVC541A-Q100 NEXPERIA-74LVC541A-Q100 Datasheet
713Kb / 16P
   Octal buffer/line driver with 5 V tolerant inputs/outputs;3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com