Zakładka z wyszukiwarką danych komponentów |
|
HLMP-C517-N0000 Arkusz danych(PDF) 3 Page - Agilent(Hewlett-Packard) |
|
HLMP-C517-N0000 Arkusz danych(HTML) 3 Page - Agilent(Hewlett-Packard) |
3 / 10 page 3 Part Numbering System HLMP - C x xx - x x x xx Mechanical Options 00: Bulk 01: Tape & Reel, Crimped Leads 02: Tape & Reel, Straight Leads B2: Right Angle Housing, Even Leads UQ: Ammo Pack, Horizontal Leads Color Bin Options 0: Full Color Bin Distribution D: Color Bins 4 & 5 only Maximum Iv Bin Options 0: Open (No Maximum Limit) Others: Please refer to the Iv Bin Table Minimum Iv Bin Options Please refer to the Iv Bin Table Viewing Angle & Standoffs Options 15: 15 Degree, without Standoffs 17: 15 Degree, with Standoffs 23: 25 Degree, without Standoffs Color Options 1. AS AlGaAs Red 2. High Efficiency Red 3. Yellow 4. Orange 5. Green 6. Emerald Green Package Options C: T-1 3/4 (5 mm) |
Podobny numer części - HLMP-C517-N0000 |
|
Podobny opis - HLMP-C517-N0000 |